Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

23C8000-20 Datasheet(PDF) 11 Page - Macronix International

Part # 23C8000-20
Description  8M-BIT [1M x 8] CMOS MASK ROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

23C8000-20 Datasheet(HTML) 11 Page - Macronix International

Back Button 23C8000-20 Datasheet HTML 3Page - Macronix International 23C8000-20 Datasheet HTML 4Page - Macronix International 23C8000-20 Datasheet HTML 5Page - Macronix International 23C8000-20 Datasheet HTML 6Page - Macronix International 23C8000-20 Datasheet HTML 7Page - Macronix International 23C8000-20 Datasheet HTML 8Page - Macronix International 23C8000-20 Datasheet HTML 9Page - Macronix International 23C8000-20 Datasheet HTML 10Page - Macronix International 23C8000-20 Datasheet HTML 11Page - Macronix International  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
MX23C8000
MACRONIX INTERNATIONAL CO., LTD.
Headquarters:
TEL:+886-3-578-6688
FAX:+886-3-563-2888
Europe Office :
TEL:+32-2-456-8020
FAX:+32-2-456-8021
Hong Kong Office :
TEL:+86-755-834-335-79
FAX:+86-755-834-380-78
Japan Office :
Kawasaki Office :
TEL:+81-44-246-9100
FAX:+81-44-246-9105
Osaka Office :
TEL:+81-6-4807-5460
FAX:+81-6-4807-5461
Singapore Office :
TEL:+65-6346-5505
FAX:+65-6348-8096
Taipei Office :
TEL:+886-2-2509-3300
FAX:+886-2-2509-2200
MACRONIX AMERICA, INC.
TEL:+1-408-262-8887
FAX:+1-408-262-8810
http : //www.macronix.com
MACRONIX INTERNATIONAL CO., LTD. reserves the right to change product and specifications without notice.


Similar Part No. - 23C8000-20

ManufacturerPart #DatasheetDescription
logo
Macronix International
23C8111-10 MCNIX-23C8111-10 Datasheet
327Kb / 8P
   8M-BIT MASK ROM (8/16 BIT OUTPUT)
23C8111-12 MCNIX-23C8111-12 Datasheet
327Kb / 8P
   8M-BIT MASK ROM (8/16 BIT OUTPUT)
23C8111-90 MCNIX-23C8111-90 Datasheet
327Kb / 8P
   8M-BIT MASK ROM (8/16 BIT OUTPUT)
More results

Similar Description - 23C8000-20

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A23L3616 AMICC-A23L3616 Datasheet
193Kb / 10P
   8M X 16 / 16M X 8 BIT CMOS MASK ROM
A23L2616 AMICC-A23L2616 Datasheet
122Kb / 11P
   4M X 16 / 8M X 8 BIT CMOS MASK ROM
A23L2616 AMICC-A23L2616_15 Datasheet
160Kb / 11P
   4M X 16 / 8M X 8 BIT CMOS MASK ROM
logo
Macronix International
MX23L8051 MCNIX-MX23L8051 Datasheet
217Kb / 13P
   8M-BIT [8M x 1] CMOS SERIAL MASK-ROM
logo
AMIC Technology
A23L0616 AMICC-A23L0616_15 Datasheet
172Kb / 10P
   1M X 16 / 2M X 8 BIT CMOS MASK ROM
A23L0616 AMICC-A23L0616 Datasheet
259Kb / 11P
   1M X 16 / 2M X 8 BIT CMOS MASK ROM
A23L9316 AMICC-A23L9316 Datasheet
260Kb / 11P
   512K X 16 / 1M X 8 BIT CMOS MASK ROM
logo
Toshiba Semiconductor
TC531001 TOSHIBA-TC531001 Datasheet
235Kb / 5P
   1M BIT (128K WORD x 8 BIT) CMOS MASK ROM
logo
Macronix International
MX23C1024 MCNIX-MX23C1024 Datasheet
106Kb / 7P
   1M-BIT [64K x 16] CMOS MASK ROM
logo
SONiX Technology Compan...
SNR008 SONIX-SNR008_05 Datasheet
190Kb / 9P
   8M-bit Mask ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com