Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX23L6411TC-10 Datasheet(PDF) 1 Page - Macronix International

Part # MX23L6411TC-10
Description  64M-BIT (8M x 8 / 4M x 16) Mask ROM with Page Mode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX23L6411TC-10 Datasheet(HTML) 1 Page - Macronix International

  MX23L6411TC-10 Datasheet HTML 1Page - Macronix International MX23L6411TC-10 Datasheet HTML 2Page - Macronix International MX23L6411TC-10 Datasheet HTML 3Page - Macronix International MX23L6411TC-10 Datasheet HTML 4Page - Macronix International MX23L6411TC-10 Datasheet HTML 5Page - Macronix International MX23L6411TC-10 Datasheet HTML 6Page - Macronix International MX23L6411TC-10 Datasheet HTML 7Page - Macronix International MX23L6411TC-10 Datasheet HTML 8Page - Macronix International MX23L6411TC-10 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
P/N:PM0407
REV. 3.0, NOV. 22, 2002
FEATURES
• Bit organization
- 8M x 8 (byte mode)
- 4M x 16 (word mode)
• Fast access time
- Random access: 100ns (max.)
- Page access: 30ns (max.)
• Page Size
- 8 words per page
• Current
- Operating: 50mA
- Standby: 15uA (max.)
• Supply voltage
- 2.7V~3.6V
• Package
- 44 pin SOP (500 mil)
- 48 pin TSOP (12mm x 20mm)
ORDER INFORMATION
Part No.
Access Page Access Package
Time
Time
MX23L6411MC-12 120ns
50ns
44 pin SOP
MX23L6411TC-12 120ns
50ns
48 pin TSOP
MX23L6411RC-12 120ns
50ns
48 pin TSOP
(Reverse type)
MX23L6411MC-10 100ns
30ns
44 pin SOP
MX23L6411TC-10 100ns
30ns
48 pin TSOP
MX23L6411RC-10 100ns
30ns
48 pin TSOP
(Reverse type)
PIN DESCRIPTION
Symbol
Pin Function
A0~A21
Address Inputs
D0~D14
Data Outputs
D15/A-1
D15 (Word Mode) / LSB Address (Byte
Mode)
CE
Chip Enable Input
OE
Output Enable Input
Byte
Word / Byte Mode Selection
VCC
Power Supply Pin
VSS
Ground Pin
NC
No Connection
MODE SELECTION
CE OE Byte D15/A-1 D0~D7 D8~D15 Mode
Power
H
X
X
X
High Z
High Z
-
Stand-by
L
H
X
X
High Z
High Z
-
Active
L
L
H
Output
D0~D7 D8~D15 Word
Active
L
L
L
Input
D0~D7
High Z
Byte
Active
PIN CONFIGURATION
44 SOP
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
A21
A18
A17
A7
A6
A5
A4
A3
A2
A1
A0
CE
VSS
OE
D0
D8
D1
D9
D2
D10
D3
D11
A20
A19
A8
A9
A10
A11
A12
A13
A14
A15
A16
BYTE
VSS
D15/A-1
D7
D14
D6
D13
D5
D12
D4
VCC
MX23L6411
64M-BIT (8M x 8 / 4M x 16) Mask ROM with Page Mode


Similar Part No. - MX23L6411TC-10

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23L6410 MCNIX-MX23L6410 Datasheet
621Kb / 10P
   64M-BIT (8M x 8 / 4M x 16) Mask ROM
MX23L6410A MCNIX-MX23L6410A Datasheet
327Kb / 7P
   64M-BIT PAGE MODE MASK ROM
MX23L6410AMC-70G MCNIX-MX23L6410AMC-70G Datasheet
327Kb / 7P
   64M-BIT PAGE MODE MASK ROM
MX23L6410AMC-90G MCNIX-MX23L6410AMC-90G Datasheet
327Kb / 7P
   64M-BIT PAGE MODE MASK ROM
MX23L6410ATC-70 MCNIX-MX23L6410ATC-70 Datasheet
327Kb / 7P
   64M-BIT PAGE MODE MASK ROM
More results

Similar Description - MX23L6411TC-10

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23L6410 MCNIX-MX23L6410 Datasheet
621Kb / 10P
   64M-BIT (8M x 8 / 4M x 16) Mask ROM
logo
AMIC Technology
A23L2617 AMICC-A23L2617 Datasheet
213Kb / 11P
   4M X 16 / 8M X 8 BIT CMOS MASK ROM WITH PAGE MODE
A23L26166 AMICC-A23L26166 Datasheet
197Kb / 11P
   4M X 16 / 8M X 8 BIT CMOS MASK ROM WITH PAGE MODE
logo
Macronix International
MX23L12822 MCNIX-MX23L12822 Datasheet
41Kb / 7P
   128M-BIT (8M x 16 / 4M x 32) MASK ROM WITH PAGE MODE
logo
AMIC Technology
A23L2616 AMICC-A23L2616_15 Datasheet
160Kb / 11P
   4M X 16 / 8M X 8 BIT CMOS MASK ROM
A23L2616 AMICC-A23L2616 Datasheet
122Kb / 11P
   4M X 16 / 8M X 8 BIT CMOS MASK ROM
A23L36166 AMICC-A23L36166 Datasheet
190Kb / 10P
   8M X 16 / 16M X 8 BIT CMOS MASK ROM WITH PAGE MODE
logo
Macronix International
MX23L6422 MCNIX-MX23L6422 Datasheet
181Kb / 7P
   3.3 Volt 64M-BIT (4M x 16 / 2M x 32) Mask ROM with Page Mode
MX23L12811 MCNIX-MX23L12811 Datasheet
180Kb / 6P
   128M-BIT (8M x 16) MASK ROM WITH PAGE MODE(SOP ONLY)
MX23L12811-1 MCNIX-MX23L12811-1 Datasheet
590Kb / 8P
   NEW 128M-BIT (16M x 8 / 8M x 16) MASK ROM WITH PAGE MODE(TSOP PACKAGE)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com