Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX23L8000MI-15 Datasheet(PDF) 3 Page - Macronix International

Part # MX23L8000MI-15
Description  8M-BIT MASK ROM (8 BIT OUTPUT)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX23L8000MI-15 Datasheet(HTML) 3 Page - Macronix International

  MX23L8000MI-15 Datasheet HTML 1Page - Macronix International MX23L8000MI-15 Datasheet HTML 2Page - Macronix International MX23L8000MI-15 Datasheet HTML 3Page - Macronix International MX23L8000MI-15 Datasheet HTML 4Page - Macronix International MX23L8000MI-15 Datasheet HTML 5Page - Macronix International MX23L8000MI-15 Datasheet HTML 6Page - Macronix International MX23L8000MI-15 Datasheet HTML 7Page - Macronix International  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
P/N:PM0335
REV. 1.9, NOV. 21, 2002
MX23L8000
AC Test Conditions
Input Pulse Levels
0.4V~2.4V
Input Rise and Fall Times
10ns
Input Timing Level
1.4V
Output Timing Level
1.4V
Output Load
See Figure
Note:No output loading is present in tester load board.
Active loading is used and under software programming control.
Output loading capacitance includes load board's and all stray capacitance.
DOUT
C<100pF
IOL (load)=1.6mA
IOH (load)=-0.4mA
TIMING DIAGRAM
RANDOM READ
tACE
tAA
tOH
tHZ
ADD
ADD
ADD
ADD
CE
OE
DATA
Note:CE, OE are enable
VALID
VALID
VALID
tRC
tOE


Similar Part No. - MX23L8000MI-15

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23L8051 MCNIX-MX23L8051 Datasheet
217Kb / 13P
   8M-BIT [8M x 1] CMOS SERIAL MASK-ROM
More results

Similar Description - MX23L8000MI-15

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23C8100 MCNIX-MX23C8100 Datasheet
731Kb / 9P
   8M-BIT MASK ROM (8/16 BIT OUTPUT)
MX23L8111 MCNIX-MX23L8111 Datasheet
772Kb / 11P
   8M-BIT MASK ROM(8/16 BIT OUTPUT)
MX23L8100 MCNIX-MX23L8100 Datasheet
733Kb / 9P
   8M-BIT MASK ROM(8/16 BIT OUTPUT)
MX23C8100 MCNIX-MX23C8100_97 Datasheet
42Kb / 6P
   8M-BIT MASK ROM (8/16 BIT OUTPUT)
MX23C8111 MCNIX-MX23C8111 Datasheet
327Kb / 8P
   8M-BIT MASK ROM (8/16 BIT OUTPUT)
logo
SONiX Technology Compan...
SNR008 SONIX-SNR008_05 Datasheet
190Kb / 9P
   8M-bit Mask ROM
logo
Macronix International
MX23L8103 MCNIX-MX23L8103 Datasheet
309Kb / 8P
   8M-BIT MASK ROM
logo
Generalplus Technology ...
GPR23L800D GENERALPLUS-GPR23L800D Datasheet
354Kb / 8P
   8M-BIT MASK ROM
logo
Macronix International
MX23L8102 MCNIX-MX23L8102 Datasheet
156Kb / 6P
   8M-BIT MASK ROM
logo
SONiX Technology Compan...
SNR008 SONIX-SNR008 Datasheet
324Kb / 9P
   8M-bit Mask ROM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com