Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX26L1620MC-90 Datasheet(PDF) 7 Page - Macronix International

Part # MX26L1620MC-90
Description  16M-BIT [1M x 16] CMOS MULTIPLE-TIME-PROGRAMMABLE EPROM
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX26L1620MC-90 Datasheet(HTML) 7 Page - Macronix International

Back Button MX26L1620MC-90 Datasheet HTML 3Page - Macronix International MX26L1620MC-90 Datasheet HTML 4Page - Macronix International MX26L1620MC-90 Datasheet HTML 5Page - Macronix International MX26L1620MC-90 Datasheet HTML 6Page - Macronix International MX26L1620MC-90 Datasheet HTML 7Page - Macronix International MX26L1620MC-90 Datasheet HTML 8Page - Macronix International MX26L1620MC-90 Datasheet HTML 9Page - Macronix International MX26L1620MC-90 Datasheet HTML 10Page - Macronix International MX26L1620MC-90 Datasheet HTML 11Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
7
P/N:PM0827
REV. 0.4, JAN. 31, 2002
MX26L1620
REQUIREMENTS FOR READING ARRAY
DATA
To read array data from the outputs, the system must
drive the CE and OE pins to VIL. CE is the power control
and selects the device. OE is the output control and gates
array data to the output pins. WE should remain at VIH.
The internal state machine is set for reading array data
upon device power-up, or after a hardware reset. This
ensures that no spurious alteration of the memory contect
occurs during the power transition. No command is
necessary in this mode to obtain array data. Standard
microprocessor read cycles that assert valid address on
the device address inputs produce valid data on the device
data outputs.The device remains enabled for read access
until the command register contents are altered.
WRITE COMMANDS/COMMAND
SEQUENCES
To program data to the device, the system must drive
WE and CE to VIL, and OE to VIH.
An erase operation can erase the entire device. The
"Writing specific address and data commands or
sequences into the command register initiates device
operations. Table 1 defines the valid register command
sequences. Writing incorrect address and data values or
writing them in the improper sequence resets the device
to reading array data."section has details on erasing the
entire chip.
After the system writes the autoselect command
sequence, the device enters the autoselect mode. The
system can then read autoselect codes from the internal
reqister (which is separate from the memory array) on
Q15-Q0. Standard read cycle timings apply in this mode.
Refer to the Autoselect Mode and Autoselect Command
Sequence section for more information.
ICC2 in the DC Characteristics table represents the active
current specification for the write mode. The "AC
Characteristics" section contains timing specification
table and timing diagrams for write operations.
STANDBY MODE
MX26L1620 can be set into Standby mode with two dif-
ferent approaches. One is using both CE and RESET
pins and the other one is using RESET pin only.
When using both pins of CE and RESET, a CMOS
Standby mode is achieved with both pins held at Vcc ±
0.3V. Under this condition, the current consumed is less
than 50uA (typ.). If both of the CE and RESET are held
at VIH, but not within the range of VCC ± 0.3V, the device
will still be in the standby mode, but the standby currect
will be larger. During Auto Algorithm operation, Vcc ac-
tive current (Icc2) is required even CE = "H" until the
operation is complated.The device can be read with stan-
dard access time (tCE) from either of these standby
modes.
When using only RESET, a CMOS standby mode is
achieved with RESET input held at Vss ± 0.3V, Under
this condition the current is consumed less than 50uA
(typ.). Once the RESET pin is taken high,the device is
back to active without recovery delay.
In the standby mode the outputs are in the high imped-
ance state, independent of the OE input.
MX26L1620 is capable to provide the Automatic Standby
Mode to restrain power consumption during read-out of
data. This mode can be used effectively with an applica-
tion requested low power consumption such as handy
terminals.
To active this mode, MX26L1620 automatically switch
themselves to low power mode when MX26L1620 ad-
dresses remain stable during access time of tACC+30ns.
It is not necessary to control CE, WE, and OE on the
mode. Under the mode, the current consumed is typi-
cally 50uA (CMOS level).
OUTPUT DISABLE
With the OE input at a logic high level (VIH), output from
the devices are disabled. This will cause the output pins
to be in a high impedance state.
RESET OPERATION
The RESET pin provides a hardware method of resetting
the device to reading array data. When the RESET pin is
driven low for at least a period of tRP, the device
immediately terminates any operation in progress,
tristates all output pins, and ignores all read/write
commands for the duration of the RESET pluse. The


Similar Part No. - MX26L1620MC-90

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MX26L12811MC ETC1-MX26L12811MC Datasheet
248Kb / 32P
   128M [x8/x16] SINGLE 3V PAGE MODE MTP MEMORY
MX26L12811MC-12 ETC1-MX26L12811MC-12 Datasheet
248Kb / 32P
   128M [x8/x16] SINGLE 3V PAGE MODE MTP MEMORY
More results

Similar Description - MX26L1620MC-90

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX26C1000A MCNIX-MX26C1000A Datasheet
87Kb / 16P
   1M-BIT [128K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
MX26C1000B MCNIX-MX26C1000B Datasheet
1,016Kb / 23P
   1M-BIT [128K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
MX26L3220 MCNIX-MX26L3220 Datasheet
1Mb / 38P
   32M-BIT [2M x 16] CMOS MULTIPLE-TIME-PROGRAMMABLE EPROM
MX26L6420 MCNIX-MX26L6420 Datasheet
1Mb / 39P
   64M-BIT [4M x 16] CMOS MULTIPLE-TIME-PROGRAMMABLE EPROM
logo
List of Unclassifed Man...
MX26C512A ETC1-MX26C512A Datasheet
114Kb / 16P
   512K-BIT [64K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE EPROM
logo
Macronix International
MX26C2000B MCNIX-MX26C2000B Datasheet
1,016Kb / 23P
   2M-BIT [256K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
MX26C4000B MCNIX-MX26C4000B Datasheet
957Kb / 20P
   4M-BIT [512K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
MX27C1100 MCNIX-MX27C1100 Datasheet
786Kb / 19P
   1M-BIT [128K x 8/64K x 16] CMOS EPROM
MX27C1610 MCNIX-MX27C1610 Datasheet
321Kb / 19P
   16M-BIT [2M x 8/1M x 16] CMOS OTP ROM
logo
SPANSION
MBM29F160TE70 SPANSION-MBM29F160TE70 Datasheet
575Kb / 49P
   FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com