Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX23L6410YC-12 Datasheet(PDF) 4 Page - Macronix International

Part # MX23L6410YC-12
Description  64M-BIT (8M x 8 / 4M x 16) Mask ROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX23L6410YC-12 Datasheet(HTML) 4 Page - Macronix International

  MX23L6410YC-12 Datasheet HTML 1Page - Macronix International MX23L6410YC-12 Datasheet HTML 2Page - Macronix International MX23L6410YC-12 Datasheet HTML 3Page - Macronix International MX23L6410YC-12 Datasheet HTML 4Page - Macronix International MX23L6410YC-12 Datasheet HTML 5Page - Macronix International MX23L6410YC-12 Datasheet HTML 6Page - Macronix International MX23L6410YC-12 Datasheet HTML 7Page - Macronix International MX23L6410YC-12 Datasheet HTML 8Page - Macronix International MX23L6410YC-12 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
P/N:PM0408
REV. 3.7, JUL. 29, 2004
MX23L6410
AC Test Conditions
Input Pulse Levels
0.4V~ 2.4V
Input Rise and Fall Times
10ns
Input Timing Level
1.4V
Output Timing Level
1.4V
Output Load
See Figure
TIMING DIAGRAM
RANDOM READ
ADD
CE
tACE
tOE
tAA
Note: CE,OE are enable
tOH
tHZ
ADD
ADD
ADD
VALID
VALID
VALID
OE
DATA
tRC
Note:No output loading is present in tester load board.
Active loading is used and under software programming control.
Output loading capacitance includes load board's and all stray capacitance.
DOUT
C<100pF
IOL (load)=1.6mA
IOH (load)=-0.4mA
Item
Symbol
23L6410-90
23L6410-10
23L6410-12
23L6410-15
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
Read Cycle Time
tRC
90ns
-
100ns
-
120ns
-
150ns
-
Address Access Time
tAA
-
90ns
-
100ns
-
120ns
-
150ns
Chip Enable Access Time tACE
-
90ns
-
100ns
-
120ns
-
150ns
Output Enable Time
tOE
-
30ns
-
30ns
-
60ns
-
70ns
Output Hold After Address tOH
0ns
-
0ns
-
0ns
-
0ns
-
Output High Z Delay
tHZ
-
20ns
-
20ns
-
20ns
-
20ns
Note:Output high-impedance delay (tHZ) is measured from OE or CE going high, and this parameter guaranteed by
design over the full voltage and temperature operating range - not tested.
AC CHARACTERISTICS (Ta = 0
°°°°°C ~ 70°°°°°C for Commercial Grade ,Ta = -40°°°°°C ~ 85°°°°°C for Industrial Grade,VCC
= 2.7V~3.6V)


Similar Part No. - MX23L6410YC-12

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23L6410A MCNIX-MX23L6410A Datasheet
327Kb / 7P
   64M-BIT PAGE MODE MASK ROM
MX23L6410AMC-70G MCNIX-MX23L6410AMC-70G Datasheet
327Kb / 7P
   64M-BIT PAGE MODE MASK ROM
MX23L6410AMC-90G MCNIX-MX23L6410AMC-90G Datasheet
327Kb / 7P
   64M-BIT PAGE MODE MASK ROM
MX23L6410ATC-70 MCNIX-MX23L6410ATC-70 Datasheet
327Kb / 7P
   64M-BIT PAGE MODE MASK ROM
MX23L6410ATC-70G MCNIX-MX23L6410ATC-70G Datasheet
327Kb / 7P
   64M-BIT PAGE MODE MASK ROM
More results

Similar Description - MX23L6410YC-12

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23L6411 MCNIX-MX23L6411 Datasheet
487Kb / 10P
   64M-BIT (8M x 8 / 4M x 16) Mask ROM with Page Mode
logo
AMIC Technology
A23L2616 AMICC-A23L2616_15 Datasheet
160Kb / 11P
   4M X 16 / 8M X 8 BIT CMOS MASK ROM
A23L2616 AMICC-A23L2616 Datasheet
122Kb / 11P
   4M X 16 / 8M X 8 BIT CMOS MASK ROM
A23L2617 AMICC-A23L2617 Datasheet
213Kb / 11P
   4M X 16 / 8M X 8 BIT CMOS MASK ROM WITH PAGE MODE
A23L26166 AMICC-A23L26166 Datasheet
197Kb / 11P
   4M X 16 / 8M X 8 BIT CMOS MASK ROM WITH PAGE MODE
A23L3616 AMICC-A23L3616 Datasheet
193Kb / 10P
   8M X 16 / 16M X 8 BIT CMOS MASK ROM
logo
Macronix International
MX23L3210 MCNIX-MX23L3210 Datasheet
624Kb / 10P
   32M-BIT (4M x 8 / 2M x 16) Mask ROM
MX23C4100 MCNIX-MX23C4100 Datasheet
322Kb / 8P
   4M-BIT [512K x 8/256K x 16] MASK ROM
logo
AMIC Technology
A23L1616 AMICC-A23L1616 Datasheet
124Kb / 11P
   2M X 16 / 4M X 8 BIT CMOS MASK ROM
A23L1616 AMICC-A23L1616_15 Datasheet
160Kb / 11P
   2M X 16 / 4M X 8 BIT CMOS MASK ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com