Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX26L6420MC-12 Datasheet(PDF) 5 Page - Macronix International

Part # MX26L6420MC-12
Description  64M-BIT [4M x 16] CMOS MULTIPLE-TIME-PROGRAMMABLE EPROM
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX26L6420MC-12 Datasheet(HTML) 5 Page - Macronix International

  MX26L6420MC-12 Datasheet HTML 1Page - Macronix International MX26L6420MC-12 Datasheet HTML 2Page - Macronix International MX26L6420MC-12 Datasheet HTML 3Page - Macronix International MX26L6420MC-12 Datasheet HTML 4Page - Macronix International MX26L6420MC-12 Datasheet HTML 5Page - Macronix International MX26L6420MC-12 Datasheet HTML 6Page - Macronix International MX26L6420MC-12 Datasheet HTML 7Page - Macronix International MX26L6420MC-12 Datasheet HTML 8Page - Macronix International MX26L6420MC-12 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
5
P/N:PM0823
REV. 0.5, JAN. 29, 2002
MX26L6420
AUTOMATIC PROGRAMMING
The MX26L6420 is word programmable using the Auto-
matic Programming algorithm. The Automatic Program-
ming algorithm makes the external system do not need
to have time out sequence nor to verify the data pro-
grammed. The typical chip programming time at room
temperature of the MX26L6420 is less than 150 sec-
onds.
AUTOMATIC PROGRAMMING ALGORITHM
MXIC's Automatic Programming algorithm require the user
to only write program set-up commands (including 2 un-
lock write cycle and A0H) and a program command (pro-
gram data and address). The device automatically times
the programming pulse width, provides the program veri-
fication, and counts the number of sequences. A status
bit similar to DATA polling and a status bit toggling be-
tween consecutive read cycles, provide feedback to the
user as to the status of the programming operation.
AUTOMATIC CHIP ERASE
The entire chip is bulk erased using 50 ms erase pulses
according to MXIC's Automatic Chip Erase algorithm.
Typical erasure at room temperature is accomplished in
less than 90 seconds. The Automatic Erase algorithm
automatically programs the entire array prior to electrical
erase. The timing and verification of electrical erase are
controlled internally within the device.
AUTOMATIC ERASE ALGORITHM
MXIC's Automatic Erase algorithm requires the user to
write commands to the command register using stand-
ard microprocessor write timings. The device will auto-
matically pre-program and verify the entire array. Then
the device automatically times the erase pulse width,
provides the erase verification, and counts the number
of sequences. A status bit toggling between consecu-
tive read cycles provides feedback to the user as to the
status of the programming operation.
Register contents serve as inputs to an internal state-
machine which controls the erase and programming cir-
cuitry. During write cycles, the command register inter-
nally latches address and data needed for the program-
ming and erase operations. All address are latched on
the falling edge of WE or CE, whichever happens later.
All data are latched on rising edge of WE or CE, which-
ever happens first.
MXIC's Flash technology combines years of EPROM
experience to produce the highest levels of quality, relia-
bility, and cost effectiveness. The MX26L6420 electri-
cally erases all bits simultaneously using Fowler-Nord-
heim tunneling. The bytes are programmed by using the
EPROM programming mechanism of hot electron injec-
tion.
During a program cycle, the state-machine will control
the program sequences and command register will not
respond to any command set. After the state machine
has completed its task, it will allow the command regis-
ter to respond to its full command set.


Similar Part No. - MX26L6420MC-12

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX26L6419 MCNIX-MX26L6419 Datasheet
436Kb / 45P
   64M [x16] SINGLE 3V PAGE MODE MTP MEMORY
MX26L6419TC-10 MCNIX-MX26L6419TC-10 Datasheet
436Kb / 45P
   64M [x16] SINGLE 3V PAGE MODE MTP MEMORY
More results

Similar Description - MX26L6420MC-12

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX26C4000B MCNIX-MX26C4000B Datasheet
957Kb / 20P
   4M-BIT [512K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
MX26L3220 MCNIX-MX26L3220 Datasheet
1Mb / 38P
   32M-BIT [2M x 16] CMOS MULTIPLE-TIME-PROGRAMMABLE EPROM
MX26L1620 MCNIX-MX26L1620 Datasheet
683Kb / 36P
   16M-BIT [1M x 16] CMOS MULTIPLE-TIME-PROGRAMMABLE EPROM
logo
List of Unclassifed Man...
MX26C512A ETC1-MX26C512A Datasheet
114Kb / 16P
   512K-BIT [64K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE EPROM
logo
Macronix International
MX26C1000A MCNIX-MX26C1000A Datasheet
87Kb / 16P
   1M-BIT [128K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
MX26C1000B MCNIX-MX26C1000B Datasheet
1,016Kb / 23P
   1M-BIT [128K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
MX26C2000B MCNIX-MX26C2000B Datasheet
1,016Kb / 23P
   2M-BIT [256K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
logo
Fujitsu Component Limit...
MBM29LV652UE FUJITSU-MBM29LV652UE Datasheet
571Kb / 58P
   64M (4M X 16) BIT
MBM29LV650UE FUJITSU-MBM29LV650UE Datasheet
625Kb / 57P
   64M (4M x 16) BIT
logo
Macronix International
MX27C4100 MCNIX-MX27C4100 Datasheet
785Kb / 18P
   4M-BIT [512K x 8/256K x 16] CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com