Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK9628-100A Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BUK9628-100A
Description  N-channel TrenchMOS logic level FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK9628-100A Datasheet(HTML) 2 Page - NXP Semiconductors

  BUK9628-100A_15 Datasheet HTML 1Page - NXP Semiconductors BUK9628-100A_15 Datasheet HTML 2Page - NXP Semiconductors BUK9628-100A_15 Datasheet HTML 3Page - NXP Semiconductors BUK9628-100A_15 Datasheet HTML 4Page - NXP Semiconductors BUK9628-100A_15 Datasheet HTML 5Page - NXP Semiconductors BUK9628-100A_15 Datasheet HTML 6Page - NXP Semiconductors BUK9628-100A_15 Datasheet HTML 7Page - NXP Semiconductors BUK9628-100A_15 Datasheet HTML 8Page - NXP Semiconductors BUK9628-100A_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
BUK9628-100A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 02 — 26 April 2011
2 of 13
NXP Semiconductors
BUK9628-100A
N-channel TrenchMOS logic level FET
2.
Pinning information
3.
Ordering information
4.
Limiting values
Table 2.
Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
G
gate
SOT404 (D2PAK)
2
D
drain
3S
source
mb
D
mounting base; connected to drain
mb
13
2
S
D
G
mbb076
Table 3.
Ordering information
Type number
Package
Name
Description
Version
BUK9628-100A
D2PAK
plastic single-ended surface-mounted package (D2PAK); 3 leads
(one lead cropped)
SOT404
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage
Tj ≥ 25 °C; Tj ≤ 175 °C
-
100
V
VDGR
drain-gate voltage
RGS =20kΩ
-
100
V
VGS
gate-source voltage
-10
10
V
ID
drain current
Tmb =25°C
-
49
A
Tmb = 100 °C
-
34
A
IDM
peak drain current
Tmb = 25 °C; pulsed
-
195
A
Ptot
total power dissipation
Tmb = 25 °C
-
166
W
Tstg
storage temperature
-55
175
°C
Tj
junction temperature
-55
175
°C
VGSM
peak gate-source voltage
pulsed; tp ≤ 50 µs
-15
15
V
Source-drain diode
IS
source current
Tmb =25°C
-
49
A
ISM
peak source current
pulsed; Tmb = 25 °C
-
195
A
Avalanche ruggedness
EDS(AL)S
non-repetitive drain-source avalanche
energy
ID =30A; Vsup ≤ 25 V; RGS =50 Ω;
VGS =5 V; Tj(init) = 25 °C; unclamped
-45
mJ


Similar Part No. - BUK9628-100A_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK9628-100A PHILIPS-BUK9628-100A Datasheet
86Kb / 9P
   TrenchMOS transistor Logic level FET
March 2000-Rev 1.000
logo
Inchange Semiconductor ...
BUK9628-100A ISC-BUK9628-100A Datasheet
334Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
BUK9628-100A NEXPERIA-BUK9628-100A Datasheet
1Mb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02 - 26 April 2011
More results

Similar Description - BUK9628-100A_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP152NQ03LTA PHILIPS-PHP152NQ03LTA Datasheet
83Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-05 March 2004
PHB32N06LT NXP-PHB32N06LT Datasheet
376Kb / 11P
   N-channel TrenchMOS logic level FET
Rev. 02-30 November 2009
PHD97NQ03LT NXP-PHD97NQ03LT Datasheet
178Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 01-24 March 2009
PHU78NQ03LT NXP-PHU78NQ03LT Datasheet
184Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 06-15 June 2009
BUK9E2R4-40C NXP-BUK9E2R4-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-11 April 2008
BUK964R2-80E PHILIPS-BUK964R2-80E Datasheet
271Kb / 13P
   N-channel TrenchMOS logic level FET
13 March 2014
BUK961R5-30E NXP-BUK961R5-30E Datasheet
216Kb / 14P
   N-channel TrenchMOS logic level FET
5 October 2012
BUK962R2-40C NXP-BUK962R2-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-17 April 2008
PHP110NQ06LT PHILIPS-PHP110NQ06LT Datasheet
94Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-04 May 2004
PSMN7R0-30YL NXP-PSMN7R0-30YL Datasheet
192Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-15 October 2008
PH3330L NXP-PH3330L Datasheet
194Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-22 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com