Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQD45P03-12 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SQD45P03-12
Description  Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQD45P03-12 Datasheet(HTML) 3 Page - Vishay Siliconix

  SQD45P03-12_15 Datasheet HTML 1Page - Vishay Siliconix SQD45P03-12_15 Datasheet HTML 2Page - Vishay Siliconix SQD45P03-12_15 Datasheet HTML 3Page - Vishay Siliconix SQD45P03-12_15 Datasheet HTML 4Page - Vishay Siliconix SQD45P03-12_15 Datasheet HTML 5Page - Vishay Siliconix SQD45P03-12_15 Datasheet HTML 6Page - Vishay Siliconix SQD45P03-12_15 Datasheet HTML 7Page - Vishay Siliconix SQD45P03-12_15 Datasheet HTML 8Page - Vishay Siliconix SQD45P03-12_15 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SQD45P03-12
www.vishay.com
Vishay Siliconix
S12-2095-Rev. C, 03-Sep-12
3
Document Number: 65549
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
Output Characteristics
Transconductance
On-Resistance vs. Junction Temperature
Transfer Characteristics
On-Resistance vs. Drain Current
Source Drain Diode Forward Voltage
0
20
40
60
80
100
0
3
6
9
12
15
VGS =10 V thru 6 V
VGS =5 V
VDS - Drain-to-Source Voltage (V)
VGS =4 V
0
12
24
36
48
60
0
8
16
24
32
40
I
D - Drain Current (A)
T
C = 125 °C
T
C = - 55 °C
T
C = 25 °C
0.5
0.8
1.1
1.4
1.7
2.0
- 50
- 25
0
25
50
75
100
125
150
175
ID =15A
VGS =10 V
TJ - Junction Temperature (°C)
0
20
40
60
80
100
0
2468
10
TC = 25 °C
TC = 125 °C
TC = - 55 °C
VGS - Gate-to-Source Voltage (V)
0.00
0.01
0.02
0.03
0.04
0.05
0
20
40
60
80
100
I
D -Drain Current (A)
V
GS = 4.5 V
V
GS = 10 V
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1
0.01
0.001
0.1
10
100
TJ = 25 °C
TJ = 150 °C
VSD - Source-to-Drain Voltage (V)


Similar Part No. - SQD45P03-12_15

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SQD45P03-12-GE3 VBSEMI-SQD45P03-12-GE3 Datasheet
1Mb / 8P
   P-Channel 30 V (D-S) MOSFET
logo
Vishay Siliconix
SQD45P03-12-GE3 VISHAY-SQD45P03-12-GE3 Datasheet
163Kb / 9P
   Automotive P-Channel 30 V (D-S) 175 째C MOSFET
01-Jan-2022
SQD45P03-12 VISHAY-SQD45P03-12_V01 Datasheet
163Kb / 9P
   Automotive P-Channel 30 V (D-S) 175 째C MOSFET
01-Jan-2022
SQD45P03-12 VISHAY-SQD45P03-12_V02 Datasheet
162Kb / 9P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
More results

Similar Description - SQD45P03-12_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ4425EY VISHAY-SQ4425EY Datasheet
258Kb / 10P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 30-Jul-12
SQ4431EY VISHAY-SQ4431EY_15 Datasheet
258Kb / 11P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. C, 20-May-13
SQ2303ES VISHAY-SQ2303ES_15 Datasheet
222Kb / 11P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
SQS423ENW VISHAY-SQS423ENW_V02 Datasheet
224Kb / 9P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJA37EP VISHAY-SQJA37EP_V02 Datasheet
241Kb / 10P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQA403EJ VISHAY-SQA403EJ_V02 Datasheet
273Kb / 8P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD45P03-12 VISHAY-SQD45P03-12_V02 Datasheet
162Kb / 9P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ4435EY VISHAY-SQ4435EY_15 Datasheet
253Kb / 10P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 31-Oct-11
SQ4483EY VISHAY-SQ4483EY_15 Datasheet
302Kb / 11P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 10-Aug-15
SQD50P03-07 VISHAY-SQD50P03-07_15 Datasheet
163Kb / 10P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 30-Jul-12
SQJ403EEP VISHAY-SQJ403EEP Datasheet
183Kb / 10P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 18-Jul-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com