Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQD50N10-8M9L Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SQD50N10-8M9L
Description  Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQD50N10-8M9L Datasheet(HTML) 2 Page - Vishay Siliconix

  SQD50N10-8M9L_15 Datasheet HTML 1Page - Vishay Siliconix SQD50N10-8M9L_15 Datasheet HTML 2Page - Vishay Siliconix SQD50N10-8M9L_15 Datasheet HTML 3Page - Vishay Siliconix SQD50N10-8M9L_15 Datasheet HTML 4Page - Vishay Siliconix SQD50N10-8M9L_15 Datasheet HTML 5Page - Vishay Siliconix SQD50N10-8M9L_15 Datasheet HTML 6Page - Vishay Siliconix SQD50N10-8M9L_15 Datasheet HTML 7Page - Vishay Siliconix SQD50N10-8M9L_15 Datasheet HTML 8Page - Vishay Siliconix SQD50N10-8M9L_15 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SQD50N10-8m9L
www.vishay.com
Vishay Siliconix
S13-0875-Rev. A, 22-Apr-13
2
Document Number: 62778
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Pulse test; pulse width
 300 μs, duty cycle  2 %.
b. Guaranteed by design, not subject to production testing.
c. Independent of operating temperature.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 μA
100
-
-
V
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 μA
1.5
2.0
2.5
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
-
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V
VDS = 100 V
-
-
1
μA
VGS = 0 V
VDS = 100 V, TJ = 125 °C
-
-
50
VGS = 0 V
VDS = 100 V, TJ = 175 °C
-
-
500
On-State Drain Currenta
ID(on)
VGS = 10 V
VDS5 V
50
-
-
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V
ID = 15 A
-
0.0071
0.0089
VGS = 10 V
ID = 15 A, TJ = 125 °C
-
-
0.0151
VGS = 10 V
ID = 15 A, TJ = 175 °C
-
-
0.0187
VGS = 4.5 V
ID = 10 A
-
0.0089
0.0112
Forward Transconductanceb
gfs
VDS = 15 V, ID = 15 A
-
67
-
S
Dynamicb
Input Capacitance
Ciss
VGS = 0 V
VDS = 25 V, f = 1 MHz
-
2340
2950
pF
Output Capacitance
Coss
-
1441
1810
Reverse Transfer Capacitance
Crss
-
124
160
Total Gate Chargec
Qg
VGS = 10 V
VDS = 50 V, ID = 50 A
-46
70
nC
Gate-Source Chargec
Qgs
-7.5
-
Gate-Drain Chargec
Qgd
-10
-
Gate Resistance
Rg
f = 1 MHz
6
12.3
18.5
Turn-On Delay Timec
td(on)
VDD = 50 V, RL = 1 
ID  50 A, VGEN = 10 V, Rg = 1 
-12
18
ns
Rise Timec
tr
-12
18
Turn-Off Delay Timec
td(off)
-
95
145
Fall Timec
tf
-
120
180
Source-Drain Diode Ratings and Characteristicsb
Pulsed Currenta
ISM
-
-
200
A
Forward Voltage
VSD
IF = 15 A, VGS = 0 V
-
0.8
1.5
V


Similar Part No. - SQD50N10-8M9L_15

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SQD50N10-8M9L-GE3 VBSEMI-SQD50N10-8M9L-GE3 Datasheet
987Kb / 8P
   N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SQD50N10-8M9L-GE3 VISHAY-SQD50N10-8M9L-GE3 Datasheet
166Kb / 9P
   Automotive N-Channel 100 V (D-S) 175 째C MOSFET
01-Jan-2022
SQD50N10-8M9L VISHAY-SQD50N10-8M9L_V01 Datasheet
166Kb / 9P
   Automotive N-Channel 100 V (D-S) 175 째C MOSFET
01-Jan-2022
SQD50N10-8M9L VISHAY-SQD50N10-8M9L_V02 Datasheet
165Kb / 9P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
01-Jan-2023
More results

Similar Description - SQD50N10-8M9L_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQM70060EL VISHAY-SQM70060EL Datasheet
223Kb / 10P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. A, 18-Apr-16
SQR70090ELR VISHAY-SQR70090ELR Datasheet
240Kb / 7P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. A, 05-Sep-16
SQ2398ES VISHAY-SQ2398ES_15 Datasheet
260Kb / 11P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. A, 30-Jul-15
SQJ456EP VISHAY-SQJ456EP_15 Datasheet
172Kb / 11P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. F, 28-Nov-11
SQM70060EL VISHAY-SQM70060EL_V02 Datasheet
205Kb / 9P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJA68EP VISHAY-SQJA68EP_V02 Datasheet
262Kb / 10P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
01-Jan-2023
SQA700CEJW VISHAY-SQA700CEJW_V02 Datasheet
177Kb / 6P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJ476EP VISHAY-SQJ476EP_V01 Datasheet
303Kb / 10P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD50N10-8M9L VISHAY-SQD50N10-8M9L_V02 Datasheet
165Kb / 9P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
01-Jan-2023
SQP120N10-09 VISHAY-SQP120N10-09_15 Datasheet
153Kb / 10P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. B, 10-Aug-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com