Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX26L1620XAC-90 Datasheet(PDF) 11 Page - Macronix International

Part # MX26L1620XAC-90
Description  16M-BIT [1M x 16] CMOS MULTIPLE-TIME-PROGRAMMABLE EPROM
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX26L1620XAC-90 Datasheet(HTML) 11 Page - Macronix International

Back Button MX26L1620XAC-90 Datasheet HTML 7Page - Macronix International MX26L1620XAC-90 Datasheet HTML 8Page - Macronix International MX26L1620XAC-90 Datasheet HTML 9Page - Macronix International MX26L1620XAC-90 Datasheet HTML 10Page - Macronix International MX26L1620XAC-90 Datasheet HTML 11Page - Macronix International MX26L1620XAC-90 Datasheet HTML 12Page - Macronix International MX26L1620XAC-90 Datasheet HTML 13Page - Macronix International MX26L1620XAC-90 Datasheet HTML 14Page - Macronix International MX26L1620XAC-90 Datasheet HTML 15Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
11
P/N:PM0827
REV. 0.4, JAN. 31, 2002
MX26L1620
READING ARRAY DATA
The device is automatically set to reading array data
after device power-up. No commands are required to
retrieve data.The device is also ready to read array data
after completing an Automatic Program or Automatic
Erase algorithm.
The system
must issue the reset command to re-en-
able the device for reading array data if Q5 goes high, or
while in the autoselect mode. See the "Reset Command"
section, next.
RESET COMMAND
Writing the reset command to the device resets the
device to reading array data. Address bits are don't care
for this command.
The reset command may be written between the se-
quence cycles in an erase command sequence before
erasing begins. This resets the device to reading array
data. Once erasure begins, however, the device ignores
reset commands until the operation is complete.
The reset command may be written between the se-
quence cycles in a program command sequence before
programming begins. This resets the device to reading
array data. Once programming begins,however, the device
ignores reset commands until the operation is complete.
The reset command may be written between the se-
quence cycles in an SILICON ID READ command
sequence. Once in the SILICON ID READ mode, the
reset command
must be written to return to reading array
data.
If Q5 goes high during a program or erase operation,
writing the reset command returns the device to reading
array data.
SILICON ID READ COMMAND SEQUENCE
The SILICON ID READ command sequence allows the
host system to access the manufacturer and devices
codes, and determine whether or not. Table 4 shows the
address and data requirements. This method is an
alternative to that shown in Table 1, which is intended for
EPROM programmers and requires VID on address bit
A9.
The SILICON ID READ command sequence is initiated
by writing two unlock cycles, followed by the SILICON
ID READ command. The device then enters the SILICON
ID READ mode, and the system may read at any address
any number of times, without init iating another command
sequence. A read cycle at address XX00h retrieves the
manufacturer code. A read cycle at address XX01h re-
turns the device code.
The system must write the reset command to exit the
autoselect mode and return to reading array data.
WORD PROGRAM COMMAND SEQUENCE
The command sequence requires four bus cycles, and
is initiated by writing two unlock write cycles, followed
by the program set-up command. The program address
and data are written next, which in turn initiate the
Embedded Program algorithm.The system is
not required
to provide fur ther controls or timings. The device
automatically generates the program pulses and verifies
the programmed cell margin. Table 4 shows the address
and data requirements for the byte program command
sequence.
When the Embedded Program algorithm is complete, the
device then returns to reading array data and addresses
are no longer latched. The system can determine the
status of the program operation by using Q7, Q6. See
"Write Operation Status" for information on these status
bits.
Any commands written to the device during the Em-
bedded Program Algorithm are ignored. Note that a
hardware reset immediately terminates the programming
operation. The Word Program command sequence should
be reinitiated once the device has reset to reading array
data, to ensure data integrity.
Programming is allowed in any sequence. A bit cannot
be programmed from a "0" back to a "1". Cause the Data
Polling algorithm to indicate the operation was successful.
However, a succeeding read will show that the data is
still "0". Only erase operations can convert a "0" to a
"1".
ACCELERATED PROGRAM OPERATIONS
The device offers accelerated program operations through
the ACC pin. When the system asserts VHH on the ACC
pin, the device automatically bypass the two "Unlock"
write cycle. The device uses the higher voltage on the
ACC pin to accelerate the operation. Note that the ACC
pin must not be at VHH any operation other than accelerated
programming, or device damage may result.


Similar Part No. - MX26L1620XAC-90

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MX26L12811MC ETC1-MX26L12811MC Datasheet
248Kb / 32P
   128M [x8/x16] SINGLE 3V PAGE MODE MTP MEMORY
MX26L12811MC-12 ETC1-MX26L12811MC-12 Datasheet
248Kb / 32P
   128M [x8/x16] SINGLE 3V PAGE MODE MTP MEMORY
More results

Similar Description - MX26L1620XAC-90

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX26C1000A MCNIX-MX26C1000A Datasheet
87Kb / 16P
   1M-BIT [128K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
MX26C1000B MCNIX-MX26C1000B Datasheet
1,016Kb / 23P
   1M-BIT [128K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
MX26L3220 MCNIX-MX26L3220 Datasheet
1Mb / 38P
   32M-BIT [2M x 16] CMOS MULTIPLE-TIME-PROGRAMMABLE EPROM
MX26L6420 MCNIX-MX26L6420 Datasheet
1Mb / 39P
   64M-BIT [4M x 16] CMOS MULTIPLE-TIME-PROGRAMMABLE EPROM
logo
List of Unclassifed Man...
MX26C512A ETC1-MX26C512A Datasheet
114Kb / 16P
   512K-BIT [64K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE EPROM
logo
Macronix International
MX26C2000B MCNIX-MX26C2000B Datasheet
1,016Kb / 23P
   2M-BIT [256K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
MX26C4000B MCNIX-MX26C4000B Datasheet
957Kb / 20P
   4M-BIT [512K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
MX27C1100 MCNIX-MX27C1100 Datasheet
786Kb / 19P
   1M-BIT [128K x 8/64K x 16] CMOS EPROM
MX27C1610 MCNIX-MX27C1610 Datasheet
321Kb / 19P
   16M-BIT [2M x 8/1M x 16] CMOS OTP ROM
logo
SPANSION
MBM29F160TE70 SPANSION-MBM29F160TE70 Datasheet
575Kb / 49P
   FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com