Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

23L3211-12 Datasheet(PDF) 9 Page - Macronix International

Part # 23L3211-12
Description  32M-BIT MASK ROM (8/16-BIT OUTPUT)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

23L3211-12 Datasheet(HTML) 9 Page - Macronix International

Back Button 23L3211-12 Datasheet HTML 2Page - Macronix International 23L3211-12 Datasheet HTML 3Page - Macronix International 23L3211-12 Datasheet HTML 4Page - Macronix International 23L3211-12 Datasheet HTML 5Page - Macronix International 23L3211-12 Datasheet HTML 6Page - Macronix International 23L3211-12 Datasheet HTML 7Page - Macronix International 23L3211-12 Datasheet HTML 8Page - Macronix International 23L3211-12 Datasheet HTML 9Page - Macronix International 23L3211-12 Datasheet HTML 10Page - Macronix International  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
P/N:PM0411
REV. 2.9, MAY 11, 2004
MX23L3211
REVISION HISTORY
REVISION
DESCRIPTION
PAGE
DATE
2.0
Output hold after address (tOH) spec is revised as 0ns(min.)
P4
JAN/22/1999
120ns speed grade's voltage range is revised as 2.7V~3.6V
P1
2.1
Modify Package Information
P6~7
JUL/17/2001
2.2
1. Add supply voltage relative to VSS
P3
JUL/25/2002
2. Change voltage on any pin relative to VSS:-0.5V to VCC+2.0
P3
2.3
1. Supply voltage change to 2.7V ~ 3.6V
P1
JUL/26/2002
2.4
1. Modify VIN : -0.5V to VCC + 2V --> -0.5V to VCC + 2.0V
P3
AUG/21/2002
2. Add 48-TSOP reverse type package information
P8
2.5
To modify Package Information
P6~8
NOV/21/2002
2.6
1. Add access time:70ns, 90ns
P1,4
JAN/20/2003
2.7
1. Add MX23L3211MC-90 in Order Information
P1
JAN/22/2003
2.8
1. Modify Timing Diagram--Page Read
P5
JAN/23/2003
2.9
1. Add Pb-free package in order information
P1
MAY/11/2004


Similar Part No. - 23L3211-12

ManufacturerPart #DatasheetDescription
logo
Macronix International
23L3210-10 MCNIX-23L3210-10 Datasheet
624Kb / 10P
   32M-BIT (4M x 8 / 2M x 16) Mask ROM
23L3210-12 MCNIX-23L3210-12 Datasheet
624Kb / 10P
   32M-BIT (4M x 8 / 2M x 16) Mask ROM
23L3210-15 MCNIX-23L3210-15 Datasheet
624Kb / 10P
   32M-BIT (4M x 8 / 2M x 16) Mask ROM
23L3210-70 MCNIX-23L3210-70 Datasheet
624Kb / 10P
   32M-BIT (4M x 8 / 2M x 16) Mask ROM
23L3210-90 MCNIX-23L3210-90 Datasheet
624Kb / 10P
   32M-BIT (4M x 8 / 2M x 16) Mask ROM
More results

Similar Description - 23L3211-12

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23C3210 MCNIX-MX23C3210_99 Datasheet
118Kb / 8P
   32M-BIT MASK ROM (8/16-BIT OUTPUT)
MX23L3222 MCNIX-MX23L3222 Datasheet
37Kb / 6P
   32M-BIT MASK ROM (16/32 BIT OUTPUT)
MX23L3213 MCNIX-MX23L3213 Datasheet
181Kb / 6P
   32M-BIT MASK ROM
logo
Generalplus Technology ...
GPR23L3200E GENERALPLUS-GPR23L3200E Datasheet
238Kb / 10P
   32M-BIT MASK ROM
logo
SONiX Technology Compan...
SNR032 SONIX-SNR032 Datasheet
250Kb / 10P
   32M-bit Mask ROM
logo
Macronix International
MX23L3212 MCNIX-MX23L3212 Datasheet
156Kb / 6P
   32M-BIT MASK ROM
MX23L3216 MCNIX-MX23L3216 Datasheet
39Kb / 5P
   32M-BIT MASK ROM
MX23L3214 MCNIX-MX23L3214 Datasheet
435Kb / 9P
   32M-BIT MASK ROM
MX23C8100 MCNIX-MX23C8100 Datasheet
731Kb / 9P
   8M-BIT MASK ROM (8/16 BIT OUTPUT)
MX23L8111 MCNIX-MX23L8111 Datasheet
772Kb / 11P
   8M-BIT MASK ROM(8/16 BIT OUTPUT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com