Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

27C1610-12 Datasheet(PDF) 7 Page - Macronix International

Part # 27C1610-12
Description  16M-BIT [2M x 8/1M x 16] CMOS OTP ROM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

27C1610-12 Datasheet(HTML) 7 Page - Macronix International

Back Button 27C1610-12 Datasheet HTML 3Page - Macronix International 27C1610-12 Datasheet HTML 4Page - Macronix International 27C1610-12 Datasheet HTML 5Page - Macronix International 27C1610-12 Datasheet HTML 6Page - Macronix International 27C1610-12 Datasheet HTML 7Page - Macronix International 27C1610-12 Datasheet HTML 8Page - Macronix International 27C1610-12 Datasheet HTML 9Page - Macronix International 27C1610-12 Datasheet HTML 10Page - Macronix International 27C1610-12 Datasheet HTML 11Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7
P/N:PM0593
REV. 1.4, NOV. 19, 2002
MX27C1610
NOTES:
1. Q7 : WRITE STATE MACHINE STATUS
1 = READY, 0 = BUSY
Q4 : PROGRAM FAIL STATUS
1 = FAIL IN PROGRAM, 0 = SUCCESSFUL PROGRAM
Q3=0 = RESERVED FOR FUTURE ENHANCEMENTS.
These bits are reserved for future use ; mask them out when polling the Status Register.
2. PROGRAM STATUS is for the status during Page Programming.
3. FAIL STATUS bit(Q4) is provied during Page Program mode.
STATUS REGISTER TABLE
LOW VCC WRITE INHIBIT
To avoid initiation of a write cycle during VCC power-up
and power-down, a write cycle is locked out for VCC
less than VLKO(= 3.2V , typically 3.5V). If VCC < VLKO,
the command register is disabled and all internal pro-
gram circuits are disabled. Under this condition the
device will reset to the read mode. Subsequent writes
will be ignored until the VCC level is greater than VLKO.
It is the user's responsibility to ensure that the control
pins are logically correct to prevent unintentional write
when VCC is above VLKO.
WRITE PULSE "GLITCH" PROTECTION
Noise pulses of less than 10ns (typical) on CE will not
initiate a write cycle.
LOGICAL INHIBIT
Writing is inhibited by holding any one of OE = VIL,CE =
VIH. To initiate a write cycle CE must be a logical zero
while OE is a logical one, and BYTE/VPP=10V.
STATUS
NOTES
Q7
Q4
Q3
IN PROGRESS
PROGRAM
1,2
0
0
0
COMPLETE
PROGRAM
1,2
1
0
0
FAIL
PROGRAM
1,3
1
1
0
AFTER CLEARING STATUS REGISTER
10
0
NOTICE:
Stresses greater than those listed under ABSOLUTE MAXI-
MUM RATINGS may cause permanent damage to the de-
vice. This is stress rating only and functional operational
sections of this specification is not implied. Exposure to ab-
solute maximum rating conditions for extended period may
affect reliability.
NOTICE:
Specifications contained within the following tables are sub-
ject to change.
ELECTRICAL SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
RATING
VALUE
Ambient Operating Temperature
0°C to 70°C
Storage Temperature
-65°C to 125°C
Applied Input Voltage
-0.5V to 7.0V
Applied Output Voltage
-0.5V to 7.0V
VCC to Ground Potential
-0.5V to 7.0V
A9
-0.5V to 13.5V
BYTE/VPP
-0.5V to 12.0V


Similar Part No. - 27C1610-12

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
27C16 NSC-27C16 Datasheet
111Kb / 8P
   16,384-Bit (2048 x 8) UV Erasable CMOS PROM Military Qualified
logo
STMicroelectronics
27C160 STMICROELECTRONICS-27C160 Datasheet
187Kb / 19P
   16 Mbit 2Mb x8 or 1Mb x16 UV EPROM and OTP EPROM
logo
Microchip Technology
27C16A-15IL MICROCHIP-27C16A-15IL Datasheet
64Kb / 8P
   16K (2K x 8) CMOS EEPROM
1996
27C16A-15IP MICROCHIP-27C16A-15IP Datasheet
64Kb / 8P
   16K (2K x 8) CMOS EEPROM
1996
27C16A-15ITS MICROCHIP-27C16A-15ITS Datasheet
64Kb / 8P
   16K (2K x 8) CMOS EEPROM
1996
More results

Similar Description - 27C1610-12

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29PL160TD FUJITSU-MBM29PL160TD Datasheet
591Kb / 51P
   16M (2M x 8/1M x 16) BIT
MBM29F160TE FUJITSU-MBM29F160TE Datasheet
577Kb / 53P
   16M (2M X 8/1M X 16) BIT
MBM29LV160TE FUJITSU-MBM29LV160TE Datasheet
653Kb / 59P
   16M (2M X 8/1M X 16) BIT
MBM29SL160TD FUJITSU-MBM29SL160TD Datasheet
715Kb / 61P
   16M (2M x 8/1M x 16) BIT
logo
AMIC Technology
A23L0616 AMICC-A23L0616_15 Datasheet
172Kb / 10P
   1M X 16 / 2M X 8 BIT CMOS MASK ROM
A23L0616 AMICC-A23L0616 Datasheet
259Kb / 11P
   1M X 16 / 2M X 8 BIT CMOS MASK ROM
logo
Sharp Corporation
LH5316P00B SHARP-LH5316P00B Datasheet
50Kb / 6P
   CMOS 16M (2M x 8/1M x 16) MROM
logo
SPANSION
MBM29F160TE70 SPANSION-MBM29F160TE70 Datasheet
575Kb / 49P
   FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT
MBM29LV160T SPANSION-MBM29LV160T Datasheet
731Kb / 58P
   FLASH MEMORY CMOS 16M (2M x 8/1M x 16) BIT
logo
Fujitsu Component Limit...
MBM29LV160T FUJITSU-MBM29LV160T Datasheet
767Kb / 60P
   16M (2M x쨈 8/1M x 16) BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com