Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX27C256 Datasheet(PDF) 1 Page - Macronix International

Part # MX27C256
Description  256K-BIT [32K x 8] CMOS EPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX27C256 Datasheet(HTML) 1 Page - Macronix International

  MX27C256 Datasheet HTML 1Page - Macronix International MX27C256 Datasheet HTML 2Page - Macronix International MX27C256 Datasheet HTML 3Page - Macronix International MX27C256 Datasheet HTML 4Page - Macronix International MX27C256 Datasheet HTML 5Page - Macronix International MX27C256 Datasheet HTML 6Page - Macronix International MX27C256 Datasheet HTML 7Page - Macronix International MX27C256 Datasheet HTML 8Page - Macronix International MX27C256 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
SYMBOL
PIN NAME
A0~A14
Address Input
Q0~Q7
Data Input/Output
CE
Chip Enable Input
OE
Output Enable Input
VPP
Program Supply Voltage
NC
No Internal Connection
VCC
Power Supply Pin (+5V)
GND
Ground Pin
GENERAL DESCRIPTION
The MX27C256 is a 5V only, 256K-bit, One-Time
Programmable Read Only Memory. It is organized as
32K by 8 bits, operates from a single + 5volt supply, has
a static standby mode, and features fast single address
location programming. All programming signals are TTL
levels, requiring a single pulse. For programming from
outside the system, existing EPROM programmers
FEATURES
32K x 8 organization
Single +5V power supply
+12.5V programming voltage
Fast access time: 45/55/70/90/100/120/150 ns
Totally static operation
Completely TTL compatible
Operating current: 30mA
Standby current: 100uA
Package type:
- 28 pin plastic DIP
- 32 pin PLCC
- 28 pin 8 x 13.4mm TSOP(I)
1
PIN CONFIGURATIONS
PDIP
may be used. The MX27C256 supports intelligent fast
programming algorithm which can result in program-
ming time of less than ten seconds.
This EPROM is packaged in industry standard 28 pin
dual-in-line packages, 32 lead PLCC, and 28 lead
TSOP(I) packages.
REV. 5.6, AUG. 26, 2003
P/N: PM0203
BLOCK DIAGRAM
PIN DESCRIPTION
PLCC
8 x 13.4mm 28-TSOP(I)
MX27C256
256K-BIT [32K x 8] CMOS EPROM
1
4
5
9
13
14
17
20
21
25
29
32
30
A8
A9
A11
NC
OE
A10
CE
Q7
Q6
A6
A5
A4
A3
A2
A1
A0
NC
Q0
MX27C256
1
2
3
4
5
6
7
8
9
10
11
12
13
14
VPP
A12
A7
A6
A5
A4
A3
A2
A1
A0
Q0
Q1
Q2
GND
28
27
26
25
24
23
22
21
20
19
18
17
16
15
VCC
A14
A13
A8
A9
A11
OE
A10
CE
Q7
Q6
Q5
Q4
Q3
OE
A11
A9
A8
A13
A14
VCC
VPP
A12
A7
A6
A5
A4
A3
22
23
24
25
26
27
28
1
2
3
4
5
6
7
A10
CE
Q7
Q6
Q5
Q4
Q3
GND
Q2
Q1
Q0
A0
A1
A2
21
20
19
18
17
16
15
14
13
12
11
10
9
8
MX27C256
CONTROL
LOGIC
OUTPUT
BUFFERS
Q0~Q7
CE
OE
A0~A14
ADDRESS
INPUTS
Y-DECODER
X-DECODER
Y-SELECT
256K BIT
CELL
MAXTRIX
VCC
GND
VPP
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.


Similar Part No. - MX27C256

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX27C2000 MCNIX-MX27C2000 Datasheet
996Kb / 17P
   2M-BIT [256K x 8] CMOS EPROM
MX27C2000A MCNIX-MX27C2000A Datasheet
960Kb / 15P
   2M-BIT [256K x 8] CMOS EPROM
MX27C2000AMC-10 MCNIX-MX27C2000AMC-10 Datasheet
960Kb / 15P
   2M-BIT [256K x 8] CMOS EPROM
MX27C2000AMC-12 MCNIX-MX27C2000AMC-12 Datasheet
960Kb / 15P
   2M-BIT [256K x 8] CMOS EPROM
MX27C2000AMC-15 MCNIX-MX27C2000AMC-15 Datasheet
960Kb / 15P
   2M-BIT [256K x 8] CMOS EPROM
More results

Similar Description - MX27C256

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
27C256 PHILIPS-27C256 Datasheet
558Kb / 14P
   256K-bit CMOS EPROM (32K x 8)
November 12 1990
logo
Microchip Technology
27C256 MICROCHIP-27C256_04 Datasheet
91Kb / 10P
   256K (32K x 8) CMOS EPROM
2004
27C256 MICROCHIP-27C256 Datasheet
67Kb / 12P
   256K (32K x 8) CMOS EPROM
1996
logo
ATMEL Corporation
AT27C256R ATMEL-AT27C256R Datasheet
251Kb / 9P
   256K 32K x 8 OTP CMOS EPROM
logo
Maxwell Technologies
27C256T MAXWELL-27C256T Datasheet
126Kb / 14P
   256K (32K x 8-Bit) OTP EPROM
logo
Microchip Technology
27LV256 MICROCHIP-27LV256 Datasheet
64Kb / 12P
   256K (32K x 8) Low-Voltage CMOS EPROM
1996
logo
Cypress Semiconductor
CY27C256 CYPRESS-CY27C256 Datasheet
260Kb / 11P
   32K x 8-Bit CMOS EPROM
logo
Microchip Technology
27LV256 MICROCHIP-27LV256_04 Datasheet
132Kb / 10P
   256K (32K x 8) Low-Voltage CMOS EPROM
2004
logo
ATMEL Corporation
AT27C256R ATMEL-AT27C256R_07 Datasheet
415Kb / 15P
   256K (32K x 8) OTP EPROM
AT27LV256A ATMEL-AT27LV256A Datasheet
221Kb / 9P
   256K 32K x 8 Low Voltage OTP CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com