Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX27C2100PC-12 Datasheet(PDF) 10 Page - Macronix International

Part # MX27C2100PC-12
Description  2M-BIT [256Kx8/128x16] CMOS EPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX27C2100PC-12 Datasheet(HTML) 10 Page - Macronix International

Back Button MX27C2100PC-12 Datasheet HTML 6Page - Macronix International MX27C2100PC-12 Datasheet HTML 7Page - Macronix International MX27C2100PC-12 Datasheet HTML 8Page - Macronix International MX27C2100PC-12 Datasheet HTML 9Page - Macronix International MX27C2100PC-12 Datasheet HTML 10Page - Macronix International MX27C2100PC-12 Datasheet HTML 11Page - Macronix International MX27C2100PC-12 Datasheet HTML 12Page - Macronix International MX27C2100PC-12 Datasheet HTML 13Page - Macronix International MX27C2100PC-12 Datasheet HTML 14Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
MX27C2100/27C2048
P/N: PM0158
REV. 4.5, JAN. 14, 2003
AC PROGRAMMING CHARACTERISTICS TA = 25oC ± 5°C
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
CONDITIONS
tAS
Address Setup Time
2.0
us
tOES
OE Setup Time
2.0
us
tDS
Data Setup Time
2.0
us
tAH
Address Hold Time
0
us
tDH
Data Hold Time
2.0
us
tDFP
Out put Enable to Output Float Delay
0
130
ns
tVPS
VPP Setup Time
2.0
us
tPW
PGM Program Pulse Width
95
105
us
tVCS
VCC Setup Time
2.0
us
tCES
CE Setup Time
2.0
us
tOE
Data valid from OE
150
ns
DC PROGRAMMING CHARACTERISTICS TA = 25oC ± 5°C
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
CONDITIONS
VOH
Output High Voltage
2.4
V
IOH = -0.40mA
VOL
Output Low Voltage
0.4
V
IOL = 2.1mA
VIH
Input High Voltage
2.0
VCC + 0.5
V
VIL
Input Low Voltage
-0.3
0.8
V
ILI
Input Leakage Current
-10
10
uA
VIN = 0 to 5.5V
VH
A9 Auto Select Voltage
11.5
12.5
V
ICC3
VCC Supply Current (Program & Verify)
50
mA
IPP2
VPP Supply Current(Program)
30
mA
CE = VIL, OE = VIH
VCC1
Fast Programming Supply Voltage
6.00
6.50
V
VPP1
Fast Programming Voltage
12.5
13.0
V


Similar Part No. - MX27C2100PC-12

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX27C2000 MCNIX-MX27C2000 Datasheet
996Kb / 17P
   2M-BIT [256K x 8] CMOS EPROM
MX27C2000A MCNIX-MX27C2000A Datasheet
960Kb / 15P
   2M-BIT [256K x 8] CMOS EPROM
MX27C2000AMC-10 MCNIX-MX27C2000AMC-10 Datasheet
960Kb / 15P
   2M-BIT [256K x 8] CMOS EPROM
MX27C2000AMC-12 MCNIX-MX27C2000AMC-12 Datasheet
960Kb / 15P
   2M-BIT [256K x 8] CMOS EPROM
MX27C2000AMC-15 MCNIX-MX27C2000AMC-15 Datasheet
960Kb / 15P
   2M-BIT [256K x 8] CMOS EPROM
More results

Similar Description - MX27C2100PC-12

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX27L2000 MCNIX-MX27L2000 Datasheet
1Mb / 18P
   2M-BIT [256Kx8] CMOS EPROM
MAX27L2000 MCNIX-MAX27L2000 Datasheet
101Kb / 14P
   2M-BIT [256Kx8] CMOS EPROM
MX29F200CT MCNIX-MX29F200CT Datasheet
434Kb / 44P
   2M-BIT [256Kx8/128Kx16] CMOS FLASH MEMORY
MX29F200T MCNIX-MX29F200T Datasheet
720Kb / 46P
   2M-BIT [256Kx8/128Kx16] CMOS FLASH MEMORY
MX27C2000A MCNIX-MX27C2000A Datasheet
960Kb / 15P
   2M-BIT [256K x 8] CMOS EPROM
MX27C2000 MCNIX-MX27C2000 Datasheet
996Kb / 17P
   2M-BIT [256K x 8] CMOS EPROM
logo
ON Semiconductor
LE25U20AMB-AH ONSEMI-LE25U20AMB-AH Datasheet
140Kb / 21P
   2M-bit (256Kx8)Serial Flash Memory
July, 2013
logo
Macronix International
MX26L3220 MCNIX-MX26L3220 Datasheet
1Mb / 38P
   32M-BIT [2M x 16] CMOS MULTIPLE-TIME-PROGRAMMABLE EPROM
MX26C2000B MCNIX-MX26C2000B Datasheet
1,016Kb / 23P
   2M-BIT [256K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
logo
Toshiba Semiconductor
T4773 TOSHIBA-T4773 Datasheet
105Kb / 5P
   CMOS 256K-BIT EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com