Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX26C4000BTC-15 Datasheet(PDF) 5 Page - Macronix International

Part # MX26C4000BTC-15
Description  4M-BIT [512K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX26C4000BTC-15 Datasheet(HTML) 5 Page - Macronix International

  MX26C4000BTC-15 Datasheet HTML 1Page - Macronix International MX26C4000BTC-15 Datasheet HTML 2Page - Macronix International MX26C4000BTC-15 Datasheet HTML 3Page - Macronix International MX26C4000BTC-15 Datasheet HTML 4Page - Macronix International MX26C4000BTC-15 Datasheet HTML 5Page - Macronix International MX26C4000BTC-15 Datasheet HTML 6Page - Macronix International MX26C4000BTC-15 Datasheet HTML 7Page - Macronix International MX26C4000BTC-15 Datasheet HTML 8Page - Macronix International MX26C4000BTC-15 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
REV. 0.6, JAN. 14, 2002
P/N: PM0768
MX26C4000B
Table 1: BUS OPERATIONS
Mode
VPP(1)
A0
A9
CE
OE
Q0~Q7
Read
VPPL
A0
A9
VIL
VIL
Data Out
Output Disable
VPPL
X
X
VIL
VIH
Hi-Z
Standby
VPPL
X
X
VIH
X
Hi-Z
Manufacturer Identification
VPPL
VIL
VID(2)
VIL
VIL
Data=C2H
Device Identification
VPPL
VIH
VID(2)
VIL
VIL
Data=C0H
Program
VPPH
A0
X
VIL
VIH
Data In
Verify
VPPH
A0
X
VIH
VIL
Data Out
Program Inhibit
VPPH
X
X
VIH
VIH
Hi-Z
Note:
1. Refer to DC Characteristics. When VPP=VPPL memory contents can be read but not written or erased.
2. VID is the intelligent identifier high voltage. Refer to DC Characteristics.
3. Read operations with VPP=VPPH may access array data or the intelligent identifier codes.
4. With VPP at high voltage the standby current equals ICC+IPP(standby).
5. Refer to Table 2 for vaild data-in during a write operation.
6. X can be VIL or VIH.


Similar Part No. - MX26C4000BTC-15

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX26C1000A MCNIX-MX26C1000A Datasheet
87Kb / 16P
   1M-BIT [128K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
MX26C1000AMC-10 MCNIX-MX26C1000AMC-10 Datasheet
87Kb / 16P
   1M-BIT [128K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
MX26C1000AMC-12 MCNIX-MX26C1000AMC-12 Datasheet
87Kb / 16P
   1M-BIT [128K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
MX26C1000AMC-70 MCNIX-MX26C1000AMC-70 Datasheet
87Kb / 16P
   1M-BIT [128K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
MX26C1000AMC-90 MCNIX-MX26C1000AMC-90 Datasheet
87Kb / 16P
   1M-BIT [128K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
More results

Similar Description - MX26C4000BTC-15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MX26C512A ETC1-MX26C512A Datasheet
114Kb / 16P
   512K-BIT [64K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE EPROM
logo
Macronix International
MX26L6420 MCNIX-MX26L6420 Datasheet
1Mb / 39P
   64M-BIT [4M x 16] CMOS MULTIPLE-TIME-PROGRAMMABLE EPROM
MX26C1000A MCNIX-MX26C1000A Datasheet
87Kb / 16P
   1M-BIT [128K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
MX26C1000B MCNIX-MX26C1000B Datasheet
1,016Kb / 23P
   1M-BIT [128K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
MX26C2000B MCNIX-MX26C2000B Datasheet
1,016Kb / 23P
   2M-BIT [256K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
MX27C4100 MCNIX-MX27C4100 Datasheet
785Kb / 18P
   4M-BIT [512K x 8/256K x 16] CMOS EPROM
MX26L3220 MCNIX-MX26L3220 Datasheet
1Mb / 38P
   32M-BIT [2M x 16] CMOS MULTIPLE-TIME-PROGRAMMABLE EPROM
MX26L1620 MCNIX-MX26L1620 Datasheet
683Kb / 36P
   16M-BIT [1M x 16] CMOS MULTIPLE-TIME-PROGRAMMABLE EPROM
MX27C4000 MCNIX-MX27C4000 Datasheet
983Kb / 15P
   4M-BIT [512K x8] CMOS EPROM
MX27L512 MCNIX-MX27L512 Datasheet
760Kb / 14P
   512K-BIT [64K x 8] CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com