Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX26L3220XBI-12 Datasheet(PDF) 8 Page - Macronix International

Part # MX26L3220XBI-12
Description  32M-BIT [2M x 16] CMOS MULTIPLE-TIME-PROGRAMMABLE EPROM
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX26L3220XBI-12 Datasheet(HTML) 8 Page - Macronix International

Back Button MX26L3220XBI-12 Datasheet HTML 4Page - Macronix International MX26L3220XBI-12 Datasheet HTML 5Page - Macronix International MX26L3220XBI-12 Datasheet HTML 6Page - Macronix International MX26L3220XBI-12 Datasheet HTML 7Page - Macronix International MX26L3220XBI-12 Datasheet HTML 8Page - Macronix International MX26L3220XBI-12 Datasheet HTML 9Page - Macronix International MX26L3220XBI-12 Datasheet HTML 10Page - Macronix International MX26L3220XBI-12 Datasheet HTML 11Page - Macronix International MX26L3220XBI-12 Datasheet HTML 12Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
8
P/N:PM0826
REV. 0.5, JAN. 29, 2002
MX26L3220
RESET OPERATION
The RESET pin provides a hardware method of resetting
the device to reading array data. When the RESET pin is
driven low for at least a period of tRP, the device
immediately terminates any operation in progress,
tristates all output pins, and ignores all read/write
commands for the duration of the RESET pluse. The
device also resets the internal state machine to reading
array data. The operation that was interrupted should be
reinitated once the device is ready to accept another
command sequence, to ensure data integrity
Current is reduced for the duration of the RESET pulse.
When RESET is held at VSS±0.3V, the device draws
CMOS standby current (ICC4). If RESET is held at VIL
but not within VSS±0.3V, the standby current will be
greater.
The RESET pin may be tied to system reset circuitry. A
system reset would that also reset the MTP EPROM.
Refer to the AC Characteristics tables for RESET
parameters and to Figure 14 for the timing diagram.
SILICON ID READ OPERATION
MTP EPROM are intended for use in applications where
the local CPU alters memory contents. As such, manu-
facturer and device codes must be accessible while the
device resides in the target system. EPROM program-
mers typically access signature codes by raising A9 to
a high voltage. However, multiplexing high voltage onto
address lines is not generally desired system design prac-
tice.
MX26L3220 provides hardware method to access the
silicon ID read operation. Which method requires VID on
A9 pin, VIL on CE, OE, A6, and A1 pins. Which apply
VIL on A0 pin, the device will output MXIC's manufac-
ture code of C2H. Which apply VIH on A0 pin, the device
will output MX26L3220 device code of 22FDH.
VI/O PIN OPERATION
MX26L3220 is capable to provide the I/O prower supply
(VI/O) pin to control Input/Output voltage levels of the
device.The data outputs and voltage tolerated at its data
input is determined by the voltage on the VI/O pin. This
device is allows to operate in 1.8V or 3V system as re-
quired.
DATA PROTECTION
The MX26L3220 is designed to offer protection against
accidental erasure or programming caused by spurious
system level signals that may exist during power transi-
tion. During power up the device automatically resets
the state machine in the Read mode. In addition, with
its control register architecture, alteration of the memory
contents only occurs after successful completion of spe-
cific command sequences. The device also incorporates
several features to prevent inadvertent write cycles re-
sulting from VCC power-up and power-down transition or
system noise.
SECURED SILICON SECTOR
The MX26L3220 features a Flash memory region where
the system may access through a command sequence
to create a permant part identification as so called Elec-
tronic Serial Number (ESN) in the device. Once this re-
gion is programmed, any further modification on the re-
gion is impossible. The secured silicon sector is a 512
words in length, and uses a Secured Silicon Sector Indi-
cator Bit (Q7) to indicate whether or not the Secured
Silicon Sector is locked when shipped from the factory.
This bit is permanently set at the factory and cannot be
changed, which prevent duplication of a factory locked
part.This ensures the security of the ESN once the prod-
uct is shipped to the field.
The MX26L3220 offers the device with Secured Silicon
Sector either factory locked or custor lockable. The fac-
tory-locked version is always protected when shipped
from the factory , and has the Secured Silicon Sector
Indicator Bit permanently set to a "1". The customer-
lockable version is shipped with the Secured Silicon
Sector unprotected, allowing customer to utilize that sec-
tor in any form they prefer. The customer-lockable ver-
VCC / VI/O Voltage Range
Part No.
VCC=2.7V to 3.6VVCC=2.7V to 3.6V
VI/O=2.7V to 3.6VVI/O=1.65V to 2.6V
MX26L3220-90
90ns
100ns
MX26L3220-12
120ns
130ns
Table 3
Notes: Typical values measured at VCC=2.7V to 3.6V,
VI/O=2.7V to 3.6V


Similar Part No. - MX26L3220XBI-12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MX26L12811MC ETC1-MX26L12811MC Datasheet
248Kb / 32P
   128M [x8/x16] SINGLE 3V PAGE MODE MTP MEMORY
MX26L12811MC-12 ETC1-MX26L12811MC-12 Datasheet
248Kb / 32P
   128M [x8/x16] SINGLE 3V PAGE MODE MTP MEMORY
logo
Macronix International
MX26L1620 MCNIX-MX26L1620 Datasheet
683Kb / 36P
   16M-BIT [1M x 16] CMOS MULTIPLE-TIME-PROGRAMMABLE EPROM
MX26L1620MC-12 MCNIX-MX26L1620MC-12 Datasheet
683Kb / 36P
   16M-BIT [1M x 16] CMOS MULTIPLE-TIME-PROGRAMMABLE EPROM
MX26L1620MC-90 MCNIX-MX26L1620MC-90 Datasheet
683Kb / 36P
   16M-BIT [1M x 16] CMOS MULTIPLE-TIME-PROGRAMMABLE EPROM
More results

Similar Description - MX26L3220XBI-12

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX26C2000B MCNIX-MX26C2000B Datasheet
1,016Kb / 23P
   2M-BIT [256K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
MX26L1620 MCNIX-MX26L1620 Datasheet
683Kb / 36P
   16M-BIT [1M x 16] CMOS MULTIPLE-TIME-PROGRAMMABLE EPROM
MX26L6420 MCNIX-MX26L6420 Datasheet
1Mb / 39P
   64M-BIT [4M x 16] CMOS MULTIPLE-TIME-PROGRAMMABLE EPROM
logo
List of Unclassifed Man...
MX26C512A ETC1-MX26C512A Datasheet
114Kb / 16P
   512K-BIT [64K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE EPROM
logo
Macronix International
MX26C1000A MCNIX-MX26C1000A Datasheet
87Kb / 16P
   1M-BIT [128K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
MX26C1000B MCNIX-MX26C1000B Datasheet
1,016Kb / 23P
   1M-BIT [128K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
MX26C4000B MCNIX-MX26C4000B Datasheet
957Kb / 20P
   4M-BIT [512K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
logo
SPANSION
MBM29BS32LF18 SPANSION-MBM29BS32LF18 Datasheet
314Kb / 60P
   BURST MODE FLASH MEMORY CMOS 32M (2M X 16) BIT
logo
Macronix International
MX27C2000A MCNIX-MX27C2000A Datasheet
960Kb / 15P
   2M-BIT [256K x 8] CMOS EPROM
MX27C2000 MCNIX-MX27C2000 Datasheet
996Kb / 17P
   2M-BIT [256K x 8] CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com