Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE9222 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # TLE9222
Description  FlexRay Transceiver
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9222 Datasheet(HTML) 4 Page - Infineon Technologies AG

  TLE9222_15 Datasheet HTML 1Page - Infineon Technologies AG TLE9222_15 Datasheet HTML 2Page - Infineon Technologies AG TLE9222_15 Datasheet HTML 3Page - Infineon Technologies AG TLE9222_15 Datasheet HTML 4Page - Infineon Technologies AG TLE9222_15 Datasheet HTML 5Page - Infineon Technologies AG TLE9222_15 Datasheet HTML 6Page - Infineon Technologies AG TLE9222_15 Datasheet HTML 7Page - Infineon Technologies AG TLE9222_15 Datasheet HTML 8Page - Infineon Technologies AG TLE9222_15 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
PG-TSSOP-14
Type
Package
Marking
TLE9222PX
PG-TSSOP-14
9222
Data Sheet
4
Rev. 1.0, 2015-06-12
FlexRay Transceiver
TLE9222
1
Overview
Features
• Compliant with the FlexRay Electrical Physical Layer Specification
version 3.0.1 and ISO 17458-4
• Optimized for time triggered in-vehicle networks with data
transmission rates from 1 Mbit/s up to 10 Mbit/s
• Supports minimum bit times down to 60 ns
• Automatic voltage adaptation on the digital interface pins
• Bus failure protection and error detection
• Very high ESD robustness; ± 8 kV according to IEC61000-4-2
• Optimized for high Electromagnetic Compatibility (EMC);
Very low emission and high immunity to interference
• Green Product (RoHS compliant)
• AEC Qualified
Modes of Operation and Wake-up Features
• Low power standby operation mode with very low quiescent current consumption
• Remote wake-up detection via wake-up patterns and a dedicated wake-up frame
Protection and Diagnostic
• Short-circuit protection on the bus pins
• Overtemperature protection
• Undervoltage monitoring of the VCC power supply and the VIO logic voltage level reference
• Error and wake-up indication on the ERRN output
• Status register for detailed diagnostic information through a simplified SPI interface
• Integrated Bus Guardian interface with enhanced safety feedback path
• Bus pins high impedance when device unpowered
Description
The TLE9222 FlexRay transceiver is designed for data transmission rates from 1 Mbit/s up to 10 Mbit/s
according to the FlexRay Electrical Physical Layer Specification 3.0.1. The Bus Driver (BD) realizes the physical
interface between a FlexRay node and the communication channel. It provides differential transmit and
receive capability to the bus, allowing the node bidirectional time-multiplexed binary data stream transfer. In


Similar Part No. - TLE9222_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9222 INFINEON-TLE9222_17 Datasheet
1Mb / 43P
   FlexRay Transceiver
Rev. 1.2 2017-10-17
More results

Similar Description - TLE9222_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJA1080 PHILIPS-TJA1080 Datasheet
209Kb / 44P
   FlexRay transceiver
Rev. 01-20 July 2006
TJA1080A NXP-TJA1080A Datasheet
232Kb / 50P
   FlexRay transceiver
Rev. 02-26 August 2008
logo
Infineon Technologies A...
TLE9222 INFINEON-TLE9222_17 Datasheet
1Mb / 43P
   FlexRay Transceiver
Rev. 1.2 2017-10-17
TLE9221SX INFINEON-TLE9221SX_15 Datasheet
3Mb / 99P
   FlexRay Transceiver
Rev. 1.3, 2015-09-21
TLE9221SX INFINEON-TLE9221SX Datasheet
2Mb / 91P
   FlexRay Transceiver
Rev. 1.10, 2013-07-15
logo
NXP Semiconductors
TJA1080 NXP-TJA1080 Datasheet
1Mb / 48P
   FlexRay transceiver
Rev. 02-12 July 2007
logo
ELMOS Semiconductor AG
E910.54 ELMOS-E910.54 Datasheet
174Kb / 2P
   FlexRay??Transceiver
logo
NXP Semiconductors
MF3ICD8101 PHILIPS-MF3ICD8101 Datasheet
227Kb / 49P
   FlexRay transceiver
Rev. 04-19 February 2009
TJA1080A NXP-TJA1080A_V01 Datasheet
263Kb / 49P
   FlexRay transceiver
Rev. 6-28 November 2012
TJA1081B NXP-TJA1081B Datasheet
848Kb / 45P
   FlexRay node transceiver
Rev. 1 ??4 June 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com