Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX27C8111 Datasheet(PDF) 8 Page - Macronix International

Part # MX27C8111
Description  8M-BIT [1M x8/512K x16] CMOS OTP ROM WITH PAGE MODE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX27C8111 Datasheet(HTML) 8 Page - Macronix International

Back Button MX27C8111 Datasheet HTML 4Page - Macronix International MX27C8111 Datasheet HTML 5Page - Macronix International MX27C8111 Datasheet HTML 6Page - Macronix International MX27C8111 Datasheet HTML 7Page - Macronix International MX27C8111 Datasheet HTML 8Page - Macronix International MX27C8111 Datasheet HTML 9Page - Macronix International MX27C8111 Datasheet HTML 10Page - Macronix International MX27C8111 Datasheet HTML 11Page - Macronix International MX27C8111 Datasheet HTML 12Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
MX27C8111
REV. 2.6, AUG. 22, 2001
P/N: PM0329
AC CHARACTERISTICS
27C8111-90
27C8111-10
27C8111-12
27C8111-15
SYMBOL PARAMETER
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
UNIT CONDITIONS
tACC
Address to Output Delay
90
100
120
150
ns
CE = OE = VIL
tCE
Chip Enable to Output Delay
90
100
120
150
ns
OE = VIL
tPA
Page Address to Output Delay
50
50
60
75
ns
CE = OE =VIL
tOE
Output Enable to Output Delay
45
45
50
65
ns
CE = VIL
tDF
OE High to Output Float,
0
30
0
30
0
35
0
50
ns
or CE High to Output Float
tOH
Output Hold from Address,
0
0
0
0
ns
CE or OE which ever occurred first
tBHA
BYTE Access Time
90
100
120
150
ns
tOHB
BYTE Output Hold Time
0
0
0
0
ns
tBHZ
BYTE Output Delay Time
70
70
70
70
ns
tBLZ
BYTE Output Set Time
10
10
10
10
ns
AC PROGRAMMING CHARACTERISTICS TA = 25oC ± 5oC
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
tAS
Address Setup Time
2.0
us
tOES
OE Setup Time
2.0
us
tDS
Data Setup Time
2.0
us
tAH
Address Hold Time
0
us
tDH
Data Hold Time
2.0
us
tDFP
Chip Enable to Output Float Delay
0
130
ns
tVCS
VCC Setup Time
2.0
us
tVPS
BYTE/VPP Setup Time
2.0
us
tPW
CE initial Program Pulse Width
50
us
tOE
Data valid from OE
150
ns
DC PROGRAMMING CHARACTERISTICS TA = 25oC ± 5oC
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
CONDITIONS
VOH
Output High Voltage
2.4
V
IOH = -0.40mA
VOL
Output Low Voltage
0.4
V
IOL = 2.1mA
VIH
Input High Voltage
2.0
VCC + 0.5
V
VIL
Input Low Voltage
-0.3
0.8
V
ILI
Input Leakage Current
-10
10
uA
VIN = 0 to 5.5V
VH
A9 Auto Select Voltage
11.5
12.5
V
ICC3
VCC Supply Current (Program & Verify)
50
mA
IPP2
VPP Supply Current(Program)
30
mA
CE = VIL, OE = VIH
VCC1
Fast Programming Supply Voltage
6.00
6.50
V
VPP1
Fast Programming Voltage
12.5
13.0
V


Similar Part No. - MX27C8111

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX27C8100 MCNIX-MX27C8100 Datasheet
523Kb / 15P
   8M-BIT [1M x8/512K x16] CMOS OTP ROM
MX27C8100MC-10 MCNIX-MX27C8100MC-10 Datasheet
523Kb / 15P
   8M-BIT [1M x8/512K x16] CMOS OTP ROM
MX27C8100MC-12 MCNIX-MX27C8100MC-12 Datasheet
523Kb / 15P
   8M-BIT [1M x8/512K x16] CMOS OTP ROM
MX27C8100MC-15 MCNIX-MX27C8100MC-15 Datasheet
523Kb / 15P
   8M-BIT [1M x8/512K x16] CMOS OTP ROM
MX27C8100MC-20 MCNIX-MX27C8100MC-20 Datasheet
523Kb / 15P
   8M-BIT [1M x8/512K x16] CMOS OTP ROM
More results

Similar Description - MX27C8111

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX27C8100 MCNIX-MX27C8100 Datasheet
523Kb / 15P
   8M-BIT [1M x8/512K x16] CMOS OTP ROM
MX27C4000A MCNIX-MX27C4000A Datasheet
932Kb / 15P
   4M-BIT [512K x8] CMOS OTP ROM
MX27C4111 MCNIX-MX27C4111 Datasheet
522Kb / 15P
   4M-BIT [512K x8/256K x16] CMOS EPROM WITH PAGE MODE
MX27C8000A MCNIX-MX27C8000A Datasheet
936Kb / 15P
   8M-BIT [1M x8] CMOS EPROM
MX27C8000 MCNIX-MX27C8000_97 Datasheet
92Kb / 13P
   8M-BIT [1M x8] CMOS EPROM
MX27C8000 MCNIX-MX27C8000 Datasheet
985Kb / 15P
   8M-BIT [1M x8] CMOS EPROM
logo
OKI electronic componet...
MR27V3266D OKI-MR27V3266D Datasheet
234Kb / 36P
   2M x16 / 1M x32 Synchronous OTP ROM
logo
Macronix International
MX23C8000 MCNIX-MX23C8000 Datasheet
637Kb / 11P
   8M-BIT [1M x 8] CMOS MASK ROM
logo
AMIC Technology
A23L2617 AMICC-A23L2617 Datasheet
213Kb / 11P
   4M X 16 / 8M X 8 BIT CMOS MASK ROM WITH PAGE MODE
A23L26166 AMICC-A23L26166 Datasheet
197Kb / 11P
   4M X 16 / 8M X 8 BIT CMOS MASK ROM WITH PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com