Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLI4965-5M Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLI4965-5M
Description  High Precision Automotive Hall Effect Switch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLI4965-5M Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLI4965-5M_15 Datasheet HTML 3Page - Infineon Technologies AG TLI4965-5M_15 Datasheet HTML 4Page - Infineon Technologies AG TLI4965-5M_15 Datasheet HTML 5Page - Infineon Technologies AG TLI4965-5M_15 Datasheet HTML 6Page - Infineon Technologies AG TLI4965-5M_15 Datasheet HTML 7Page - Infineon Technologies AG TLI4965-5M_15 Datasheet HTML 8Page - Infineon Technologies AG TLI4965-5M_15 Datasheet HTML 9Page - Infineon Technologies AG TLI4965-5M_15 Datasheet HTML 10Page - Infineon Technologies AG TLI4965-5M_15 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Technical Product Description
7
Rev. 1.0, 2015-07-21
TLI4965-5M
Functional Description
2.4
Block Diagram
Figure 3
Functional Block Diagram TLI4965-5M
2.5
Functional Block Description
The chopped Hall IC switch comprises a Hall probe, bias generator, compensation circuits, oscillator and
output transistor.
The bias generator provides currents for the Hall probe and the active circuits. Compensation circuits stabilize
the temperature behavior and reduce influence of technology variations.
The active error compensation (chopping technique) rejects offsets in the signal path and the influence of
mechanical stress to the Hall probe caused by molding and soldering processes and other thermal stress in
the package. The chopped measurement principle together with the threshold generator and the comparator
ensures highly accurate and temperature stable magnetic thresholds.
Voltage
Regulator
Bias and
Compensation
Circuits
Oscillator and
Sequencer
To All Subcircuits
Spinning Hall
Probe
Amplifier
Low Pass
Filter
Comparator
with
Hysteresis
Driver
GND
Q
VDD
Reference


Similar Part No. - TLI4965-5M_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLI4965-5M INFINEON-TLI4965-5M_16 Datasheet
673Kb / 17P
   High Precision Hall Effect Switch for 5V Applications
Revision 1.0, 2016-01-11
More results

Similar Description - TLI4965-5M_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4964-5M INFINEON-TLE4964-5M Datasheet
1Mb / 26P
   High Precision Automotive Hall Effect Switch
Revision 1.0, 2013-01-15
TLE4964-1M INFINEON-TLE4964-1M Datasheet
1Mb / 26P
   High Precision Automotive Hall Effect Switch
Revision 1.0, 2012-07-20
TLE4968-1M INFINEON-TLE4968-1M Datasheet
1Mb / 26P
   High Precision Automotive Hall Effect Switch
Revision 1.0, 2013-04-07
TLE4964-6M INFINEON-TLE4964-6M Datasheet
1Mb / 26P
   High Precision Automotive Hall Effect Switch
Revision 1.0, 2013-07-05
TLE4964-4M INFINEON-TLE4964-4M Datasheet
1Mb / 26P
   High Precision Automotive Hall Effect Switch
Revision 1.0, 2013-05-07
TLE4964-3M INFINEON-TLE4964-3M Datasheet
1Mb / 26P
   High Precision Automotive Hall Effect Switch
Revision 1.0, 2012-12-18
TLE4964-2M INFINEON-TLE4964-2M Datasheet
1Mb / 26P
   High Precision Automotive Hall Effect Switch
Revision 1.0, 2012-07-20
TLE4966H INFINEON-TLE4966H Datasheet
180Kb / 11P
   High Precision Hall-Effect Switch
2003-11-20
TLE4906-2K INFINEON-TLE4906-2K Datasheet
1Mb / 16P
   High Precision Hall-Effect Switch
Rev 1.0, 2010-12
TLE4906K INFINEON-TLE4906K Datasheet
809Kb / 17P
   High Precision Hall Effect Switch
2009-01, V 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com