Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLI4965-5M Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLI4965-5M
Description  High Precision Automotive Hall Effect Switch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLI4965-5M Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLI4965-5M Datasheet HTML 5Page - Infineon Technologies AG TLI4965-5M Datasheet HTML 6Page - Infineon Technologies AG TLI4965-5M Datasheet HTML 7Page - Infineon Technologies AG TLI4965-5M Datasheet HTML 8Page - Infineon Technologies AG TLI4965-5M Datasheet HTML 9Page - Infineon Technologies AG TLI4965-5M Datasheet HTML 10Page - Infineon Technologies AG TLI4965-5M Datasheet HTML 11Page - Infineon Technologies AG TLI4965-5M Datasheet HTML 12Page - Infineon Technologies AG TLI4965-5M Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Technical Product Description
9
Rev. 1.0, 2015-07-21
TLI4965-5M
Functional Description
2.6
Default Start-up Behavior
The magnetic thresholds exhibit a hysteresis BHYS =BOP -BRP. In case of a power-on with a magnetic field B
within hysteresis (BOP >B >BRP) the output of the sensor is set to the pull up voltage level (VQ) per default. After
the first crossing of BOP or BRP of the magnetic field the internal decision logic is set to the corresponding
magnetic input value.
VDDA is the internal supply voltage which is following the external supply voltage VDD.
This means for B > BOP the output is switching, for B < BRP and BOP >B >BRP the output stays at VQ.
Figure 6
Illustration of the Start-up Behavior of the TLI4965-5M
t
3V
t
t
VQ
t
B > BOP
B < BRP
BOP > B > BRP
Magnetic field above threshold
Magnetic field below threshold
Magnetic field in hysteresis
Power on ramp
The device always applies
VQ level at start -up
independent from the
applied magnetic field !
VQ
VQ
VDDA
tPon


Similar Part No. - TLI4965-5M

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLI4965-5M INFINEON-TLI4965-5M_16 Datasheet
673Kb / 17P
   High Precision Hall Effect Switch for 5V Applications
Revision 1.0, 2016-01-11
More results

Similar Description - TLI4965-5M

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4964-5M INFINEON-TLE4964-5M Datasheet
1Mb / 26P
   High Precision Automotive Hall Effect Switch
Revision 1.0, 2013-01-15
TLE4964-1M INFINEON-TLE4964-1M Datasheet
1Mb / 26P
   High Precision Automotive Hall Effect Switch
Revision 1.0, 2012-07-20
TLE4968-1M INFINEON-TLE4968-1M Datasheet
1Mb / 26P
   High Precision Automotive Hall Effect Switch
Revision 1.0, 2013-04-07
TLE4964-6M INFINEON-TLE4964-6M Datasheet
1Mb / 26P
   High Precision Automotive Hall Effect Switch
Revision 1.0, 2013-07-05
TLE4964-4M INFINEON-TLE4964-4M Datasheet
1Mb / 26P
   High Precision Automotive Hall Effect Switch
Revision 1.0, 2013-05-07
TLE4964-3M INFINEON-TLE4964-3M Datasheet
1Mb / 26P
   High Precision Automotive Hall Effect Switch
Revision 1.0, 2012-12-18
TLE4964-2M INFINEON-TLE4964-2M Datasheet
1Mb / 26P
   High Precision Automotive Hall Effect Switch
Revision 1.0, 2012-07-20
TLE4966H INFINEON-TLE4966H Datasheet
180Kb / 11P
   High Precision Hall-Effect Switch
2003-11-20
TLE4906-2K INFINEON-TLE4906-2K Datasheet
1Mb / 16P
   High Precision Hall-Effect Switch
Rev 1.0, 2010-12
TLE4906K INFINEON-TLE4906K Datasheet
809Kb / 17P
   High Precision Hall Effect Switch
2009-01, V 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com