Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPM-9100VG Datasheet(PDF) 3 Page - Optoway Technology Inc

Part # SPM-9100VG
Description  3 Gb/s Multi-Mode Video SFP Transceiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPM-9100VG Datasheet(HTML) 3 Page - Optoway Technology Inc

  SPM-9100VG_15 Datasheet HTML 1Page - Optoway Technology Inc SPM-9100VG_15 Datasheet HTML 2Page - Optoway Technology Inc SPM-9100VG_15 Datasheet HTML 3Page - Optoway Technology Inc SPM-9100VG_15 Datasheet HTML 4Page - Optoway Technology Inc SPM-9100VG_15 Datasheet HTML 5Page - Optoway Technology Inc SPM-9100VG_15 Datasheet HTML 6Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Optoway
SPM-9100VG
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
11/1/2008 V1.0
3
270
ps
3, SMPTE 292M
800
ps
3, SMPTE 344M
1.5
ns
3, SMPTE 259M
Output LOS Voltage -- Low
VOL
0
0.5
V
IOL=-1.6mA, 1 TTL unit load
Output LOS Voltage -- High
VOH
2.5
Vcc+0.3
V
IOH=40
µA, 1 TTL unit load
VOH
2.5
Vcc+0.3
V
SCL, SDA
VOL
0
0.5
V
3.
20% to 80%, unfiltered.
MODULE DEFINITION
Module Definition
PIN 5
PIN 6
Interpretation by Host
4
SCL
SDA
Serial module definition protocol
Module Definition 4 specifies a serial definition protocol. For this definition, upon power up, SCL and SDA appear as no connector
(NC). When the host system detects this condition, it activates the serial protocol. The protocol uses the 2-wire serial CMOS E
2PROM
protocol of the ATMEL AT24C01A/02/04 family of components.


Similar Part No. - SPM-9100VG_15

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPM-9100VG_2015 OPTOWAY-SPM-9100VG_2015 Datasheet
164Kb / 6P
   3 Gb/s Multi-Mode Video SFP Transceiver
More results

Similar Description - SPM-9100VG_15

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPM-9100VG_2015 OPTOWAY-SPM-9100VG_2015 Datasheet
164Kb / 6P
   3 Gb/s Multi-Mode Video SFP Transceiver
SPM-9100VWG_2015 OPTOWAY-SPM-9100VWG_2015 Datasheet
164Kb / 6P
   3 Gb/s Multi-Mode Digital Diagnostic Video SFP Transceiver
SPM-9100VWG OPTOWAY-SPM-9100VWG_15 Datasheet
164Kb / 6P
   3 Gb/s Multi-Mode Digital Diagnostic Video SFP Transceiver
SPM-9100VG OPTOWAY-SPM-9100VG Datasheet
171Kb / 6P
   850 nm / 3 Gb/s Multi-Mode Video SFP Transceiver
SPM-9100VWG OPTOWAY-SPM-9100VWG Datasheet
171Kb / 6P
   850 nm / 3 Gb/s Multi-Mode Digital Diagnostic Video SFP Transceiver
SPS-9380VG_2015 OPTOWAY-SPS-9380VG_2015 Datasheet
165Kb / 6P
   3 Gb/s Medium Power SM Video SFP Transceiver
SPS-9110VG_2015 OPTOWAY-SPS-9110VG_2015 Datasheet
165Kb / 6P
   3 Gb/s Medium Power SM Video SFP Transceiver
SPS-9380VG OPTOWAY-SPS-9380VG_15 Datasheet
165Kb / 6P
   3 Gb/s Medium Power SM Video SFP Transceiver
SPS-9130VG_2015 OPTOWAY-SPS-9130VG_2015 Datasheet
165Kb / 6P
   3 Gb/s Medium Power SM Video SFP Transceiver
SPS-9110VG OPTOWAY-SPS-9110VG_15 Datasheet
165Kb / 6P
   3 Gb/s Medium Power SM Video SFP Transceiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com