Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX27C4111PC-12 Datasheet(PDF) 1 Page - Macronix International

Part # MX27C4111PC-12
Description  4M-BIT [512K x8/256K x16] CMOS EPROM WITH PAGE MODE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX27C4111PC-12 Datasheet(HTML) 1 Page - Macronix International

  MX27C4111PC-12 Datasheet HTML 1Page - Macronix International MX27C4111PC-12 Datasheet HTML 2Page - Macronix International MX27C4111PC-12 Datasheet HTML 3Page - Macronix International MX27C4111PC-12 Datasheet HTML 4Page - Macronix International MX27C4111PC-12 Datasheet HTML 5Page - Macronix International MX27C4111PC-12 Datasheet HTML 6Page - Macronix International MX27C4111PC-12 Datasheet HTML 7Page - Macronix International MX27C4111PC-12 Datasheet HTML 8Page - Macronix International MX27C4111PC-12 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
FEATURES
With Page Mode function, 8-word/16-byte page
512K x 8 or 256K x 16 organization
+12.5V programming voltage
Fast access time: 90/100/120/150 ns
Page mode access time 50/60/75 ns
Totally static operation
Completely TTL compatible
Operating current: 60mA
Standby current: 100uA
Package type:
- 40 pin plastic DIP
- 40 pin SOP
REV. 2.7, NOV. 19, 2002
P/N: PM0239
1
PIN CONFIGURATIONS
PDIP/SOP
BLOCK DIAGRAM
GENERAL DESCRIPTION
The MX27C4111 is a 4M-bit, One Time Programmable
Read Only Memory with page mode. It is organized as
512K x 8 or 256K x 16, operates from a single + 5 volt
supply, has a static standby mode, and features fast
single address location programming. All programming
signals are TTL levels, requiring a single pulse. For
programming outside from the system, existing EPROM
programmers may be used. The MX27C4111 supports
a intelligent fast programming algorithm which can result
in programming time of less than two minutes.
MX27C4111 provides Page Read Access Mode which
can greatly reduce the read access time. Normal read
access time and Page Mode read access time is as fast
as 90/50ns. It is designed to be compatible with all
microprocessors and similar applications in which high
perofmrance, large bit storage and simple interfacing
are important design considerations.
This EPROM is packaged in industry standard 40 pin
dual-in-line packages and 40 pin SOP packages.
MX27C4111
PRELIMINARY
4M-BIT [512K x8/256K x16] CMOS EPROM
WITH PAGE MODE
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
A8
A9
A10
A11
A12
A13
A14
A15
A16
BYTE/VPP
GND
Q15/A-1
Q7
Q14
Q6
Q13
Q5
Q12
Q4
VCC
A17
A7
A6
A5
A4
A3
A2
A1
A0
CE
GND
OE
Q0
Q8
Q1
Q9
Q2
Q10
Q3
Q11
CONTROL
LOGIC
OUTPUT
BUFFERS
Q0~Q14
Q15/A-1
CE
OE
BYTE/VPP
A0~A17
ADDRESS
INPUTS
Y-DECODER
X-DECODER
Y-SELECT
4M BIT
CELL
MAXTRIX
VCC
GND
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.


Similar Part No. - MX27C4111PC-12

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX27C4100 MCNIX-MX27C4100 Datasheet
785Kb / 18P
   4M-BIT [512K x 8/256K x 16] CMOS EPROM
MX27C4100MC-10 MCNIX-MX27C4100MC-10 Datasheet
785Kb / 18P
   4M-BIT [512K x 8/256K x 16] CMOS EPROM
MX27C4100MC-12 MCNIX-MX27C4100MC-12 Datasheet
785Kb / 18P
   4M-BIT [512K x 8/256K x 16] CMOS EPROM
MX27C4100MC-15 MCNIX-MX27C4100MC-15 Datasheet
785Kb / 18P
   4M-BIT [512K x 8/256K x 16] CMOS EPROM
MX27C4100PC-10 MCNIX-MX27C4100PC-10 Datasheet
785Kb / 18P
   4M-BIT [512K x 8/256K x 16] CMOS EPROM
More results

Similar Description - MX27C4111PC-12

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX27C4000 MCNIX-MX27C4000 Datasheet
983Kb / 15P
   4M-BIT [512K x8] CMOS EPROM
MX27C8111 MCNIX-MX27C8111 Datasheet
488Kb / 15P
   8M-BIT [1M x8/512K x16] CMOS OTP ROM WITH PAGE MODE
MX27L4000 MCNIX-MX27L4000 Datasheet
955Kb / 15P
   4M-BIT [512K x8] LOW VOLTAGE OPERATION CMOS EPROM
MX27C4100 MCNIX-MX27C4100 Datasheet
785Kb / 18P
   4M-BIT [512K x 8/256K x 16] CMOS EPROM
MX27C4000A MCNIX-MX27C4000A Datasheet
932Kb / 15P
   4M-BIT [512K x8] CMOS OTP ROM
MX27C8100 MCNIX-MX27C8100 Datasheet
523Kb / 15P
   8M-BIT [1M x8/512K x16] CMOS OTP ROM
logo
Toshiba Semiconductor
T4773 TOSHIBA-T4773 Datasheet
105Kb / 5P
   CMOS 256K-BIT EPROM
logo
Macronix International
MX26C4000B MCNIX-MX26C4000B Datasheet
957Kb / 20P
   4M-BIT [512K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
logo
Silicon Storage Technol...
SST29EE020 SST-SST29EE020 Datasheet
326Kb / 26P
   2 Mbit (256K x8) Page-Mode EEPROM
logo
Macronix International
MX27C512 MCNIX-MX27C512 Datasheet
759Kb / 15P
   512K-BIT [64Kx8] CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com