Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPM-9100VWG Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # SPM-9100VWG
Description  3 Gb/s Multi-Mode Digital Diagnostic Video SFP Transceiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPM-9100VWG Datasheet(HTML) 1 Page - Optoway Technology Inc

  SPM-9100VWG_15 Datasheet HTML 1Page - Optoway Technology Inc SPM-9100VWG_15 Datasheet HTML 2Page - Optoway Technology Inc SPM-9100VWG_15 Datasheet HTML 3Page - Optoway Technology Inc SPM-9100VWG_15 Datasheet HTML 4Page - Optoway Technology Inc SPM-9100VWG_15 Datasheet HTML 5Page - Optoway Technology Inc SPM-9100VWG_15 Datasheet HTML 6Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Optoway
SPM-9100VWG
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
11/1/2008 V1.0
1
SPM-9100VWG
(RoHS Compliant)
850 nm / 3 Gb/s Multi-Mode Digital Diagnostic Video SFP Transceiver
**********************************************************************************************************************************************************************
FEATURES
l SMPTE 297-2006 Compatible
l Hot-Pluggable SFP Footprint LC Optical Transceiver
l Small Form-Factor Pluggable (SFP) MSA compatible
l Speed from 50 Mbps to 3Gbps with up to 1000 m
Multi-mode Fiber
l Distance up to 300 m for 3G-SDI
l Support Video Pathological Patterns for SD-SDI,
HD-SDI and 3G-SDI
l SFF-8472 Digital Diagnostic Function
l Single +3.3 V Power Supply
l RoHS-6 Compliant
l 0 to 70oC Operation
l Hot Pluggable
l Class 1 Laser International Safety Standard IEC-60825
Compliant
APPLICATIONS
l SMPTE 297-2006 Compliant Electrical-to-Optical
Interfaces
l High-density Video Routers
DESCRIPTION
The SPM-9100VWG is a multi-mode transceiver module
designed to transmit/receive optical serial digital signals as
defined in SMPTE 297-2006. It supports from 50 Mbps to 3
Gbps and is specifically designed for transmitted the
SMPTE 259M, SMPTE 344M, SMPTE 292M and SMPTE
424M SDI pathological patterns. It is with the SFP 20-pin
connector to allow hot plug capability. Digital diagnostic
functions are available via an I
2C. It is with 850 nmVCSEL
transmitters. The transmitter can transmit signal from 50
Mbps to 3 Gbps with up to 1000 m of multi-mode fiber. A
maximum distance of 300 m is achievable with 3Gbps
pathological signals.
LASER SAFETY
This multi-mode transceiver is a Class 1 laser product. It
complies with IEC-60825 and FDA 21 CFR 1040.10 and
1040.11. The transceiver must be operated within the
specified temperature and voltage limits. The optical ports
of the module shall be terminated with an optical connector
or with a dust plug.
ORDER INFORMATION
TX
RX
P/No.
Type
Bit Rate
(Mb/s)
λ
(nm)
Power
(dBm)
λ
(nm)
Sen.
(dBm)
Package
Temp
(
oC)
RoHS
Compliant
SPM-9100VWG
TRX
50 to 3000
850
-2 to -7
850
0 to -15
LC SFP with DMI
0 to 70
Yes
LINK DISTANCE
SDI
Bit Rate
Max. Link Distance (m)
3G-SDI
2.97Gbps
300
HD-SDI
1.485Gbps
500
SD-SDI
270Mbos
1,000


Similar Part No. - SPM-9100VWG_15

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPM-9100VWG_2015 OPTOWAY-SPM-9100VWG_2015 Datasheet
164Kb / 6P
   3 Gb/s Multi-Mode Digital Diagnostic Video SFP Transceiver
More results

Similar Description - SPM-9100VWG_15

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPM-9100VWG_2015 OPTOWAY-SPM-9100VWG_2015 Datasheet
164Kb / 6P
   3 Gb/s Multi-Mode Digital Diagnostic Video SFP Transceiver
SPM-9100VWG OPTOWAY-SPM-9100VWG Datasheet
171Kb / 6P
   850 nm / 3 Gb/s Multi-Mode Digital Diagnostic Video SFP Transceiver
SPM-9100VG_2015 OPTOWAY-SPM-9100VG_2015 Datasheet
164Kb / 6P
   3 Gb/s Multi-Mode Video SFP Transceiver
SPM-9100VG OPTOWAY-SPM-9100VG_15 Datasheet
164Kb / 6P
   3 Gb/s Multi-Mode Video SFP Transceiver
SPM-2100WG_2015 OPTOWAY-SPM-2100WG_2015 Datasheet
169Kb / 5P
   10.3 Gb/s Digital Diagnostic SFP LC Multi-Mode TRANSCEIVER
SPM-2100WG OPTOWAY-SPM-2100WG_15 Datasheet
169Kb / 5P
   10.3 Gb/s Digital Diagnostic SFP LC Multi-Mode TRANSCEIVER
SPS-9380VWG_2015 OPTOWAY-SPS-9380VWG_2015 Datasheet
165Kb / 6P
   3 Gb/s Medium Power SM Video Digital Diagnostic SFP Transceiver
SPS-9130VWG OPTOWAY-SPS-9130VWG_15 Datasheet
165Kb / 6P
   3 Gb/s Medium Power SM Video Digital Diagnostic SFP Transceiver
SPS-9110VWG OPTOWAY-SPS-9110VWG_15 Datasheet
166Kb / 6P
   3 Gb/s Medium Power SM Video Digital Diagnostic SFP Transceiver
SPS-9110VWG_2015 OPTOWAY-SPS-9110VWG_2015 Datasheet
166Kb / 6P
   3 Gb/s Medium Power SM Video Digital Diagnostic SFP Transceiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com