Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX27C2048QC-15 Datasheet(PDF) 5 Page - Macronix International

Part # MX27C2048QC-15
Description  2M-BIT [256Kx8/128x16] CMOS EPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX27C2048QC-15 Datasheet(HTML) 5 Page - Macronix International

  MX27C2048QC-15 Datasheet HTML 1Page - Macronix International MX27C2048QC-15 Datasheet HTML 2Page - Macronix International MX27C2048QC-15 Datasheet HTML 3Page - Macronix International MX27C2048QC-15 Datasheet HTML 4Page - Macronix International MX27C2048QC-15 Datasheet HTML 5Page - Macronix International MX27C2048QC-15 Datasheet HTML 6Page - Macronix International MX27C2048QC-15 Datasheet HTML 7Page - Macronix International MX27C2048QC-15 Datasheet HTML 8Page - Macronix International MX27C2048QC-15 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
MX27C2100/27C2048
P/N: PM0158
REV. 4.5, JAN. 14, 2003
MODE SELECT TABLE (MX27C2100)
BYTE/
MODE
CE
OE
A9
A0
Q15/A-1
VPP(5)
Q8-14
Q0-7
Read (Word)
VIL
VIL
X
X
Q15 Out
VCC
Q8-14 Out
Q0-7 Out
Read (Upper Byte)
VIL
VIL
X
X
VIH
GND
High Z
Q8-15 Out
Read (Lower Byte)
VIL
VIL
X
X
VIL
GND
High Z
Q0-7 Out
Output Disable
VIL
VIH
X
X
High Z
X
High Z
High Z
Standby
VIH
X
X
X
High Z
X
High Z
High Z
Program
VIL
VIH
X
X
Q15 In
VPP
Q8-14 In
Q0-7 In
Program Verify
VIH
VIL
X
X
Q15 Out
VPP
Q8-14 Out
Q0-7 Out
Program Inhibit
VIH
VIH
X
X
High Z
VPP
High Z
High Z
Manufacturer Code(3)
VIL
VIL
VH
VIL
0B
VCC
00H
C2H
Device Code(3)
VIL
VIL
VH
VIH
0B
VCC
01H
8AH
NOTES: 1. VH = 12.0 V ± 0.5 V
2. X = Either VIH or VIL
3. A1 - A8 = A10 - A16 = VIL(For auto select)
4. See DC Programming Characteristics for VPP voltage during
programming.
NOTES: 1. VH = 12.0V ± 0.5V
2. X = Either VIH or VIL.
3. A1 - A8, A10 - A16 = VIL(For auto select)
4. See DC Programming Characteristics for VPP voltages.
5. BYTE/VPP is intended for operation under DC Voltage
conditions only.
MODE SELECT TABLE (MX27C2048)
PINS
MODE
CE
OE
PGM
A0
A9
VPP
OUTPUTS
Read
VIL
VIL
VIH
X
X
VCC
DOUT
Output Disable
VIL
VIH
VIH
X
X
VCC
High Z
Standby (TTL)
VIH
X
X
X
X
VCC
High Z
Standby (CMOS)
VCC±0.3V
X
X
X
X
VCC
High Z
Program
VIL
VIH
VIL
X
X
VPP
DIN
Program Verify
VIL
VIL
VIH
X
X
VPP
DOUT
Program Inhibit
VIH
X
X
X
X
VPP
High Z
Manufacturer Code(3)
VIL
VIL
X
VIL
VH
VCC
00C2H
Device Code(3)
VIL
VIL
X
VIH
VH
VCC
0122H


Similar Part No. - MX27C2048QC-15

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX27C2000 MCNIX-MX27C2000 Datasheet
996Kb / 17P
   2M-BIT [256K x 8] CMOS EPROM
MX27C2000A MCNIX-MX27C2000A Datasheet
960Kb / 15P
   2M-BIT [256K x 8] CMOS EPROM
MX27C2000AMC-10 MCNIX-MX27C2000AMC-10 Datasheet
960Kb / 15P
   2M-BIT [256K x 8] CMOS EPROM
MX27C2000AMC-12 MCNIX-MX27C2000AMC-12 Datasheet
960Kb / 15P
   2M-BIT [256K x 8] CMOS EPROM
MX27C2000AMC-15 MCNIX-MX27C2000AMC-15 Datasheet
960Kb / 15P
   2M-BIT [256K x 8] CMOS EPROM
More results

Similar Description - MX27C2048QC-15

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX27L2000 MCNIX-MX27L2000 Datasheet
1Mb / 18P
   2M-BIT [256Kx8] CMOS EPROM
MAX27L2000 MCNIX-MAX27L2000 Datasheet
101Kb / 14P
   2M-BIT [256Kx8] CMOS EPROM
MX29F200CT MCNIX-MX29F200CT Datasheet
434Kb / 44P
   2M-BIT [256Kx8/128Kx16] CMOS FLASH MEMORY
MX29F200T MCNIX-MX29F200T Datasheet
720Kb / 46P
   2M-BIT [256Kx8/128Kx16] CMOS FLASH MEMORY
MX27C2000A MCNIX-MX27C2000A Datasheet
960Kb / 15P
   2M-BIT [256K x 8] CMOS EPROM
MX27C2000 MCNIX-MX27C2000 Datasheet
996Kb / 17P
   2M-BIT [256K x 8] CMOS EPROM
logo
ON Semiconductor
LE25U20AMB-AH ONSEMI-LE25U20AMB-AH Datasheet
140Kb / 21P
   2M-bit (256Kx8)Serial Flash Memory
July, 2013
logo
Macronix International
MX26L3220 MCNIX-MX26L3220 Datasheet
1Mb / 38P
   32M-BIT [2M x 16] CMOS MULTIPLE-TIME-PROGRAMMABLE EPROM
MX26C2000B MCNIX-MX26C2000B Datasheet
1,016Kb / 23P
   2M-BIT [256K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
logo
Toshiba Semiconductor
T4773 TOSHIBA-T4773 Datasheet
105Kb / 5P
   CMOS 256K-BIT EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com