Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX27L1000MC-25 Datasheet(PDF) 7 Page - Macronix International

Part # MX27L1000MC-25
Description  1M-BIT [128Kx8] LOW VOLTAGE OPERATION CMOS EPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX27L1000MC-25 Datasheet(HTML) 7 Page - Macronix International

Back Button MX27L1000MC-25 Datasheet HTML 3Page - Macronix International MX27L1000MC-25 Datasheet HTML 4Page - Macronix International MX27L1000MC-25 Datasheet HTML 5Page - Macronix International MX27L1000MC-25 Datasheet HTML 6Page - Macronix International MX27L1000MC-25 Datasheet HTML 7Page - Macronix International MX27L1000MC-25 Datasheet HTML 8Page - Macronix International MX27L1000MC-25 Datasheet HTML 9Page - Macronix International MX27L1000MC-25 Datasheet HTML 10Page - Macronix International MX27L1000MC-25 Datasheet HTML 11Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
MX27L1000
P/N: PM0238
REV. 3.8 , AUG. 26, 2003
AC CHARACTERISTICS
27L1000-90 27L1000-12 27L1000-15 27L1000-20 27L1000-25
Symbol PARAMETER
MIN.
MAX. MIN.
MAX. MIN.
MAX. MIN.
MAX. MIN.
MAX. UNIT CONDITIONS
tACC
Address to Output Delay
90
120
150
200
250
ns
CE = OE = VIL
tCE
Chip Enable to Output Delay
90
120
150
200
250
ns
OE = VIL
tOE
Output Enable to Output Delay
40
50
70
100
120
ns
CE = VIL
tDF
OE High to Output Float,
0
30
0
40
0
50
0
60
0
70
ns
or CE High to Output Float
tOH
Output Hold from Address,
00000ns
CE or OE which ever occurred first
AC PROGRAMMING CHARACTERISTICS
TA = 25oC ± 5°C
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
tAS
Address Setup Time
2.0
us
tOES
OE Setup Time
2.0
us
tDS
Data Setup Time
2.0
us
tAH
Address Hold Time
0
us
tDH
Data Hold Time
2.0
us
tDFP
Out put Enable to Output Float Delay
0
130
ns
tVPS
VPP Setup Time
2.0
us
tPW
PGM Program Pulse Width
95
105
us
tVCS
VCC Setup Time
2.0
us
tCES
CE Setup Time
2.0
us
tOE
Data valid from OE
150
ns
DC PROGRAMMING CHARACTERISTICS
TA = 25oC ± 5°C
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
CONDITIONS
VOH
Output High Voltage
2.4
V
IOH = -0.10mA
VOL
Output Low Voltage
0.4
V
IOL = 2.1mA
VIH
Input High Voltage
2.0
VCC + 0.5
V
VIL
Input Low Voltage
-0.3
0.8
V
ILI
Input Leakage Current
-10
10
uA
VIN = 0 to 3.6V
VH
A9 Auto Select Voltage
11.5
12.5
V
ICC3
VCC Supply Current (Program & Verify)
50
mA
IPP2
VPP Supply Current(Program)
30
mA
CE = VIL, OE = VIH
VCC1
Fast Programming Supply Voltage
6.00
6.50
V
VPP1
Fast Programming Voltage
12.5
13.0
V


Similar Part No. - MX27L1000MC-25

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX27L2000 MCNIX-MX27L2000 Datasheet
1Mb / 18P
   2M-BIT [256Kx8] CMOS EPROM
MX27L2000DC-12 MCNIX-MX27L2000DC-12 Datasheet
101Kb / 14P
   2M-BIT [256Kx8] CMOS EPROM
MX27L2000DC-15 MCNIX-MX27L2000DC-15 Datasheet
101Kb / 14P
   2M-BIT [256Kx8] CMOS EPROM
MX27L2000DC-20 MCNIX-MX27L2000DC-20 Datasheet
101Kb / 14P
   2M-BIT [256Kx8] CMOS EPROM
MX27L2000DC-25 MCNIX-MX27L2000DC-25 Datasheet
101Kb / 14P
   2M-BIT [256Kx8] CMOS EPROM
More results

Similar Description - MX27L1000MC-25

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX27L256 MCNIX-MX27L256 Datasheet
761Kb / 14P
   256K-BIT [32Kx8] LOW VOLTAGE OPERATION CMOS EPROM
MX27L4000 MCNIX-MX27L4000 Datasheet
955Kb / 15P
   4M-BIT [512K x8] LOW VOLTAGE OPERATION CMOS EPROM
MX29F100T MCNIX-MX29F100T Datasheet
706Kb / 47P
   1M-BIT [128Kx8/64Kx16] CMOS FLASH MEMORY
MX27C8000 MCNIX-MX27C8000_97 Datasheet
92Kb / 13P
   8M-BIT [1M x8] CMOS EPROM
MX27C8000 MCNIX-MX27C8000 Datasheet
985Kb / 15P
   8M-BIT [1M x8] CMOS EPROM
MX27C8000A MCNIX-MX27C8000A Datasheet
936Kb / 15P
   8M-BIT [1M x8] CMOS EPROM
MX27C1000 MCNIX-MX27C1000 Datasheet
997Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1000A MCNIX-MX27C1000A Datasheet
960Kb / 15P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1001 MCNIX-MX27C1001 Datasheet
91Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
logo
Samsung semiconductor
K6T1008C2E SAMSUNG-K6T1008C2E Datasheet
190Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com