Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX27C4000APC-15 Datasheet(PDF) 3 Page - Macronix International

Part # MX27C4000APC-15
Description  4M-BIT [512K x8] CMOS OTP ROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX27C4000APC-15 Datasheet(HTML) 3 Page - Macronix International

  MX27C4000APC-15 Datasheet HTML 1Page - Macronix International MX27C4000APC-15 Datasheet HTML 2Page - Macronix International MX27C4000APC-15 Datasheet HTML 3Page - Macronix International MX27C4000APC-15 Datasheet HTML 4Page - Macronix International MX27C4000APC-15 Datasheet HTML 5Page - Macronix International MX27C4000APC-15 Datasheet HTML 6Page - Macronix International MX27C4000APC-15 Datasheet HTML 7Page - Macronix International MX27C4000APC-15 Datasheet HTML 8Page - Macronix International MX27C4000APC-15 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
MX27C4000A
REV. 1.6, JUL. 19, 2001
P/N: PM00694
NOTES:
1. VH = 12.0 V ± 0.5 V
2. X = Either VIH or VIL
3. A1 - A8 = A10 - A18 = VIL(For auto select)
4. See DC Programming Characteristics for VPP voltage during programming.
MODE SELECT TABLE
PINS
MODE
CE
OE
A0
A9
VPP
OUTPUTS
Read
VIL
VIL
X
X
VCC
DOUT
Output Disable
VIL
VIH
X
X
VCC
High Z
Standby (TTL)
VIH
X
X
X
VCC
High Z
Standby (CMOS)
VCC±0.3V
X
X
X
VCC
High Z
Program
VIL
VIH
X
X
VPP
DIN
Program Verify
VIH
VIL
X
X
VPP
DOUT
Program Inhibit
VIH
VIH
X
X
VPP
High Z
Manufacturer Code(3)
VIL
VIL
VIL
VH
VCC
C2H
Device Code(3)
VIL
VIL
VIH
VH
VCC
C0H
at the outputs. Chip Enable (CE) is the power control
and should be used for device selection. Output Enable
(OE) is the output control and should be used to gate
data to the output pins, independent of device selection.
Assuming that addresses are stable, address access
time (tACC) is equal to the delay from CE to output (tCE).
Data is available at the outputs tOE after the falling edge
of OE's, assuming that CE has been LOW and
addresses have been stable for at least tACC - tOE.
STANDBY MODE
The MX27C4000A has a CMOS standby mode which
reduces the maximum VCC current to 100 uA. It is
placed in CMOS standby when CE is at VCC ± 0.3 V.
The MX27C4000A also has a TTL-standby mode which
reduces the maximum VCC current to 1.5 mA. It is
placed in TTL-standby when CE is at VIH. When in
standby mode, the outputs are in a high-impedance
state, independent of the OE input.
TWO-LINE OUTPUT CONTROL FUNCTION
To accommodate multiple memory connections, a two-
line control function is provided to allow for:
1. Low memory power dissipation,
2. Assurance that output bus contention will not
occur.
It is recommended that CE be decoded and used as the
primary device-selecting function, while OE be made a
common connection to all devices in the array and
connected to the READ line from the system control bus.
This assures that all deselected memory devices are in
their low-power standby mode and that the output pins
are only active when data is desired from a particular
memory device.
SYSTEM CONSIDERATIONS
During the switch between active and standby
conditions, transient current peaks are produced on the
rising and falling edges of Chip Enable. The magnitude
of these transient current peaks is dependent on the
output capacitance loading of the device. At a minimum,
a 0.1 uF ceramic capacitor (high frequency, low inherent
inductance) should be used on each device between
VCC and GND to minimize transient effects. In addition,
to overcome the voltage drop caused by the inductive
effects of the printed circuit board traces on EPROM
arrays, a 4.7 uF bulk electrolytic capacitor should be
used between VCC and GND for each eight devices.
The location of the capacitor should be close to where
the power supply is connected to the array.


Similar Part No. - MX27C4000APC-15

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX27C4000 MCNIX-MX27C4000 Datasheet
983Kb / 15P
   4M-BIT [512K x8] CMOS EPROM
MX27C4000MC-10 MCNIX-MX27C4000MC-10 Datasheet
983Kb / 15P
   4M-BIT [512K x8] CMOS EPROM
MX27C4000MC-12 MCNIX-MX27C4000MC-12 Datasheet
983Kb / 15P
   4M-BIT [512K x8] CMOS EPROM
MX27C4000MC-15 MCNIX-MX27C4000MC-15 Datasheet
983Kb / 15P
   4M-BIT [512K x8] CMOS EPROM
MX27C4000MC-90 MCNIX-MX27C4000MC-90 Datasheet
983Kb / 15P
   4M-BIT [512K x8] CMOS EPROM
More results

Similar Description - MX27C4000APC-15

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX27C8100 MCNIX-MX27C8100 Datasheet
523Kb / 15P
   8M-BIT [1M x8/512K x16] CMOS OTP ROM
MX27C4000 MCNIX-MX27C4000 Datasheet
983Kb / 15P
   4M-BIT [512K x8] CMOS EPROM
MX27C8111 MCNIX-MX27C8111 Datasheet
488Kb / 15P
   8M-BIT [1M x8/512K x16] CMOS OTP ROM WITH PAGE MODE
logo
Toshiba Semiconductor
TC534000P TOSHIBA-TC534000P Datasheet
170Kb / 4P
   4M BIT (512K WORDX8 BIT) CMOS MASK ROM SILICON GATE CMOS
logo
Macronix International
MX27L4000 MCNIX-MX27L4000 Datasheet
955Kb / 15P
   4M-BIT [512K x8] LOW VOLTAGE OPERATION CMOS EPROM
MX27C4111 MCNIX-MX27C4111 Datasheet
522Kb / 15P
   4M-BIT [512K x8/256K x16] CMOS EPROM WITH PAGE MODE
logo
Holtek Semiconductor In...
HT27LC040 HOLTEK-HT27LC040 Datasheet
175Kb / 15P
   CMOS 512K 8-Bit OTP EPROM
logo
Samsung semiconductor
KM23C4100DT SAMSUNG-KM23C4100DT Datasheet
72Kb / 4P
   4M-Bit (512Kx8 /256Kx16) CMOS MASK ROM
logo
Macronix International
MX23C4100 MCNIX-MX23C4100 Datasheet
322Kb / 8P
   4M-BIT [512K x 8/256K x 16] MASK ROM
logo
List of Unclassifed Man...
MX23C4096 ETC-MX23C4096 Datasheet
53Kb / 6P
   4M-BIT [256K x 16] CMOS MASK ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com