Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0638603000 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0638603000
Description  FineAdjust Applicator, Large Insulation
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0638603000 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0638603000 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/16/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0638603000
Status:
Active
Description:
FineAdjust™ Applicator, Large Insulation
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Application Tooling
Series
T9999
Comments
Large Insulation
Function
Crimp
Geographic Area
Global
Level of Automation
Automatic, Semi-Automatic
More Detailed Tech Information
applicationtooling@molex.com
Product Name
FineAdjust™
Survey
www.molex.com//review/apptool_survey.html
Tool Type
FineAdjust Applicator
UPC
800753306295
Physical
Net Weight
4999.050/g
Material Info
Reference - Drawing Numbers
Application Tooling Documents
638603000, TM-638000029, TM-638000029CN,
TM-638000029DE, TM-638000029FR,
TM-638000029IT, TM-638000029JP,
TM-638000029KR, TM-638000029MY,
TM-638000029PL, TM-638000029RU,
TM-638000029SK, TM-638000029SP,
TM-638000029TH, TM-638000029TW,
TM-638000029VN, TM-638004900, TM-638004900CN,
TM-638004900SP
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
Search Parts in this Series
T9999 Series
Use With
Molex TM-3000™: 63801-7200 ,
63801-7300 , Molex TM-4000™:
63801-7600 , Molex TM-2000™:
63800-8300 , 63800-8400 , and Most
Industry Standard Presses or Wire Process
Machines
This document was generated on 10/16/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0638603000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0638603100 MOLEX-0638603100 Datasheet
33Kb / 1P
   FineAdjust Applicator, Small Insulation
08/25/2022
More results

Similar Description - 0638603000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0638603100 MOLEX-0638603100 Datasheet
33Kb / 1P
   FineAdjust Applicator, Small Insulation
08/25/2022
63860-3100 MOLEX11-63860-3100 Datasheet
49Kb / 1P
   FineAdjust Applicator, Small Insulation
63867-8100 MOLEX11-63867-8100 Datasheet
39Kb / 1P
   FineAdjust Applicator, Insulation Range 2.41-3.05mm
0638678000 MOLEX11-0638678000 Datasheet
32Kb / 1P
   FineAdjust Applicator, Insulation Range 1.91-2.41mm
0638678200 MOLEX11-0638678200 Datasheet
32Kb / 1P
   FineAdjust Applicator, Insulation Range 3.05-3.81mm
0638681100 MOLEX11-0638681100 Datasheet
42Kb / 1P
   FineAdjust Applicator, Insulation Range 1.79-2.16mm
0638681000 MOLEX-0638681000 Datasheet
32Kb / 1P
   FineAdjust Applicator, Insulation Range 1.40–1.79mm
08/26/2022
63902-3000 MOLEX11-63902-3000 Datasheet
39Kb / 1P
   FineAdjust Applicator
63866-5000 MOLEX11-63866-5000 Datasheet
39Kb / 1P
   FineAdjust Applicator
63867-3000 MOLEX11-63867-3000 Datasheet
39Kb / 1P
   FineAdjust Applicator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com