Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX29F001TQC-90 Datasheet(PDF) 5 Page - Macronix International

Part # MX29F001TQC-90
Description  1M-BIT [128K x 8] CMOS FLASH MEMORY
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29F001TQC-90 Datasheet(HTML) 5 Page - Macronix International

  MX29F001TQC-90 Datasheet HTML 1Page - Macronix International MX29F001TQC-90 Datasheet HTML 2Page - Macronix International MX29F001TQC-90 Datasheet HTML 3Page - Macronix International MX29F001TQC-90 Datasheet HTML 4Page - Macronix International MX29F001TQC-90 Datasheet HTML 5Page - Macronix International MX29F001TQC-90 Datasheet HTML 6Page - Macronix International MX29F001TQC-90 Datasheet HTML 7Page - Macronix International MX29F001TQC-90 Datasheet HTML 8Page - Macronix International MX29F001TQC-90 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
5
REV. 2.6, DEC. 29, 2003
P/N: PM0515
MX29F001T/B
First Bus
Second Bus
Third Bus
Fourth Bus
Fifth Bus
Sixth Bus
Command
Bus
Cycle
Cycle
Cycle
Cycle
Cycle
Cycle
Cycle Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr Data
Addr
Data
Reset
1
XXXH
F0H
Read
1
RD
RD
Read Silicon ID
4
555H
AAH
2AAH
55H
555H
90H
ADI
DDI
Chip Protect Verify
4
555H
AAH
2AAH
55H
555H
90H
(SA)
00H
X02H
01H
Program
4
555H
AAH
2AAH
55H
555H A0H
PA
PD
Chip Erase
6
555H
AAH
2AAH
55H
555H
80H
555H
AAH
2AAH
55H
555H
10H
Sector Erase
6
555H
AAH
2AAH
55H
555H
80H
555H
AAH
2AAH
55H
SA
30H
Sector Erase Suspend 1
XXXH
B0H
Sector Erase Resume
1
XXXH
30H
Unlock for chip
6
555H
AAH
2AAH
55H
555H
80H
555H
AAH
2AAH 55H
555H 20H
protect/unprotect
TABLE 1. SOFTWARE COMMAND DEFINITIONS
Note:
1. ADI = Address of Device identifier;A1=0, A0 =0 for manufacture code, A1=0, A0 =1 for device code.(Refer to
Table 3)
DDI = Data of Device identifier : C2H for manufacture code, 18H/19H for device code.
X = X can be VIL or VIH
RA=Address of memory location to be read.
RD=Data to be read at location RA.
2. PA = Address of memory location to be programmed.
PD = Data to be programmed at location PA.
SA = Address to the sector to be erased.
3. The system should generate the following address patterns: 555H or 2AAH to Address A0~A10.
Address bit A11~A16=X=Don't care for all address commands except for Program Address (PA) and Sector
Address (SA). Write Sequence may be initiated with A11~A16 in either state.
4. For chip protect verify operation : If read out data is 01H, it means the chip has been protected. If read out data
is 00H, it means the chip is still not being protected.
COMMAND DEFINITIONS
Device operations are selected by writing specific ad-
dress and data sequences into the command register.
Writing incorrect address and data values or writing
them in the improper sequence will reset the device to
the read mode.
Table 1 defines the valid register
command sequences. Note that the Erase Suspend
(B0H) and Erase Resume (30H) commands are valid
only while the Sector Erase operation is in progress.
Either of the two reset command sequences will reset
the device(when applicable).


Similar Part No. - MX29F001TQC-90

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F002 MCNIX-MX29F002 Datasheet
608Kb / 51P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F002B MCNIX-MX29F002B Datasheet
608Kb / 51P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F002BPC-12 MCNIX-MX29F002BPC-12 Datasheet
608Kb / 51P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F002BPC-55 MCNIX-MX29F002BPC-55 Datasheet
608Kb / 51P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F002BPC-70 MCNIX-MX29F002BPC-70 Datasheet
608Kb / 51P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
More results

Similar Description - MX29F001TQC-90

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MX28F1000P ETC-MX28F1000P Datasheet
213Kb / 33P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
logo
Macronix International
MX28F1000P MCNIX-MX28F1000P Datasheet
127Kb / 33P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
logo
SPANSION
MBM29F080A SPANSION-MBM29F080A Datasheet
597Kb / 44P
   FLASH MEMORY CMOS 8M (1M x 8) BIT
MBM29LV008TA SPANSION-MBM29LV008TA Datasheet
449Kb / 51P
   FLASH MEMORY CMOS 8M (1M X 8) BIT
logo
Winbond
W29EE012 WINBOND-W29EE012 Datasheet
242Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W29EE011 WINBOND-W29EE011 Datasheet
183Kb / 20P
   128K X 8 CMOS FLASH MEMORY
W29C011A WINBOND-W29C011A Datasheet
153Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W39L010 WINBOND-W39L010 Datasheet
780Kb / 27P
   128K X 8 CMOS FLASH MEMORY
logo
List of Unclassifed Man...
NX29F010 ETC1-NX29F010 Datasheet
378Kb / 25P
   1M-BIT (128K x 8-bit) CMOS, 5.0V Only ULTRA-FAST SECTORED FLASH MEMORY
logo
Macronix International
MX27C1000 MCNIX-MX27C1000 Datasheet
997Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com