Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

27C4096-10 Datasheet(PDF) 9 Page - Macronix International

Part # 27C4096-10
Description  4M-BIT [512K x 8/256K x 16] CMOS EPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

27C4096-10 Datasheet(HTML) 9 Page - Macronix International

Back Button 27C4096-10 Datasheet HTML 5Page - Macronix International 27C4096-10 Datasheet HTML 6Page - Macronix International 27C4096-10 Datasheet HTML 7Page - Macronix International 27C4096-10 Datasheet HTML 8Page - Macronix International 27C4096-10 Datasheet HTML 9Page - Macronix International 27C4096-10 Datasheet HTML 10Page - Macronix International 27C4096-10 Datasheet HTML 11Page - Macronix International 27C4096-10 Datasheet HTML 12Page - Macronix International 27C4096-10 Datasheet HTML 13Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
REV. 3.6, NOV. 19, 2002
P/N: PM0197
MX27C4100/27C4096
NOTICE:
Stresses greater than those listed under ABSOLUTE MAXIMUM
RATINGS may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at these or
any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended period may affect reliability.
NOTICE:
Specifications contained within the following tables are subject to
change.
DC/AC Operating Conditions for Read Operation
ABSOLUTE MAXIMUM RATINGS
RATING
VALUE
Ambient Operating Temperature
-40oC to 85oC
Storage Temperature
-65oC to 125oC
Applied Input Voltage
-0.5V to 7.0V
Applied Output Voltage
-0.5V to VCC + 0.5V
VCC to Ground Potential
-0.5V to 7.0V
A9 & VPP
-0.5V to 13.5V
MX27C4100/4096
-10
-12
-15
Operating Temperature
Commercial
0°C to 70°C0°C to 70°C0°C to 70°C
Industrial
-40°C to 85°C
-40°C to 85°C
-40°C to 85°C
Vcc Power Supply
5V ± 5%
5V ± 10%
5V ± 10%
DC CHARACTERISTICS
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
CONDITIONS
VOH
Output High Voltage
2.4
V
IOH = -0.4mA
VOL
Output Low Voltage
0.4
V
IOL = 2.1mA
VIH
Input High Voltage
2.0
VCC + 0.5
V
VIL
Input Low Voltage
-0.3
0.8
V
ILI
Input Leakage Current
-10
10
uA
VIN = 0 to 5.5V
ILO
Output Leakage Current
-10
10
uA
VOUT = 0 to 5.5V
ICC3
VCC Power-Down Current
100
uA
CE = VCC ± 0.3V
ICC2
VCC Standby Current
1.5
mA
CE = VIH
ICC1
VCC Active Current
60
mA
CE = VIL, f=5MHz, Iout = 0mA
IPP
VPP Supply Current Read
10
uA
CE = OE = VIL, VPP = 5.5V
CAPACITANCE TA = 25oC, f = 1.0 MHz (Sampled only)
SYMBOL
PARAMETER
TYP.
MAX.
UNIT
CONDITIONS
CIN
Input Capacitance
8
12
pF
VIN = 0V
COUT
Output Capacitance
8
12
pF
VOUT = 0V
CVPP
VPP Capacitance
18
25
pF
VPP = 0V


Similar Part No. - 27C4096-10

ManufacturerPart #DatasheetDescription
logo
Winbond
27C4096 WINBOND-27C4096 Datasheet
230Kb / 15P
   256K X 16 ELECTRICALLY ERASABLE EPROM
logo
Advanced Micro Devices
27C4096 AMD-27C4096 Datasheet
165Kb / 12P
   4 Megabit (256 K x 16-Bit) CMOS EPROM
logo
ATMEL Corporation
27C4096 ATMEL-27C4096 Datasheet
254Kb / 9P
   4-Megabit 256K x 16 OTP EPROM
More results

Similar Description - 27C4096-10

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29LV400TC FUJITSU-MBM29LV400TC Datasheet
584Kb / 58P
   4M (512K X 8/256K X 16) BIT
MBM29DL400TC FUJITSU-MBM29DL400TC Datasheet
551Kb / 56P
   4M (512K X 8/256K X 16) BIT
MBM29F400TC FUJITSU-MBM29F400TC Datasheet
542Kb / 47P
   4M (512K X 8/256K X 16) BIT
logo
SPANSION
MBM29LV400TC-55 SPANSION-MBM29LV400TC-55 Datasheet
654Kb / 58P
   FLASH MEMORY CMOS 4M (512K X 8/256K X 16) BIT
MBM29F400TC SPANSION-MBM29F400TC Datasheet
566Kb / 48P
   FLASH MEMORY CMOS 4M (512K x 8/256K x 16) BIT
logo
Macronix International
MX23C4100 MCNIX-MX23C4100 Datasheet
322Kb / 8P
   4M-BIT [512K x 8/256K x 16] MASK ROM
MX26C4000B MCNIX-MX26C4000B Datasheet
957Kb / 20P
   4M-BIT [512K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
logo
AMIC Technology
A23L8316 AMICC-A23L8316 Datasheet
221Kb / 12P
   256K X 16 / 512K X 8 BIT CMOS MASK ROM
logo
Winbond
W28V400B WINBOND-W28V400B Datasheet
1Mb / 48P
   4M(512K x 8/256K x 16) SMARTVOLTAGE FLASH MEMORY
logo
Macronix International
MX29LV400T MCNIX-MX29LV400T Datasheet
1Mb / 59P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com