Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX27C1024MC-85 Datasheet(PDF) 2 Page - Macronix International

Part # MX27C1024MC-85
Description  1M-BIT [128K x 8/64K x 16] CMOS EPROM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX27C1024MC-85 Datasheet(HTML) 2 Page - Macronix International

  MX27C1024MC-85 Datasheet HTML 1Page - Macronix International MX27C1024MC-85 Datasheet HTML 2Page - Macronix International MX27C1024MC-85 Datasheet HTML 3Page - Macronix International MX27C1024MC-85 Datasheet HTML 4Page - Macronix International MX27C1024MC-85 Datasheet HTML 5Page - Macronix International MX27C1024MC-85 Datasheet HTML 6Page - Macronix International MX27C1024MC-85 Datasheet HTML 7Page - Macronix International MX27C1024MC-85 Datasheet HTML 8Page - Macronix International MX27C1024MC-85 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
REV. 4.6, JAN. 14, 2003
P/N: PM0156
MX27C1100/27C1024
PIN CONFIGURATIONS
PDIP/SOP(MX27C1024)
PLCC(MX27C1024)
BLOCK DIAGRAM (MX27C1024)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
VPP
CE
Q15
Q14
Q13
Q12
Q11
Q10
Q9
Q8
GND
Q7
Q6
Q5
Q4
Q3
Q2
Q1
Q0
OE
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
VCC
PGM
NC
A15
A14
A13
A12
A11
A10
A9
GND
A8
A7
A6
A5
A4
A3
A2
A1
A0
MX27C1024
Q12
Q11
Q10
Q9
Q8
GND
NC
Q7
Q6
Q5
Q4
A13
A12
A11
A10
A9
GND
NC
A8
A7
A6
A5
644
40
39
34
29
7
12
17
18
23
28
1
CONTROL
LOGIC
OUTPUT
BUFFERS
Q0~Q15
CE
PGM
OE
A0~A15
ADDRESS
INPUTS
Y-DECODER
X-DECODER
Y-DECODER
1M BIT
CELL
MAXTRIX
VCC
GND
VPP
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.


Similar Part No. - MX27C1024MC-85

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX27C1000 MCNIX-MX27C1000 Datasheet
997Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1000 MCNIX-MX27C1000 Datasheet
91Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1000A MCNIX-MX27C1000A Datasheet
960Kb / 15P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1000AMC-10 MCNIX-MX27C1000AMC-10 Datasheet
960Kb / 15P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1000AMC-12 MCNIX-MX27C1000AMC-12 Datasheet
960Kb / 15P
   1M-BIT [128K x 8] CMOS EPROM
More results

Similar Description - MX27C1024MC-85

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX27C1000 MCNIX-MX27C1000 Datasheet
997Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1000A MCNIX-MX27C1000A Datasheet
960Kb / 15P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1001 MCNIX-MX27C1001 Datasheet
91Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
MX26C1000A MCNIX-MX26C1000A Datasheet
87Kb / 16P
   1M-BIT [128K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
MX26C1000B MCNIX-MX26C1000B Datasheet
1,016Kb / 23P
   1M-BIT [128K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
MX27L512 MCNIX-MX27L512 Datasheet
760Kb / 14P
   512K-BIT [64K x 8] CMOS EPROM
logo
NXP Semiconductors
27HC641 PHILIPS-27HC641 Datasheet
273Kb / 8P
   64K BIT CMOS EPROM (8K X 8)
November 12 1990
27C64A PHILIPS-27C64A Datasheet
528Kb / 14P
   64K-bit CMOS EPROM(8K x 8)
November 12 1990
logo
Holtek Semiconductor In...
HT27C010 HOLTEK-HT27C010 Datasheet
171Kb / 15P
   CMOS 128K X 8-Bit OTP EPROM
logo
Cypress Semiconductor
CY27C128 CYPRESS-CY27C128 Datasheet
521Kb / 9P
   128K (16K x 8-Bit) CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com