Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX28F2100BTC-70 Datasheet(PDF) 10 Page - Macronix International

Part # MX28F2100BTC-70
Description  2M-BIT [256K x 8/128K x 16] CMOS FLASH MEMORY
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX28F2100BTC-70 Datasheet(HTML) 10 Page - Macronix International

Back Button MX28F2100BTC-70 Datasheet HTML 6Page - Macronix International MX28F2100BTC-70 Datasheet HTML 7Page - Macronix International MX28F2100BTC-70 Datasheet HTML 8Page - Macronix International MX28F2100BTC-70 Datasheet HTML 9Page - Macronix International MX28F2100BTC-70 Datasheet HTML 10Page - Macronix International MX28F2100BTC-70 Datasheet HTML 11Page - Macronix International MX28F2100BTC-70 Datasheet HTML 12Page - Macronix International MX28F2100BTC-70 Datasheet HTML 13Page - Macronix International MX28F2100BTC-70 Datasheet HTML 14Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
10
MX28F2100B
P/N: PM0382
REV. 1.5, MAR. 24, 1998
Status Register Bit Definition
SR.7 = WRITE STATE MACHINE STATUS(WSMS)
1 = Ready
0 = Busy
SR.6 = ERASE-SUSPEND STATUS (ESS)
1 = Erase Suspended
0 = Erase in Progress/Completed
SR.5 = ERASE STATUS
1 = Error in Erase
0 = Successful Erasure
SR.4 = PROGRAM STATUS
1 = Error in Byte/Word Program
0 = Successful Byte/Word Program
SR.3 = Vpp STATUS
1 = Vpp Low Detect, Operation Abort
0 = Vpp OK
NOTE :
State machine bit must first be checked to determine
Byte/Word program or Block Erase completion, before
the Program or Erase Status bits are checked for success.
When Erase Suspend is issued, state machine halts
execution and sets both WSMS and ESS bits to "1," ESS
bit remains set to "1" until an Erase Resume command is
issued.
When this bit set to "1," state machine has applied the
maximum number of erase pulses to the device and is still
unable to successfully verify erasure.
When this bit is set to "1," state machine has attempted
but failed to program a byte or word.
The Vpp status bit, unlike an A/D converter, does not
provide continuous indication of Vpp level. The state
machine interrogates Vpp level only after the Byte Write
or Erase command sequences have been entered, and
informs the system if Vpp has not been switched on.
WSMS
ESS
ES
PS
VPPS
7
6
5
4
3


Similar Part No. - MX28F2100BTC-70

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX28F2000P MCNIX-MX28F2000P Datasheet
191Kb / 33P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX28F2000PPC-12C4 MCNIX-MX28F2000PPC-12C4 Datasheet
191Kb / 33P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX28F2000PPC-70C4 MCNIX-MX28F2000PPC-70C4 Datasheet
191Kb / 33P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX28F2000PPC-90C4 MCNIX-MX28F2000PPC-90C4 Datasheet
191Kb / 33P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX28F2000PQC-12C4 MCNIX-MX28F2000PQC-12C4 Datasheet
191Kb / 33P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
More results

Similar Description - MX28F2100BTC-70

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX28F2000T MCNIX-MX28F2000T Datasheet
115Kb / 31P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F022 MCNIX-MX29F022 Datasheet
595Kb / 46P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
MX29F002 MCNIX-MX29F002 Datasheet
608Kb / 51P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX28F2000P MCNIX-MX28F2000P Datasheet
191Kb / 33P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F022T MCNIX-MX29F022T_98 Datasheet
231Kb / 38P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
logo
Fujitsu Component Limit...
MBM29LV200TC FUJITSU-MBM29LV200TC Datasheet
488Kb / 54P
   2M (256K X 8/128K X 16) BIT
MBM29F200TC FUJITSU-MBM29F200TC Datasheet
508Kb / 48P
   2M (256K X 8/128K X 16) BIT
logo
Sharp Corporation
LH532000B-1 SHARP-LH532000B-1 Datasheet
72Kb / 8P
   CMOS 2M (256K x 8/128K x 16) MROM
logo
Force Technologies Ltd
FT29F200CT FORCE-FT29F200CT Datasheet
2Mb / 49P
   2M-BIT [256K x 8 / 128K x 16] SINGLE VOLTAGE 5V ONLY FLASH MEMORY
logo
Sharp Corporation
LH532000B SHARP-LH532000B Datasheet
68Kb / 7P
   CMOS 2M (256K x 8/128K x 16) MROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com