Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX29F016T4C-90 Datasheet(PDF) 3 Page - Macronix International

Part # MX29F016T4C-90
Description  16M-BIT [2M X 8] CMOS EQUAL SECTOR FLASH MEMORY
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29F016T4C-90 Datasheet(HTML) 3 Page - Macronix International

  MX29F016T4C-90 Datasheet HTML 1Page - Macronix International MX29F016T4C-90 Datasheet HTML 2Page - Macronix International MX29F016T4C-90 Datasheet HTML 3Page - Macronix International MX29F016T4C-90 Datasheet HTML 4Page - Macronix International MX29F016T4C-90 Datasheet HTML 5Page - Macronix International MX29F016T4C-90 Datasheet HTML 6Page - Macronix International MX29F016T4C-90 Datasheet HTML 7Page - Macronix International MX29F016T4C-90 Datasheet HTML 8Page - Macronix International MX29F016T4C-90 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
3
P/N:PM0590
REV. 1.4, NOV. 21, 2002
MX29F016
Group Sector A20 A19 A18 A17 A16 Address Range
Sector
SGA0 SA0
0
0
0
0
0
000000h-00FFFFh
SGA0 SA1
0
0
0
0
1
010000h-01FFFFh
SGA0 SA2
0
0
0
1
0
020000h-02FFFFh
SGA0 SA3
0
0
0
1
1
030000h-03FFFFh
SGA1 SA4
0
0
1
0
0
040000h-04FFFFh
SGA1 SA5
0
0
1
0
1
050000h-05FFFFh
SGA1 SA6
0
0
1
1
0
060000h-06FFFFh
SGA1 SA7
0
0
1
1
1
070000h-07FFFFh
SGA2 SA8
0
1
0
0
0
080000h-08FFFFh
SGA2 SA9
0
1
0
0
1
090000h-09FFFFh
SGA2 SA10
0
1
0
1
0
0A0000h-0AFFFFh
SGA2 SA11
0
1
0
1
1
0B0000h-0BFFFFh
SGA3 SA12
0
1
1
0
0
0C0000h-0CFFFFh
SGA3 SA13
0
1
1
0
1
0D0000h-0DFFFFh
SGA3 SA14
0
1
1
1
0
0E0000h-0EFFFFh
SGA3 SA15
0
1
1
1
1
0F0000h-0FFFFFh
SGA4 SA16
1
0
0
0
0
100000h-10FFFFh
SGA4 SA17
1
0
0
0
1
110000h-11FFFFh
SGA4 SA18
1
0
0
1
0
120000h-12FFFFh
SGA4 SA19
1
0
0
1
1
130000h-13FFFFh
SGA5 SA20
1
0
1
0
0
140000h-14FFFFh
SGA5 SA21
1
0
1
0
1
150000h-15FFFFh
SGA5 SA22
1
0
1
1
0
160000h-16FFFFh
SGA5 SA23
1
0
1
1
1
170000h-17FFFFh
SGA6 SA24
1
1
0
0
0
180000h-18FFFFh
SGA6 SA25
1
1
0
0
1
190000h-19FFFFh
SGA6 SA26
1
1
0
1
0
1A0000h-1AFFFFh
SGA6 SA27
1
1
0
1
1
1B0000h-1BFFFFh
SGA7 SA28
1
1
1
0
0
1C0000h-1CFFFFh
SGA7 SA29
1
1
1
0
1
1D0000h-1DFFFFh
SGA7 SA30
1
1
1
1
0
1E0000h-1EFFFFh
SGA7 SA31
1
1
1
1
1
1F0000h-1FFFFFh
Legend:SA=Sector Address ; SGA=Sector Group Address
Note:All sectors are 64 Kbytes in size.
MX29F016 SECTOR ADDRESS TABLE
LOGIC SYMBOL
8
Q0-Q7
RY/BY
A0-A20
CE
OE
WE
RESET
21


Similar Part No. - MX29F016T4C-90

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F001B MCNIX-MX29F001B Datasheet
587Kb / 42P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
MX29F001T MCNIX-MX29F001T Datasheet
587Kb / 42P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
MX29F001TPC-12 MCNIX-MX29F001TPC-12 Datasheet
587Kb / 42P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
MX29F001TPC-90 MCNIX-MX29F001TPC-90 Datasheet
587Kb / 42P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
MX29F001TQC-12 MCNIX-MX29F001TQC-12 Datasheet
587Kb / 42P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
More results

Similar Description - MX29F016T4C-90

ManufacturerPart #DatasheetDescription
logo
SPANSION
MBM29F017A SPANSION-MBM29F017A Datasheet
493Kb / 49P
   FLASH MEMORY CMOS 16M (2M x 8) BIT
MBM29F016A SPANSION-MBM29F016A Datasheet
467Kb / 43P
   FLASH MEMORY CMOS 16M (2M x 8) BIT
logo
Macronix International
MX29F080 MCNIX-MX29F080 Datasheet
664Kb / 38P
   8M-BIT [1024K x 8] CMOS EQUAL SECTOR FLASH MEMORY
MX29LV065 MCNIX-MX29LV065 Datasheet
747Kb / 64P
   64M-BIT [8M x 8] CMOS EQUAL SECTOR FLASH MEMORY
logo
List of Unclassifed Man...
MX29LV033A ETC1-MX29LV033A Datasheet
348Kb / 56P
   32M-BIT [4M x 8] CMOS EQUAL SECTOR FLASH MEMORY
logo
SPANSION
MBM29F160TE70 SPANSION-MBM29F160TE70 Datasheet
575Kb / 49P
   FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT
MBM29LV160T SPANSION-MBM29LV160T Datasheet
731Kb / 58P
   FLASH MEMORY CMOS 16M (2M x 8/1M x 16) BIT
logo
Macronix International
MX29LV640BU MCNIX-MX29LV640BU Datasheet
492Kb / 64P
   64M-BIT [4M x 16] CMOS EQUAL SECTOR FLASH MEMORY
MX29F4000 MCNIX-MX29F4000 Datasheet
247Kb / 36P
   4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY
MX29F040 MCNIX-MX29F040 Datasheet
592Kb / 40P
   4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com