Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX29F022 Datasheet(PDF) 11 Page - Macronix International

Part # MX29F022
Description  2M-BIT[256K x 8]CMOS FLASH MEMORY
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29F022 Datasheet(HTML) 11 Page - Macronix International

Back Button MX29F022 Datasheet HTML 7Page - Macronix International MX29F022 Datasheet HTML 8Page - Macronix International MX29F022 Datasheet HTML 9Page - Macronix International MX29F022 Datasheet HTML 10Page - Macronix International MX29F022 Datasheet HTML 11Page - Macronix International MX29F022 Datasheet HTML 12Page - Macronix International MX29F022 Datasheet HTML 13Page - Macronix International MX29F022 Datasheet HTML 14Page - Macronix International MX29F022 Datasheet HTML 15Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
11
P/N:PM0556
REV. 1.3, NOV. 11, 2002
MX29F022/022NT/B
Q2:Toggle Bit II
The "Toggle Bit II" on Q2, when used with Q6, indicates
whether a particular sector is actively erasing (that is,
the Automatic Erase algorithm is in process), or whether
that sector is erase-suspended. Toggle Bit I is valid after
the rising edge of the final WE pulse in the command
sequence.
Q2 toggles when the system reads at addresses within
those sectors that have been selected for erasure. (The
system may use either OE or CE to control the read
cycles.) But Q2 cannot distinguish whether the sector
is actively erasing or is erase-suspended. Q6, by com-
parison, indicates whether the device is actively eras-
ing, or is in Erase Suspend, but cannot distinguish which
sectors are selected for erasure. Thus, both status bits
are required for sectors and mode information. Refer to
Table 4 to compare outputs for Q2 and Q6.
Reading Toggle Bits Q6/ Q2
Refer to the toggle bit algorithm for the following
discussion. Whenever the system initially begins
reading toggle bit status, it must read Q7-Q0 at least
twice in a row to determine whether a toggle bit is
toggling. Typically, the system would note and store the
value of the toggle bit after the first read. After the
second read, the system would compare the new value
of the toggle bit with the first. If the toggle bit is not
toggling, the device has completed the program or erase
operation. The system can read array data on Q7-Q0 on
the following read cycle.
However, if after the initial two read cycles, the system
determines that the toggle bit is still toggling, the
system also should note whether the value of Q5 is high
(see the section on Q5). If it is, the system should then
determine again whether the toggle bit is toggling, since
the toggle bit may have stopped toggling just as Q5 went
high. If the toggle bit is no longer toggling, the device
has successfully completed the program or erase opera-
tion. If it is still toggling, the device did not complete the
operation successfully, and the system must write the
reset command to return to reading array data.
The remaining scenario is that system initially determines
that the toggle bit is toggling and Q5 has not gone high.
The system may continue to monitor the toggle bit and
Q5 through successive read cycles, determining the
status as described in the previous paragraph.
Alternatively, it may choose to perform other system
tasks. In this case, the system must start at the
beginning of the algorithm when it returns to determine
the status of the operation (top of the toggle bit algorithm
flow chart).
Q5
Exceeded Timing Limits
Q5 will indicate if the program or erase time has
exceeded the specified limits (internal pulse count). Under
these conditions Q5 will produce a "1".This time-out con-
dition indicates that the program or erase cycle was not
successfully completed. Data Polling and Toggle Bit are
the only operating functions not of the device under this
condition.
If this time-out condition occurs during sector erase
operation, it specifies that a particular sector is bad and
it may not be reused. However, other sectors are still
functional and may be used for the program or erase
operation. The device must be reset to use other
sectors. Write the Reset command sequence to the de-
vice, and then execute program or erase command se-
quence. This allows the system to continue to use the
other active sectors in the device.
If this time-out condition occurs during the chip erase
operation, it specifies that the entire chip is bad or
combination of sectors are bad.
If this time-out condition occurs during the byte
programming operation, it specifies that the entire
sector containing that byte is bad and this sector may
not be reused, (other sectors are still functional and can
be reused).
The time-out condition may also appear if a user tries to
program a non blank location without erasing. In this
case the device locks out and never completes the
Automatic Algorithm operation. Hence, the system never
reads a valid data on Q7 bit and Q6 never stops
toggling. Once the Device has exceeded timing limits,
the Q5 bit will indicate a "1". Please note that this is not
a device failure condition since the device was
incorrectly used.


Similar Part No. - MX29F022

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F022B MCNIX-MX29F022B Datasheet
231Kb / 38P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
MX29F022BPC-12 MCNIX-MX29F022BPC-12 Datasheet
231Kb / 38P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
MX29F022BPC-70 MCNIX-MX29F022BPC-70 Datasheet
231Kb / 38P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
MX29F022BPC-90 MCNIX-MX29F022BPC-90 Datasheet
231Kb / 38P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
MX29F022BQC-12 MCNIX-MX29F022BQC-12 Datasheet
231Kb / 38P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
More results

Similar Description - MX29F022

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX28F2000T MCNIX-MX28F2000T Datasheet
115Kb / 31P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F002 MCNIX-MX29F002 Datasheet
608Kb / 51P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX28F2000P MCNIX-MX28F2000P Datasheet
191Kb / 33P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F022T MCNIX-MX29F022T_98 Datasheet
231Kb / 38P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
MX28F2100B MCNIX-MX28F2100B Datasheet
283Kb / 45P
   2M-BIT [256K x 8/128K x 16] CMOS FLASH MEMORY
MX29LV002CT MCNIX-MX29LV002CT Datasheet
512Kb / 58P
   2M-BIT [256K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
logo
SPANSION
MBM29F017A SPANSION-MBM29F017A Datasheet
493Kb / 49P
   FLASH MEMORY CMOS 16M (2M x 8) BIT
MBM29F016A SPANSION-MBM29F016A Datasheet
467Kb / 43P
   FLASH MEMORY CMOS 16M (2M x 8) BIT
logo
Winbond
W49F020 WINBOND-W49F020 Datasheet
190Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W49F002U WINBOND-W49F002U Datasheet
303Kb / 23P
   256K X 8 CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com