Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U74LVC34A Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74LVC34A
Description  HEX BUFFER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC34A Datasheet(HTML) 3 Page - Unisonic Technologies

  U74LVC34A_15 Datasheet HTML 1Page - Unisonic Technologies U74LVC34A_15 Datasheet HTML 2Page - Unisonic Technologies U74LVC34A_15 Datasheet HTML 3Page - Unisonic Technologies U74LVC34A_15 Datasheet HTML 4Page - Unisonic Technologies U74LVC34A_15 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
U74LVC34A
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-411.C
ABSOLUTE MAXIMUM RATING (unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5~6.5
V
Input Voltage
VIN
-0.5~6.5
V
Output Voltage (active mode)
VOUT
-0.5~ VCC+0.5
V
Output Voltage (power-down mode)
VOUT
-0.5~6.5
V
Input Clamp Current (VIN<0)
IIK
-50
mA
Output Clamp Current (VO<0)
IOK
-50
mA
Output Current
IOUT
±50
mA
VCC or GND Current
ICC
±100
mA
Storage Temperature
TSTG
-65 ~ +150
°C
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
Operating
1.65
5.5
V
Datat retention only
1.5
V
Input Voltage
VIN
0
5.5
V
Output Voltage
VOUT
0
VCC
V
Operating Temperature
TA
-40
85
°C
Input Transition Rise or Fall
Rate
tR / tF
VCC=1.8V±0.15V, 2.5V±0.2V
20
ns/V
VCC=3.3V±0.3V
10
ns/V
VCC=5V±0.5V
5
ns/V
STATIC CHARACTERISTICS (TA = -40~85°С)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High-Level Input Voltage
VIH
VCC=1.65~1.95V
0.65*VCC
V
VCC=2.3~2.7V
1.7
VCC=2.7~3.6V
2
VCC=4.5~5.5V
0.7*VCC
Low-Level Input Voltage
VIL
VCC=1.65~1.95V
0.35*VCC
V
VCC=2.3~2.7V
0.7
VCC=2.7~3.6V
0.8
VCC=4.5~5.5V
0.3*VCC
High-Level Output Voltage
VOH
VCC=1.65~5.5V
IOH=-100mA
VCC-0.1
V
VCC=1.65V
IOH=-4mA
1.2
VCC=2.3V
IOH=-8mA
1.9
VCC=3V
IOH=-16mA
2.4
VCC=3V
IOH=-24mA
2.3
VCC=4.5V
IOH=-32mA
3.8
Low-Level Output Voltage
VOL
VCC=1.65~5.5V
IOH=100mA
0.1
V
VCC=1.65V
IOH=4mA
0.45
VCC=2.3V
IOH=8mA
0.3
VCC=3V
IOH=16mA
0.4
VCC=3V
IOH=24mA
0.55
VCC=4.5V
IOH=32mA
0.55
Input Leakage Current
II(LEAK)
VCC=3.6V ,VIN=5.5V or GND
±1
μA
Power OFF leakage current
IOFF
VIN or VO=5.5V, VCC=0V
±10
μA


Similar Part No. - U74LVC34A_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC34AG-P14-R UTC-U74LVC34AG-P14-R Datasheet
193Kb / 5P
   HEX BUFFER
U74LVC34AL-P14-R UTC-U74LVC34AL-P14-R Datasheet
193Kb / 5P
   HEX BUFFER
More results

Similar Description - U74LVC34A_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC50 ONSEMI-MC74VHC50 Datasheet
197Kb / 7P
   Hex Buffer
March, 2006 -- Rev. 4
logo
Unisonic Technologies
U74LVC34A UTC-U74LVC34A Datasheet
193Kb / 5P
   HEX BUFFER
logo
ON Semiconductor
MC14049B ONSEMI-MC14049B Datasheet
106Kb / 8P
   Hex Buffer
February, 2005 ??Rev. 5
logo
Unisonic Technologies
U74HC07 UTC-U74HC07_15 Datasheet
199Kb / 5P
   HEX BUFFER
U74AHCT34 UTC-U74AHCT34_15 Datasheet
136Kb / 4P
   HEX BUFFER
logo
Toshiba Semiconductor
TC74HCT7007AP TOSHIBA-TC74HCT7007AP_07 Datasheet
215Kb / 6P
   Hex Buffer
logo
ON Semiconductor
MC74VHC50 ONSEMI-MC74VHC50_11 Datasheet
131Kb / 7P
   Hex Buffer
May, 2011 ??Rev. 5
logo
STMicroelectronics
M74HCT7007RM13TR STMICROELECTRONICS-M74HCT7007RM13TR Datasheet
498Kb / 8P
   HEX BUFFER
logo
ON Semiconductor
MC14049B ONSEMI-MC14049B_V01 Datasheet
241Kb / 8P
   Hex Buffer
March, 2022 ??Rev. 10
logo
Fairchild Semiconductor
CD4049UBC FAIRCHILD-CD4049UBC Datasheet
63Kb / 7P
   Hex Inverting Buffer . Hex Non-Inverting Buffer
logo
ON Semiconductor
MC74LVX50 ONSEMI-MC74LVX50_14 Datasheet
160Kb / 9P
   Hex Buffer
August, 2014 ??Rev. 5
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com