Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX27C4000AQI-10 Datasheet(PDF) 2 Page - Macronix International

Part # MX27C4000AQI-10
Description  4M-BIT [512K x8] CMOS OTP ROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX27C4000AQI-10 Datasheet(HTML) 2 Page - Macronix International

  MX27C4000AQI-10 Datasheet HTML 1Page - Macronix International MX27C4000AQI-10 Datasheet HTML 2Page - Macronix International MX27C4000AQI-10 Datasheet HTML 3Page - Macronix International MX27C4000AQI-10 Datasheet HTML 4Page - Macronix International MX27C4000AQI-10 Datasheet HTML 5Page - Macronix International MX27C4000AQI-10 Datasheet HTML 6Page - Macronix International MX27C4000AQI-10 Datasheet HTML 7Page - Macronix International MX27C4000AQI-10 Datasheet HTML 8Page - Macronix International MX27C4000AQI-10 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
MX27C4000A
REV. 1.6, JUL. 19, 2001
P/N: PM00694
FUNCTIONAL DESCRIPTION
THE PROGRAMMING OF THE MX27C4000A
When the MX27C4000A is delivered, or it is erased,
the chip has all 4M bits in the "ONE" or HIGH state.
"ZEROs" are loaded into the MX27C4000A through the
procedure of programming.
For programming, the data to be programmed is applied
with 8 bits in parallel to the data pins.
Vcc must be applied simultaneously or before Vpp, and
removed simultaneously or after Vpp.
When
programming an MXIC OTP ROM, a 01uF capacitor is
required across Vpp and ground to suppress spurious
voltage transients which may damage the device.
FAST PROGRAMMING
The device is set up in the fast programming mode when
the programming voltage VPP = 12.75V is applied, with
VCC = 6.25 V and OE = VIH (Algorithm is shown in
Figure 1). The programming is achieved by applying a
single TTL low level 10us pulse to the CE input after
addresses and data line are stable. If the data is not
verified, an additional pulse is applied for a maximum of
25 pulses. This process is repeated while sequencing
through each address of the device.
When the
programming mode is completed, the data in all address
is verified at VCC = VPP = 5V ± 10%.
PROGRAM INHIBIT MODE
Programming of multiple MX27C4000As in parallel with
different data is also easily accomplished by using the
Program Inhibit Mode. Except for CE and OE, all like
inputs of the parallel MX27C4000A may be common. A
TTL low-level program pulse applied to an
MX27C4000A CE input with VPP = 12.5 ± 0.5 V and CE
LOW will program that MX27C4000A. A high-level CE
input inhibits the other MX27C4000As from being
programmed.
PROGRAM VERIFY MODE
Verification should be performed on the programmed
bits to determine that they were correctly programmed.
The verification should be performed with OE and CE at
VIL, and VPP at its programming voltage.
AUTO IDENTIFY MODE
The auto identify mode allows the reading out of a binary
code from an OTP ROM that will identify its
manufacturer and device type. This mode is intended for
use by programming equipment for the purpose of
automatically matching the device to be programmed
with its corresponding programming algorithm. This
mode is functional in the 25°C ± 5°C ambient
temperature range that is required when programming
the MX27C4000A.
To activate this mode, the programming equipment
must force 12.0 ± 0.5 V on address line A9 of the device.
Two identifier bytes may then be sequenced from the
device outputs by toggling address line A0 from VIL to
VIH. All other address lines must be held at VIL during
auto identify mode.
Byte 0 ( A0 = VIL) represents the manufacturer code,
and byte 1 (A0 = VIH), the device identifier code. For the
MX27C4000A, these two identifier bytes are given in the
Mode Select Table. All identifiers for manufacturer and
device codes will possess odd parity, with the MSB (Q7)
defined as the parity bit.
READ MODE
The MX27C4000A has two control functions, both of
which must be logically satisfied in order to obtain data
CONTROL
LOGIC
OUTPUT
BUFFERS
Q0~Q7
CE
OE
A0~A18
ADDRESS
INPUTS
Y-DECODER
X-DECODER
Y-SELECT
4M BIT
CELL
MAXTRIX
VCC
VSS
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
BLOCK DIAGRAM


Similar Part No. - MX27C4000AQI-10

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX27C4000 MCNIX-MX27C4000 Datasheet
983Kb / 15P
   4M-BIT [512K x8] CMOS EPROM
MX27C4000MC-10 MCNIX-MX27C4000MC-10 Datasheet
983Kb / 15P
   4M-BIT [512K x8] CMOS EPROM
MX27C4000MC-12 MCNIX-MX27C4000MC-12 Datasheet
983Kb / 15P
   4M-BIT [512K x8] CMOS EPROM
MX27C4000MC-15 MCNIX-MX27C4000MC-15 Datasheet
983Kb / 15P
   4M-BIT [512K x8] CMOS EPROM
MX27C4000MC-90 MCNIX-MX27C4000MC-90 Datasheet
983Kb / 15P
   4M-BIT [512K x8] CMOS EPROM
More results

Similar Description - MX27C4000AQI-10

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX27C8100 MCNIX-MX27C8100 Datasheet
523Kb / 15P
   8M-BIT [1M x8/512K x16] CMOS OTP ROM
MX27C4000 MCNIX-MX27C4000 Datasheet
983Kb / 15P
   4M-BIT [512K x8] CMOS EPROM
MX27C8111 MCNIX-MX27C8111 Datasheet
488Kb / 15P
   8M-BIT [1M x8/512K x16] CMOS OTP ROM WITH PAGE MODE
logo
Toshiba Semiconductor
TC534000P TOSHIBA-TC534000P Datasheet
170Kb / 4P
   4M BIT (512K WORDX8 BIT) CMOS MASK ROM SILICON GATE CMOS
logo
Macronix International
MX27L4000 MCNIX-MX27L4000 Datasheet
955Kb / 15P
   4M-BIT [512K x8] LOW VOLTAGE OPERATION CMOS EPROM
MX27C4111 MCNIX-MX27C4111 Datasheet
522Kb / 15P
   4M-BIT [512K x8/256K x16] CMOS EPROM WITH PAGE MODE
logo
Holtek Semiconductor In...
HT27LC040 HOLTEK-HT27LC040 Datasheet
175Kb / 15P
   CMOS 512K 8-Bit OTP EPROM
logo
Samsung semiconductor
KM23C4100DT SAMSUNG-KM23C4100DT Datasheet
72Kb / 4P
   4M-Bit (512Kx8 /256Kx16) CMOS MASK ROM
logo
Macronix International
MX23C4100 MCNIX-MX23C4100 Datasheet
322Kb / 8P
   4M-BIT [512K x 8/256K x 16] MASK ROM
logo
List of Unclassifed Man...
MX23C4096 ETC-MX23C4096 Datasheet
53Kb / 6P
   4M-BIT [256K x 16] CMOS MASK ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com