Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX29F004TQC-90 Datasheet(PDF) 10 Page - Macronix International

Part # MX29F004TQC-90
Description  4M-BIT [512KX8] CMOS FLASH MEMORY
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29F004TQC-90 Datasheet(HTML) 10 Page - Macronix International

Back Button MX29F004TQC-90 Datasheet HTML 6Page - Macronix International MX29F004TQC-90 Datasheet HTML 7Page - Macronix International MX29F004TQC-90 Datasheet HTML 8Page - Macronix International MX29F004TQC-90 Datasheet HTML 9Page - Macronix International MX29F004TQC-90 Datasheet HTML 10Page - Macronix International MX29F004TQC-90 Datasheet HTML 11Page - Macronix International MX29F004TQC-90 Datasheet HTML 12Page - Macronix International MX29F004TQC-90 Datasheet HTML 13Page - Macronix International MX29F004TQC-90 Datasheet HTML 14Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
10
MX29F004T/B
P/N:PM0554
REV. 1.9, OCT. 19, 2004
ERASE SUSPEND
This command only has meaning while the state ma-
chine is executing Automatic Sector Erase operation,
and therefore will only be responded during Automatic
Sector Erase operation. When the Erase Suspend com-
mand is written during a sector erase operation, the de-
vice requires a maximum of 100us to suspend the erase
operations. However, when the Erase Suspend command
is written during the sector erase time-out, the device
immediately terminates the time-out period and suspends
the erase operation. After this command has been ex-
ecuted, the command register will initiate erase suspend
mode. The state machine will return to read mode auto-
matically after suspend is ready. At this time, state ma-
chine only allows the command register to respond to
the Read Memory Array, Erase Resume and program
commands.
The system can determine the status of the program
operation using the Q7 or Q6 status bits, just as in the
standard program operation. After an erase-suspend pro-
gram operation is complete, the system can once again
read array data within non-suspended sectors.
ERASE RESUME
This command will cause the command register to clear
the suspend state and return back to Sector Erase mode
but only if an Erase Suspend command was previously
issued. Erase Resume will not have any effect in all
other conditions. Another Erase Suspend command can
be written after the chip has resumed erasing.
SET-UP AUTOMATIC PROGRAM COMMANDS
To initiate Automatic Program mode, A three-cycle com-
mand sequence is required. There are two "unlock" write
cycles. These are followed by writing the Automatic Pro-
gram command A0H.
Once the Automatic Program command is initiated, the
next WE or CE pulse causes a transition to an active
programming operation. Addresses are latched on the
falling edge, and data are internally latched on the
rising edge of the WE or CE, whichever happens first
pulse. The rising edge of WE or CE, whichever hap-
pens first also begins the programming operation. The
system is not required to provide further controls or tim-
ings. The device will automatically provide an adequate
internally generated program pulse and verify margin.
If the program operation was unsuccessful, the data on
Q5 is "1"(see Table 4), indicating the program operation
exceed internal timing limit.The automatic programming
operation is completed when the data read on Q6 stops
toggling for two consecutive read cycles and the data on
Q7 and Q6 are equivalent to data written to these two
bits, at which time the device returns to the Read mode
(no program verify command is required).
DATA POLLING-Q7
The MX29F004T/B also features Data Polling as a
method to indicate to the host system that the Auto-
matic Program or Erase algorithms are either in progress
or completed.
While the Automatic Programming algorithm is in opera-
tion, an attempt to read the device will produce the comple-
ment data of the data last written to Q7. Upon comple-
tion of the Automatic Program Algorithm an attempt to
read the device will produce the true data last written to
Q7. The Data Polling feature is valid after the rising edge
of the fourth WE or CE, whichever happens first pulse of
the four write pulse sequences for automatic program.
While the Automatic Erase algorithm is in operation, Q7
will read "0" until the erase operation is competed. Upon
completion of the erase operation, the data on Q7 will
read "1". The Data Polling feature is valid after the rising
edge of the sixth WE or CE, whichever happens first
pulse of six write pulse sequences for automatic chip/
sector erase.
The Data Polling feature is active during Automatic Pro-
gram/Erase algorithm or sector erase time-out. (see sec-
tion Q3 Sector Erase Timer)


Similar Part No. - MX29F004TQC-90

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F001B MCNIX-MX29F001B Datasheet
587Kb / 42P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
MX29F001T MCNIX-MX29F001T Datasheet
587Kb / 42P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
MX29F001TPC-12 MCNIX-MX29F001TPC-12 Datasheet
587Kb / 42P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
MX29F001TPC-90 MCNIX-MX29F001TPC-90 Datasheet
587Kb / 42P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
MX29F001TQC-12 MCNIX-MX29F001TQC-12 Datasheet
587Kb / 42P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
More results

Similar Description - MX29F004TQC-90

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F400T MCNIX-MX29F400T Datasheet
710Kb / 44P
   4M-BIT [512Kx8/256Kx16] CMOS FLASH MEMORY
MX29F4000 MCNIX-MX29F4000 Datasheet
247Kb / 36P
   4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY
MX29F040 MCNIX-MX29F040 Datasheet
592Kb / 40P
   4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY
logo
ELAN Microelectronics C...
EM39LV040 EMC-EM39LV040 Datasheet
275Kb / 21P
   4M (512Kx8) Bits Flash Memory
logo
Macronix International
MX29F400CT MCNIX-MX29F400CT Datasheet
442Kb / 42P
   4M-BIT [512Kx8/256Kx16] CMOS SINGLE VOLTAGE 5V ONLY BOOT SECTOR FLASH MEMORY
logo
Samsung semiconductor
KM23C4100DT SAMSUNG-KM23C4100DT Datasheet
72Kb / 4P
   4M-Bit (512Kx8 /256Kx16) CMOS MASK ROM
logo
Sanyo Semicon Device
LE25FU406B SANYO-LE25FU406B Datasheet
146Kb / 22P
   CMOS IC 4M-bit (512K횞8) Serial Flash Memory
logo
Fujitsu Component Limit...
MBM29F040A-12 FUJITSU-MBM29F040A-12 Datasheet
715Kb / 18P
   FLASH MEMORY CMOS 4M 512K X 8 BIT
logo
Toshiba Semiconductor
TC58FVT004 TOSHIBA-TC58FVT004 Datasheet
1Mb / 26P
   4M (512K x 8) BIT CMOS FLASH MEMORY
logo
Macronix International
MX28F4100 MCNIX-MX28F4100 Datasheet
175Kb / 2P
   4M-BIT (512K X 8) CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com