Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

27C1100 Datasheet(PDF) 6 Page - Macronix International

Part # 27C1100
Description  1M-BIT [128K x 8/64K x 16] CMOS EPROM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

27C1100 Datasheet(HTML) 6 Page - Macronix International

Back Button 27C1100 Datasheet HTML 2Page - Macronix International 27C1100 Datasheet HTML 3Page - Macronix International 27C1100 Datasheet HTML 4Page - Macronix International 27C1100 Datasheet HTML 5Page - Macronix International 27C1100 Datasheet HTML 6Page - Macronix International 27C1100 Datasheet HTML 7Page - Macronix International 27C1100 Datasheet HTML 8Page - Macronix International 27C1100 Datasheet HTML 9Page - Macronix International 27C1100 Datasheet HTML 10Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
REV. 4.6, JAN. 14, 2003
P/N: PM0156
MX27C1100/27C1024
MODE SELECT TABLE (MX27C1100)
BYTE/
MODE
CE
OE
A9
A0
Q15/A-1
VPP(5)
Q8-14
Q0-7
Read (Word)
VIL
VIL
X
X
Q15 Out
VCC
Q8-14 Out
Q0-7 Out
Read (Upper Byte)
VIL
VIL
X
X
VIH
GND
High Z
Q8-15 Out
Read (Lower Byte)
VIL
VIL
X
X
VIL
GND
High Z
Q0-7 Out
Output Disable
VIL
VIH
X
X
High Z
X
High Z
High Z
Standby
VIH
X
X
X
High Z
X
High Z
High Z
Program
VIL
VIH
X
X
Q15 In
VPP
Q8-14 In
Q0-7 In
Program Verify
VIH
VIL
X
X
Q15 Out
VPP
Q8-14 Out
Q0-7 Out
Program Inhibit
VIH
VIH
X
X
High Z
VPP
High Z
High Z
Manufacturer Code(3)
VIL
VIL
VH
VIL
0B
VCC
00H
C2H
Device Code(3)
VIL
VIL
VH
VIH
0B
VCC
01H
12H
NOTES:1. VH = 12.0 V ± 0.5 V
2 . X = Either VIH or VIL
3. A1 - A8 = A10 - A15 = VIL(For auto select)
4. See DC Programming Characteristics for VPP voltage during
programming.
NOTES: 1. VH = 12.0V ± 0.5V
2. X = Either VIH or VIL
3. A1 - A8, A10 - A15 = VIL(For auto select)
4. See DC Programming Characteristics for VPP voltages.
5. BYTE/VPP is intended for operation under DC Voltage conditions
only.
MODE SELECT TABLE (MX27C1024)
PINS
MODE
CE
OE
PGM
A0
A9
VPP
OUTPUTS
Read
VIL
VIL
X
X
X
VCC
DOUT
Output Disable
VIL
VIH
X
X
X
VCC
High Z
Standby (TTL)
VIH
X
X
X
X
VCC
High Z
Standby (CMOS)
VCC±0.3V
X
X
X
X
VCC
High Z
Program
VIL
VIH
VIL
X
X
VPP
DIN
Program Verify
VIL
VIL
VIH
X
X
VPP
DOUT
Program Inhibit
VIH
X
X
X
X
VPP
High Z
Manufacturer Code(3)
VIL
VIL
X
VIL
VH
VCC
00C2H
Device Code(3)
VIL
VIL
X
VIH
VH
VCC
0115H


Similar Part No. - 27C1100

ManufacturerPart #DatasheetDescription
logo
Macronix International
27C1000-10 MCNIX-27C1000-10 Datasheet
997Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
27C1000-12 MCNIX-27C1000-12 Datasheet
997Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
27C1000-15 MCNIX-27C1000-15 Datasheet
997Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
27C1000-45 MCNIX-27C1000-45 Datasheet
997Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
27C1000-55 MCNIX-27C1000-55 Datasheet
997Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
More results

Similar Description - 27C1100

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX27C1000 MCNIX-MX27C1000 Datasheet
997Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1000A MCNIX-MX27C1000A Datasheet
960Kb / 15P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1001 MCNIX-MX27C1001 Datasheet
91Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
MX26C1000A MCNIX-MX26C1000A Datasheet
87Kb / 16P
   1M-BIT [128K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
MX26C1000B MCNIX-MX26C1000B Datasheet
1,016Kb / 23P
   1M-BIT [128K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
MX27L512 MCNIX-MX27L512 Datasheet
760Kb / 14P
   512K-BIT [64K x 8] CMOS EPROM
logo
NXP Semiconductors
27HC641 PHILIPS-27HC641 Datasheet
273Kb / 8P
   64K BIT CMOS EPROM (8K X 8)
November 12 1990
27C64A PHILIPS-27C64A Datasheet
528Kb / 14P
   64K-bit CMOS EPROM(8K x 8)
November 12 1990
logo
Holtek Semiconductor In...
HT27C010 HOLTEK-HT27C010 Datasheet
171Kb / 15P
   CMOS 128K X 8-Bit OTP EPROM
logo
Cypress Semiconductor
CY27C128 CYPRESS-CY27C128 Datasheet
521Kb / 9P
   128K (16K x 8-Bit) CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com