Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX27L1000PC-90 Datasheet(PDF) 6 Page - Macronix International

Part # MX27L1000PC-90
Description  1M-BIT [128Kx8] LOW VOLTAGE OPERATION CMOS EPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX27L1000PC-90 Datasheet(HTML) 6 Page - Macronix International

Back Button MX27L1000PC-90 Datasheet HTML 2Page - Macronix International MX27L1000PC-90 Datasheet HTML 3Page - Macronix International MX27L1000PC-90 Datasheet HTML 4Page - Macronix International MX27L1000PC-90 Datasheet HTML 5Page - Macronix International MX27L1000PC-90 Datasheet HTML 6Page - Macronix International MX27L1000PC-90 Datasheet HTML 7Page - Macronix International MX27L1000PC-90 Datasheet HTML 8Page - Macronix International MX27L1000PC-90 Datasheet HTML 9Page - Macronix International MX27L1000PC-90 Datasheet HTML 10Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
MX27L1000
P/N: PM0238
REV. 3.8 , AUG. 26, 2003
DC CHARACTERISTICS
SYMBOL PARAMETER
MIN.
MAX.
UNIT
CONDITIONS
VOH
Output High Voltage
VCC - 0.3
V
IOH = -100uA VCC=3.0V
VOL
Output Low Voltage
0.3
V
IOL = 2.1mA, VCC = 3.0V
VIH
Input High Voltage
2.0
Vcc + 0.5
V
VIL
Input Low Voltage
-0.3
0.6
V
2.7V < VCC < 3.6V
ILI
Input Leakage Current
-10
10
uA
VIN = 0 to 3.6V
ILO
Output Leakage Current
-10
10
uA
VOUT = 0 to 3.6V
ICC3
VCC Power-Down Current
10
uA
CE = VCC ± 0.3V
ICC2
VCC Standby Current
0.25
mA
CE = VIH
ICC1
VCC Active Current
20
mA
CE = VIH, f=5MHz, lout = OmA,
Vcc=3.6V
IPP
Supply Current Read
10
uA
CE = OE = VIL, VPP = VCC
NOTICE:
Stresses greater than those listed under ABSOLUTE
MAXIMUM RATINGS may cause permanent damage to the
device. This is a stress rating only and functional operation
of the device at these or any other conditions above those
indicated in the operational sections of this specification is
not implied.
Exposure to absolute maximum rating
conditions for extended period may affect reliability.
NOTICE:
Specifications contained within the following tables are
subject to change.
DC/AC Operating Conditions for Read Operation
ABSOLUTE MAXIMUM RATINGS
RATING
VALUE
Ambient Operating Temperature -40oC to 85oC
Storage Temperature
-65oC to 125oC
Applied Input Voltage
-0.5V to 7.0V
Applied Output Voltage
-0.5V to VCC+0.5V
VCC to Ground Potential
-0.5V to 7.0V
V9 & VPP
-0.5V to 13.5V
MX27L1000
-90
-12
-15
-20
-25
Operating Temperature
Commercial
0°C to 70°C0°C to 70°C0°C to 70°C0°C to 70°C0°C to 70°C
Industrial
-40°C to 85°C -40°C to 85°C -40°C to 85°C -40°C to 85°C -40°C to 85°C
Vcc Power Supply
2.7V to 3.6V
2.7V to 3.6V
2.7V to 3.6V
2.7V to 3.6V
2.7V to 3.6V
CAPACITANCE TA = 25oC, f = 1.0 MHz (Sampled only)
SYMBOL PARAMETER
TYP.
MAX.
UNIT
CONDITIONS
CIN
Input Capacitance
8
12
pF
VIN = 0V
COUT
Output Capacitance
8
12
pF
VOUT = 0V
CVPP
VPP Capacitance
18
25
pF
VPP = 0V


Similar Part No. - MX27L1000PC-90

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX27L2000 MCNIX-MX27L2000 Datasheet
1Mb / 18P
   2M-BIT [256Kx8] CMOS EPROM
MX27L2000DC-12 MCNIX-MX27L2000DC-12 Datasheet
101Kb / 14P
   2M-BIT [256Kx8] CMOS EPROM
MX27L2000DC-15 MCNIX-MX27L2000DC-15 Datasheet
101Kb / 14P
   2M-BIT [256Kx8] CMOS EPROM
MX27L2000DC-20 MCNIX-MX27L2000DC-20 Datasheet
101Kb / 14P
   2M-BIT [256Kx8] CMOS EPROM
MX27L2000DC-25 MCNIX-MX27L2000DC-25 Datasheet
101Kb / 14P
   2M-BIT [256Kx8] CMOS EPROM
More results

Similar Description - MX27L1000PC-90

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX27L256 MCNIX-MX27L256 Datasheet
761Kb / 14P
   256K-BIT [32Kx8] LOW VOLTAGE OPERATION CMOS EPROM
MX27L4000 MCNIX-MX27L4000 Datasheet
955Kb / 15P
   4M-BIT [512K x8] LOW VOLTAGE OPERATION CMOS EPROM
MX29F100T MCNIX-MX29F100T Datasheet
706Kb / 47P
   1M-BIT [128Kx8/64Kx16] CMOS FLASH MEMORY
MX27C8000 MCNIX-MX27C8000_97 Datasheet
92Kb / 13P
   8M-BIT [1M x8] CMOS EPROM
MX27C8000 MCNIX-MX27C8000 Datasheet
985Kb / 15P
   8M-BIT [1M x8] CMOS EPROM
MX27C8000A MCNIX-MX27C8000A Datasheet
936Kb / 15P
   8M-BIT [1M x8] CMOS EPROM
MX27C1000 MCNIX-MX27C1000 Datasheet
997Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1000A MCNIX-MX27C1000A Datasheet
960Kb / 15P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1001 MCNIX-MX27C1001 Datasheet
91Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
logo
Samsung semiconductor
K6T1008C2E SAMSUNG-K6T1008C2E Datasheet
190Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com