Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SMA5921 Datasheet(PDF) 5 Page - Pan Jit International Inc.

Part # 1SMA5921
Description  SURFACE MOUNT SILICON ZENER DIODE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

1SMA5921 Datasheet(HTML) 5 Page - Pan Jit International Inc.

  1SMA5921_15 Datasheet HTML 1Page - Pan Jit International Inc. 1SMA5921_15 Datasheet HTML 2Page - Pan Jit International Inc. 1SMA5921_15 Datasheet HTML 3Page - Pan Jit International Inc. 1SMA5921_15 Datasheet HTML 4Page - Pan Jit International Inc. 1SMA5921_15 Datasheet HTML 5Page - Pan Jit International Inc. 1SMA5921_15 Datasheet HTML 6Page - Pan Jit International Inc. 1SMA5921_15 Datasheet HTML 7Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
PAGE . 5
MOUNTING PAD LAYOUT
• Packing information
T/R - 7.5K per 13" plastic Reel
T/R - 1.8Kper 7” plastic Reel
ORDER INFORMATION
1SMA5921~1SMA5942
A
ugust 24,2015­REV.02


Similar Part No. - 1SMA5921_15

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1SMA5921-AU PANJIT-1SMA5921-AU Datasheet
224Kb / 7P
   SURFACE MOUNT SILICON ZENER DIODE Built-in strain relief
1SMA5921-AU_A0_00001 PANJIT-1SMA5921-AU_A0_00001 Datasheet
224Kb / 7P
   SURFACE MOUNT SILICON ZENER DIODE Built-in strain relief
1SMA5921-AU_A0_10001 PANJIT-1SMA5921-AU_A0_10001 Datasheet
224Kb / 7P
   SURFACE MOUNT SILICON ZENER DIODE Built-in strain relief
1SMA5921-AU_A1_00001 PANJIT-1SMA5921-AU_A1_00001 Datasheet
224Kb / 7P
   SURFACE MOUNT SILICON ZENER DIODE Built-in strain relief
1SMA5921-AU_A1_10001 PANJIT-1SMA5921-AU_A1_10001 Datasheet
224Kb / 7P
   SURFACE MOUNT SILICON ZENER DIODE Built-in strain relief
More results

Similar Description - 1SMA5921_15

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1SMA4741 TRSYS-1SMA4741 Datasheet
301Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
1SMB5926 TRSYS-1SMB5926 Datasheet
227Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODE
1SMC5348 TRSYS-1SMC5348 Datasheet
275Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Central Semiconductor C...
CMOZ2V4 CENTRAL-CMOZ2V4_15 Datasheet
498Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE
CMSZ5221B CENTRAL-CMSZ5221B_15 Datasheet
490Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Unisonic Technologies
SMA5V UTC-SMA5V Datasheet
125Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Pan Jit International I...
1SMA4736 PANJIT-1SMA4736_09 Datasheet
478Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
1SMB5921 PANJIT-1SMB5921_09 Datasheet
128Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Central Semiconductor C...
CMDZ5221B CENTRAL-CMDZ5221B_15 Datasheet
373Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Taiwan Semiconductor Co...
1SMA5926 TSC-1SMA5926 Datasheet
62Kb / 4P
   Surface Mount Silicon Zener Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com