Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZD27C3V6P Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # BZD27C3V6P
Description  VOLTAGE REGULATOR DIODES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BZD27C3V6P Datasheet(HTML) 1 Page - Pan Jit International Inc.

  BZD27C3V6P_15 Datasheet HTML 1Page - Pan Jit International Inc. BZD27C3V6P_15 Datasheet HTML 2Page - Pan Jit International Inc. BZD27C3V6P_15 Datasheet HTML 3Page - Pan Jit International Inc. BZD27C3V6P_15 Datasheet HTML 4Page - Pan Jit International Inc. BZD27C3V6P_15 Datasheet HTML 5Page - Pan Jit International Inc. BZD27C3V6P_15 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PAGE . 1
March 24,2015-REV.03
BZD27C3V6P~BZD27C75P
VOLTAGE
POWER
3.6 to 75 Volt
1 W
VOLTAGE REGULATOR DIODES
Sillicon Planar Zener Diode
Low profile surface-mount package
Zener and surge current specification
Low leakage current
Excellent stability
High temperature soldering : 260
OC/10 sec. at terminals
Lead free in compliance with EU RoHS 2011/65/EU directive
Green molding compound as per IEC61249 Std. . (Halogen Free)
ABSOLUTE MAXIMUM RATINGS (T
A=25
OC , unless otherwise specified)
Case: SOD-123FL
Terminals : Solderable per MIL-STD-750,Method 2026
Approx Weight: 0.0006 ounce, 0.017 gram
MECHANICAL DATA
FEATURES
THERMAL CHARACTERISTICS (T
A=25
OC , unless otherwise noted)
ELCTRICAL CHARACTERISTICS
NOTES :
1. Mounted on epoxy-glass PCB with 3X3 mm Cu pads (>40
μm thick)
2. T
J=25
OC prior to surge
1
2
Cathode
Anode
Parameter
Test conditon
Symbol
Value
Units
Power dissipation
T
L =80
OC
T
A =25
OC
P
TOT
P
TOT
2.3
1 (note 1)
W
Non-repetitive peak pulse
power dissipation
100
μs square pulse(note 2)
10/1000
μs waveform (BZD27-C7V5P to BZD27-75P)
P
ZSM
P
RSM
300
150
W
P a r a m e t e r
S y mbo l
Val ue
Unit
Ty p ic a l t her m a l r e si st anc e j unc t i on t o am bi ent
R
θJA
180
K / W
Ty p ic a l t her m a l r e si st anc e j unc t i on t o l ead
R
θJL
30
K / W
M a xi m um j unc t i o n t e mp e r a t ur e
T
J
150
O C
S t or ag e t e m per a t ur e r a ng e
T
S
- 55 t o + 150
O C
P a r a m e t e r
Tes t cond i t i o n
S ym bol
M i n
Typ
M a x
Uni t s
For w ar d v o l t age
I
F =0 . 2 A
V
F
--
1.2
V
0.115(2.90)
0.106(2.70)
0.043(1.08)
0.038(0.98)
0.145(3.70)
0.137(3.50)
0.030(0.75)
0.017(0.45)


Similar Part No. - BZD27C3V6P_15

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
BZD27C3V6P SUNMATE-BZD27C3V6P_15 Datasheet
585Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
More results

Similar Description - BZD27C3V6P_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com