Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJDLC05 Datasheet(PDF) 4 Page - Pan Jit International Inc.

Part # PJDLC05
Description  ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJDLC05 Datasheet(HTML) 4 Page - Pan Jit International Inc.

  PJDLC05_15 Datasheet HTML 1Page - Pan Jit International Inc. PJDLC05_15 Datasheet HTML 2Page - Pan Jit International Inc. PJDLC05_15 Datasheet HTML 3Page - Pan Jit International Inc. PJDLC05_15 Datasheet HTML 4Page - Pan Jit International Inc. PJDLC05_15 Datasheet HTML 5Page - Pan Jit International Inc. PJDLC05_15 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PAGE . 4
September 8,2015-REV.0
0
PJDLC05~PJDLC24
MOUNTING PAD LAYOUT
ORDER INFORMATION
• Packing information
T/R - 12K per 13" plastic Reel
T/R - 3K per 7" plastic Reel
0.031 MIN.
(0.80) MIN.
0.037
(0.95)
0.043
(1.10)
0.106
(2.70)


Similar Part No. - PJDLC05_15

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
PJDLC05 SHUNYE-PJDLC05_17 Datasheet
1Mb / 3P
   5 to 24 Volts POWER 400 Watts VOLTAGE WATT
More results

Similar Description - PJDLC05_15

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJDLC05C-02 PANJIT-PJDLC05C-02_15 Datasheet
74Kb / 5P
   ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE
PJDLC05C-03 PANJIT-PJDLC05C-03_13 Datasheet
85Kb / 5P
   ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE
logo
Shanghai Shunye Electro...
PJDLC05 SHUNYE-PJDLC05 Datasheet
2Mb / 3P
   ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE
logo
Pan Jit International I...
PJDLC05C-05 PANJIT-PJDLC05C-05_15 Datasheet
79Kb / 5P
   ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE
PJDLC03 PANJIT-PJDLC03 Datasheet
111Kb / 4P
   ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE SUPPRESSOR
PJDLC05W PANJIT-PJDLC05W Datasheet
113Kb / 2P
   ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE SUPPRESSOR
PJDLC05C-03 PANJIT-PJDLC05C-03 Datasheet
87Kb / 3P
   ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE SUPPRESSOR
PJDLC05C-02 PANJIT-PJDLC05C-02 Datasheet
82Kb / 3P
   ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE SUPPRESSOR
PJDLC05C-05 PANJIT-PJDLC05C-05 Datasheet
88Kb / 3P
   ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE SUPPRESSOR
PJDLC24 PANJIT-PJDLC24 Datasheet
934Kb / 4P
   ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE SUPPRESSOR FOR HIGH SPEED DATA LINES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com