Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

29F1610A-10 Datasheet(PDF) 8 Page - Macronix International

Part # 29F1610A-10
Description  16M-BIT [2M x8/1M x16] CMOS SINGLE VOLTAGE FLASH EEPROM
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

29F1610A-10 Datasheet(HTML) 8 Page - Macronix International

Back Button 29F1610A-10 Datasheet HTML 4Page - Macronix International 29F1610A-10 Datasheet HTML 5Page - Macronix International 29F1610A-10 Datasheet HTML 6Page - Macronix International 29F1610A-10 Datasheet HTML 7Page - Macronix International 29F1610A-10 Datasheet HTML 8Page - Macronix International 29F1610A-10 Datasheet HTML 9Page - Macronix International 29F1610A-10 Datasheet HTML 10Page - Macronix International 29F1610A-10 Datasheet HTML 11Page - Macronix International 29F1610A-10 Datasheet HTML 12Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
8
P/N: PM0506
REV.1.7, JUN. 15, 2001
MX29F1610A
DEVICE OPERATION
SILICON ID READ
The Silicon ID Read mode allows the reading out of a binary
code from the device and will identify its manufacturer and
type. This mode is intended for use by programming
equipment for the purpose of automatically matching the
device to be programmed with its corresponding
programming algorithm. This mode is functional over the
entire temperature range of the device.
To activate this mode, the programming equipment must
force VID (11.5V~12.5V) on address pin A9.
Two
identifier bytes may then be sequenced from the device
outputs by toggling address A0 from VIL to VIH. All
addresses are don't cares except A0 and A1.
The manufacturer and device codes may also be read via
the command register, for instances when the
MX29F1610A is erased or programmed in a system
without access to high voltage on the A9 pin.
The
command sequence is illustrated in Table 3.
Byte 0 (A0=VIL) represents the manfacturer's code
(MXIC=C2H) and byte 1 (A0=VIH) the device identifier
code (MX29F1610A=FAH).
The Silicon ID Read mode will be terminated after the
following write command cycle.
Table 4. MX29F1610 Silion ID Codes and Verify Sector Protect Code
Type
A
19
A
18
A
17
A
16
A
1
A
0
Code(HEX) DQ
7
DQ
6
DQ
5
DQ
4
DQ
3
DQ
2
DQ
1
DQ
0
Manufacturer Code
X
X
X
X
VIL
VIL
C2H*
1
1
0
0
0
0
1
0
MX29F1610A Device Code X
X
X
X
VIL
VIH
FAH
1
1
1
1
1
0
1
0/1
Verify Sector Protect
Sector Address***
VIH
VIL
C2H**
1
1
0
0
0
0
1
0
*
MX29F1610A Manufacturer Code = C2H, Device Code = FAH when BYTE = VIL
MX29F1610A Manufacturer Code = 00C2H, Device Code = 00FAH when BYTE = VIH
** Outputs C2H at protected sector address, 00H at unprotected scetor address.
***All sectors have protect-bit feature. Sector address = (A19, A18,A17,A16)


Similar Part No. - 29F1610A-10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
29F102BB STMICROELECTRONICS-29F102BB Datasheet
126Kb / 20P
   1 Mbit 64Kb x16, Boot Block Single Supply Flash Memory
29F102BB STMICROELECTRONICS-29F102BB Datasheet
432Kb / 24P
   1 Mbit (64Kb x16, Boot Block) Single Supply Flash Memory
More results

Similar Description - 29F1610A-10

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F1615 MCNIX-MX29F1615 Datasheet
337Kb / 26P
   16M-BIT [2M x8/1M x16] CMOS SINGLE VOLTAGE FLASH EEPROM
logo
Samsung semiconductor
K8D1716UTB SAMSUNG-K8D1716UTB Datasheet
482Kb / 40P
   16M Bit (2M x8/1M x16) Dual Bank NOR Flash Memory
K8D1716UTC SAMSUNG-K8D1716UTC Datasheet
1Mb / 41P
   16M Bit (2M x8/1M x16) Dual Bank NOR Flash Memory
logo
Fujitsu Component Limit...
MB84VD2108X FUJITSU-MB84VD2108X Datasheet
850Kb / 55P
   16M (x8/x16) FLASH MEMORY & 2M (x8/x16) STATIC RAM
logo
Macronix International
MX29L1611G MCNIX-MX29L1611G Datasheet
380Kb / 34P
   16M-BIT [2M x 8/1M x 16] CMOS SINGLE VOLTAGE FLASH EEPROM
logo
SPANSION
MB84VD2108XEM-70 SPANSION-MB84VD2108XEM-70 Datasheet
859Kb / 53P
   16M (x8/x16) FLASH MEMORY & 2M (x8/x16) STATIC RAM
logo
Macronix International
MX28F160C3T MCNIX-MX28F160C3T Datasheet
417Kb / 44P
   16M-BIT [1M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
logo
List of Unclassifed Man...
MX29F1611 ETC1-MX29F1611 Datasheet
161Kb / 36P
   16M-BIT [2M x 8/1M x 16] CMOS SINGLE VOLTAGE PAGEMODE FLASH EEPROM
logo
Macronix International
MX29L1611 MCNIX-MX29L1611 Datasheet
659Kb / 39P
   16M-BIT [2M x 8/1M x 16] CMOS SINGLE VOLTAGE PAGEMODE FLASH EEPROM
logo
Sharp Corporation
LH28F160BJE-TTL90 SHARP-LH28F160BJE-TTL90 Datasheet
534Kb / 46P
   16M (x8/x16) Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com