Electronic Components Datasheet Search |
|
MX29F200TMC-12 Datasheet(PDF) 6 Page - Macronix International |
|
MX29F200TMC-12 Datasheet(HTML) 6 Page - Macronix International |
6 / 46 page 6 P/N:PM0549 REV. 1.3 , DEC. 24, 2001 MX29F200T/B TABLE1. SOFTWARE COMMAND DEFINITIONS First Bus Second Bus Third Bus Fourth Bus Fifth Bus Sixth Bus Command Bus Cycle Cycle Cycle Cycle Cycle Cycle Cycle Addr Data Addr Data Addr Data Addr Data Addr Data Addr Data Reset 1 XXXH F0H Read 1 RA RD Read Silicon ID Word 4 555H AAH 2AAH 55H 555H 90H ADI DDI Byte 4 AAAH AAH 555H 55H AAAH 90H ADI DDI Sector Protect Word 4 555H AAH 2AAH 55H 555H 90H (SA) XX00H Verify X02H XX01H Byte 4 AAAH AAH 555H 55H AAAH 90H (SA) 00 X04H 01 Porgram Word 4 555H AAH 2AAH 55H 555H A0H PA PD Byte 4 AAAH AAH 555H 55H AAAH A0H PA PD Chip Erase Word 6 555H AAH 2AAH 55H 555H 80H 555H AAH 2AAH 55H 555H 10H Byte 6 AAAH AAH 555H 55H AAAH 80H AAAH AAH 555H 55H AAAH 10H Sector Erase Word 6 555H AAH 2AAH 55H 555H 80H 555H AAH 2AAH 55H SA 30H Byte 6 AAAH AAH 555H 55H AAAH 80H AAAH AAH 555H 55H SA 30H Sector Erase Suspend 1 XXXH B0H Sector Erase Resume 1 XXXH 30H Unlock for sector 6 555H AAH 2AAH 55H 555H 80H 555H AAH 2AAH 55H 555H 20H protect/unprotect NOTE: 1. ADI = Address of Device identifier; A1=0, A0 =0 for manufacture code, A1=0, A0 =1 for device code.(Refer to Table 3) DDI = Data of Device identifier : C2H for manufacture code,51H/57H(x8) and 2251H/2257H(x16) for device code. X = X can be VIL or VIH RA=Address of memory location to be read. RD=Data to be read at location RA. 2. PA = Address of memory location to be programmed. PD = Data to be programmed at location PA. SA = Address to the sector to be erased. 3. The system should generate the following address patterns: 555H or 2AAH to Address A0~A10. Address bit A11~A16=X=Don't care for all address commands except for Program Address (PA) and Sector Address (SA). Write Sequence may be initiated with A11~A16 in either state. 4. For Sector Protection Verify Operation : If read out data is 01H, it means the sector has been protected. If read out data is 00H, it means the sector is still not being protected. COMMAND DEFINITIONS Device operations are selected by writing specific ad- dress and data sequences into the command register. Writing incorrect address and data values or writing them in the improper sequence will reset the device to the read mode. Table 1 defines the valid register command sequences. Note that the Erase Suspend (B0H) and Erase Resume (30H) commands are valid only while the Sector Erase operation is in progress. Either of the two reset command sequences will reset the device(when applicable). |
Similar Part No. - MX29F200TMC-12 |
|
Similar Description - MX29F200TMC-12 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |