Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0638851060 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0638851060
Description  Applicator Wire Guide Funnel Assembly
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0638851060 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0638851060 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/16/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0638851060
Status:
Active
Description:
Applicator Wire Guide Funnel Assembly
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Application Tooling
Series
T9999
Comments
Funnel used with 4.20mm nominal wire insulation
diameter|wires with smaller insulation diameter may not
be effectively guided in the funnel
Function
Crimp
Geographic Area
Global
Level of Automation
Automatic, Semi-Automatic
More Detailed Tech Information
applicationtooling@molex.com
Product Name
Mini-Mac™
Survey
www.molex.com//review/apptool_survey.html
Tool Type
Mini-Mac Applicator
UPC
822350316569
Material Info
Reference - Drawing Numbers
Application Tooling Documents
638851060, TM-640160065, TM-640160065CN,
TM-640160065DE, TM-640160065FR,
TM-640160065IT, TM-640160065JP,
TM-640160065KR, TM-640160065MY,
TM-640160065PL, TM-640160065RU,
TM-640160065SK, TM-640160065SP,
TM-640160065TH, TM-640160065TW,
TM-640160065VN
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
Search Parts in this Series
T9999 Series
Use With
63885-1000
This document was generated on 10/16/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0638851060

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0638851061 MOLEX11-0638851061 Datasheet
50Kb / 1P
   Applicator Wire Guide Funnel Assembly
More results

Similar Description - 0638851060

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0638851061 MOLEX11-0638851061 Datasheet
50Kb / 1P
   Applicator Wire Guide Funnel Assembly
0638837060 MOLEX11-0638837060 Datasheet
40Kb / 1P
   Applicator Wire Guide Funnel Assembly
0638858160 MOLEX11-0638858160 Datasheet
44Kb / 1P
   Applicator Wire Guide Funnel Assembly
0638013501 MOLEX11-0638013501 Datasheet
33Kb / 1P
   Applicator Air Feed Assembly
63900-0200 MOLEX11-63900-0200 Datasheet
49Kb / 1P
   FineAdjust Applicator, 14 AWG Wire
63900-0600 MOLEX11-63900-0600 Datasheet
49Kb / 1P
   FineAdjust Applicator, 22 AWG Wire
0639001200 MOLEX-0639001200 Datasheet
38Kb / 1P
   FineAdjust Applicator, 22 AWG Wire
08/26/2022
63900-1000 MOLEX11-63900-1000 Datasheet
49Kb / 1P
   FineAdjust Applicator, 22 AWG Wire
63900-1200 MOLEX11-63900-1200 Datasheet
50Kb / 1P
   FineAdjust Applicator, 22 AWG Wire
logo
Winchester Electronics ...
RM200C-21WA4S-0 WINCHESTER-RM200C-21WA4S-0 Datasheet
127Kb / 1P
   21WA4S GUIDE PIN PLATE ASSEMBLY
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com