Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

29F080-12 Datasheet(PDF) 2 Page - Macronix International

Part # 29F080-12
Description  8M-BIT [1024K x 8] CMOS EQUAL SECTOR FLASH MEMORY
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

29F080-12 Datasheet(HTML) 2 Page - Macronix International

  29F080-12 Datasheet HTML 1Page - Macronix International 29F080-12 Datasheet HTML 2Page - Macronix International 29F080-12 Datasheet HTML 3Page - Macronix International 29F080-12 Datasheet HTML 4Page - Macronix International 29F080-12 Datasheet HTML 5Page - Macronix International 29F080-12 Datasheet HTML 6Page - Macronix International 29F080-12 Datasheet HTML 7Page - Macronix International 29F080-12 Datasheet HTML 8Page - Macronix International 29F080-12 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
2
P/N:PM0579
REV. 1.6, NOV. 21, 2002
MX29F080
PIN CONFIGURATIONS
40 TSOP (Standard Type) (10mm x 20mm)
SYMBOL
PIN NAME
A0~A19
Address Input
Q0~Q7
8 Data Inputs/Outputs
CE
Chip Enable Input
WE
Write Enable Input
OE
Output Enable Input
RESET
Hardware Reset Pin, Active Low
RY/BY
Read/Busy Output
VCC
+5.0V single power supply
VSS
Device Ground
NC
Pin Not Connected Internally
PIN DESCRIPTION
44 SOP
LOGIC SYMBOL
A19
A18
A17
A16
A15
A14
A13
A12
CE
VCC
NC
RESET
A11
A10
A9
A8
A7
A6
A5
A4
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
NC
NC
WE
OE
RY/BY
Q7
Q6
Q5
Q4
VCC
VSS
VSS
Q3
Q2
Q1
Q0
A0
A1
A2
A3
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
MX29F080
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
NC
RESET
A11
A10
A9
A8
A7
A6
A5
A4
NC
NC
A3
A2
A1
A0
Q0
Q1
Q2
Q3
VSS
VSS
VCC
CE
A12
A13
A14
A15
A16
A17
A18
A19
NC
NC
NC
NC
WE
OE
RY/BY
Q7
Q6
Q5
Q4
VCC
8
Q0-Q7
RY/BY
A0-A19
CE
OE
WE
RESET
20


Similar Part No. - 29F080-12

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
29F0818-0SR-10 LSTD-29F0818-0SR-10 Datasheet
144Kb / 1P
   this print is the property of laird tech
29F0818-1SR-10 LSTD-29F0818-1SR-10 Datasheet
133Kb / 1P
   this print is the property of laird tech
More results

Similar Description - 29F080-12

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV065 MCNIX-MX29LV065 Datasheet
747Kb / 64P
   64M-BIT [8M x 8] CMOS EQUAL SECTOR FLASH MEMORY
MX29LV081B MCNIX-MX29LV081B Datasheet
338Kb / 51P
   8M-BIT [1M x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY
MX29F016 MCNIX-MX29F016 Datasheet
868Kb / 37P
   16M-BIT [2M X 8] CMOS EQUAL SECTOR FLASH MEMORY
logo
List of Unclassifed Man...
MX29LV033A ETC1-MX29LV033A Datasheet
348Kb / 56P
   32M-BIT [4M x 8] CMOS EQUAL SECTOR FLASH MEMORY
MX29LV065B ETC1-MX29LV065B Datasheet
338Kb / 51P
   8M-BIT [1M x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY
logo
Macronix International
MX29LV081 MCNIX-MX29LV081 Datasheet
466Kb / 51P
   8M-BIT [1M x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY
logo
ON Semiconductor
ENA2287 ONSEMI-ENA2287 Datasheet
173Kb / 23P
   8M-bit (1024K x 8) Serial Flash Memory
March, 2014 Ver. 2.12
ENA2286 ONSEMI-ENA2286 Datasheet
172Kb / 23P
   8M-bit (1024K x 8) Serial Flash Memory
March, 2014 Ver. 1.62
ENA2261 ONSEMI-ENA2261 Datasheet
203Kb / 23P
   8M-bit (1024K x 8) Serial Flash Memory
December, 2013
ENA2199 ONSEMI-ENA2199 Datasheet
143Kb / 22P
   8M-bit (1024K x 8) Serial Flash Memory
December, 2013 Ver. 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com