Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX29F016TI-12 Datasheet(PDF) 11 Page - Macronix International

Part # MX29F016TI-12
Description  16M-BIT [2M X 8] CMOS EQUAL SECTOR FLASH MEMORY
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29F016TI-12 Datasheet(HTML) 11 Page - Macronix International

Back Button MX29F016TI-12 Datasheet HTML 7Page - Macronix International MX29F016TI-12 Datasheet HTML 8Page - Macronix International MX29F016TI-12 Datasheet HTML 9Page - Macronix International MX29F016TI-12 Datasheet HTML 10Page - Macronix International MX29F016TI-12 Datasheet HTML 11Page - Macronix International MX29F016TI-12 Datasheet HTML 12Page - Macronix International MX29F016TI-12 Datasheet HTML 13Page - Macronix International MX29F016TI-12 Datasheet HTML 14Page - Macronix International MX29F016TI-12 Datasheet HTML 15Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
11
P/N:PM0590
REV. 1.4, NOV. 21, 2002
MX29F016
Q2 toggles when the system reads at addresses within
those sectors that have been selected for erasure. (The
system may use either OE or CE to control the read
cycles.) But Q2 cannot distinguish whether the sector is
actively erasing or is erase-suspended.
Q6, by
comparison, indicates whether the device is actively
erasing, or is in Erase Suspend, but cannot distinguish
which sectors are selected for erasure. Thus, both
status bits are required for sectors and mode information.
Refer to Table 4 to compare outputs for Q2 and Q6.
Reading Toggle Bits Q6/ Q2
Whenever the system initially begins reading toggle bit
status, it must read Q7-Q0 at least twice in a row to
determine whether a toggle bit is toggling. Typically, the
system would note and store the value of the toggle bit
after the first read. After the second read, the system
would compare the new value of the toggle bit with the
first. If the toggle bit is not toggling, the device has
completed the program or erase operation. The system
can read array data on Q7-Q0 on the following read
cycle.
However, if after the initial two read cycles, the system
determines that the toggle bit is still toggling, the system
also should note whether the value of Q5 is high (see the
section on Q5). If it is, the system should then determine
again whether the toggle bit is toggling, since the toggle
bit may have stopped toggling just as Q5 went high. If
the toggle bit is no longer toggling, the device has
successfuly completed the program or erase operation.
If it is still toggling, the device did not complete the
operation successfully, and the system must write the
reset command to return to reading array data.
The remaining scenario is that system initially determines
that the toggle bit is toggling and Q5 has not gone high.
The system may continue to monitor the toggle bit and
Q5 through successive read cycles, determining the
status as described in the previous paragraph.
Alternatively, it may choose to perform other system
tasks. In this case, the system must start at the beginning
of the algorithm when it returns to determine the status
of the operation.
Q6:Toggle BIT I
Toggle Bit I on Q6 indicates whether an Automatic
Program or Erase algorithm is in progress or complete,
or whether the device has entered the Erase Suspend
mode. Toggle Bit I may be read at any address, and is
valid after the rising edge of the final WE pulse in the
command sequence(prior to the program or erase
operation), and during the sector time-out.
During an Automatic Program or Erase algorithm
operation, successive read cycles to any address cause
Q6 to toggle. The system may use either OE or CE to
control the read cycles. When the operation is complete,
Q6 stops toggling.
After an erase command sequence is written, if all
sectors selected for erasing are protected, Q6 toggles
and returns to reading array data. If not all selected
sectors are protected, the Automatic Erase algorithm
erases the unprotected sectors, and ignores the selected
sectors that are protected.
The system can use Q6 and Q2 together to determine
whether a sector is actively erasing or is erase suspended.
When the device is actively erasing (that is, the Automatic
Erase algorithm is in progress), Q6 toggling. When the
device enters the Erase Suspend mode, Q6 stops
toggling. However, the system must also use Q2 to
determine which sectors are erasing or erase-suspended.
Alternatively, the system can use Q7.
If a program address falls within a protected sector, Q6
toggles for approximately 2us after the program command
sequence is written, then returns to reading array data.
Q6 also toggles during the erase-suspend-program
mode, and stops toggling once the Automatic Program
algorithm is complete.
Table 4 shows the outputs for Toggle Bit I on Q6.
Q2:Toggle Bit II
The "Toggle Bit II" on Q2, when used with Q6, indicates
whether a particular sector is actively eraseing (that is,
the Automatic Erase alorithm is in process), or whether
that sector is erase-suspended. Toggle Bit I is valid after
the rising edge of the final WE pulse in the command
sequence.


Similar Part No. - MX29F016TI-12

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F001B MCNIX-MX29F001B Datasheet
587Kb / 42P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
MX29F001T MCNIX-MX29F001T Datasheet
587Kb / 42P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
MX29F001TPC-12 MCNIX-MX29F001TPC-12 Datasheet
587Kb / 42P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
MX29F001TPC-90 MCNIX-MX29F001TPC-90 Datasheet
587Kb / 42P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
MX29F001TQC-12 MCNIX-MX29F001TQC-12 Datasheet
587Kb / 42P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
More results

Similar Description - MX29F016TI-12

ManufacturerPart #DatasheetDescription
logo
SPANSION
MBM29F017A SPANSION-MBM29F017A Datasheet
493Kb / 49P
   FLASH MEMORY CMOS 16M (2M x 8) BIT
MBM29F016A SPANSION-MBM29F016A Datasheet
467Kb / 43P
   FLASH MEMORY CMOS 16M (2M x 8) BIT
logo
Macronix International
MX29F080 MCNIX-MX29F080 Datasheet
664Kb / 38P
   8M-BIT [1024K x 8] CMOS EQUAL SECTOR FLASH MEMORY
MX29LV065 MCNIX-MX29LV065 Datasheet
747Kb / 64P
   64M-BIT [8M x 8] CMOS EQUAL SECTOR FLASH MEMORY
logo
List of Unclassifed Man...
MX29LV033A ETC1-MX29LV033A Datasheet
348Kb / 56P
   32M-BIT [4M x 8] CMOS EQUAL SECTOR FLASH MEMORY
logo
SPANSION
MBM29F160TE70 SPANSION-MBM29F160TE70 Datasheet
575Kb / 49P
   FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT
MBM29LV160T SPANSION-MBM29LV160T Datasheet
731Kb / 58P
   FLASH MEMORY CMOS 16M (2M x 8/1M x 16) BIT
logo
Macronix International
MX29LV640BU MCNIX-MX29LV640BU Datasheet
492Kb / 64P
   64M-BIT [4M x 16] CMOS EQUAL SECTOR FLASH MEMORY
MX29F4000 MCNIX-MX29F4000 Datasheet
247Kb / 36P
   4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY
MX29F040 MCNIX-MX29F040 Datasheet
592Kb / 40P
   4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com