Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX29F100TTA-90 Datasheet(PDF) 6 Page - Macronix International

Part # MX29F100TTA-90
Description  1M-BIT [128Kx8/64Kx16] CMOS FLASH MEMORY
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29F100TTA-90 Datasheet(HTML) 6 Page - Macronix International

Back Button MX29F100TTA-90 Datasheet HTML 2Page - Macronix International MX29F100TTA-90 Datasheet HTML 3Page - Macronix International MX29F100TTA-90 Datasheet HTML 4Page - Macronix International MX29F100TTA-90 Datasheet HTML 5Page - Macronix International MX29F100TTA-90 Datasheet HTML 6Page - Macronix International MX29F100TTA-90 Datasheet HTML 7Page - Macronix International MX29F100TTA-90 Datasheet HTML 8Page - Macronix International MX29F100TTA-90 Datasheet HTML 9Page - Macronix International MX29F100TTA-90 Datasheet HTML 10Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
6
P/N:PM0548
MX29F100T/B
REV. 1.2, NOV. 12, 2001
First Bus
Second Bus
Third Bus
Fourth Bus
Fifth Bus
Sixth Bus
Command
Bus
Cycle
Cycle
Cycle
Cycle
Cycle
Cycle
Cycle
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr Data
Addr Data
Reset
1
XXXH F0H
Read
1
RA
RD
Read Silicon ID Word
4
555H
AAH
2AAH
55H
555H
90H
ADI
DDI
Byte
4
AAAH AAH
555H
55H
AAAH 90H
ADI
DDI
Sector Protect
Word
4
555H AAH
2AAH
55H
555H
90H
(SA) XX00H
Verify
x02H XX01H
Byte
4
AAAH AAH
555H
55H
AAAH 90H
(SA)
00H
x04H
01H
Porgram
Word
4
555H AAH
2AAH
55H
555H A0H
PA
PD
Byte
4
AAAH AAH
555H
55H
AAAH A0H
PA
PD
Chip Erase
Word
6
555H AAH
2AAH
55H
555H
80H
555H AAH
2AAH
55H 555H
10H
Byte
6
AAAH AAH
555H
55H
AAAH 80H
AAAH AAH
555H
55H
AAAH 10H
Sector Erase
Word
6
555H AAH
2AAH
55H
555H
80H
555H AAH
2AAH
55H
SA
30H
Byte
6
AAAH AAH
555H
55H
AAAH 80H
AAAH AAH
555H
55H
SA
30H
Sector Erase Suspend
1
XXXH B0H
Sector Erase Resume
1
XXXH 30H
Unlock for sector
6
555H AAH
2AAH
55H
555H
80H
555H AAH
2AAH 55H
555H 20H
protect/unprotect
TABLE1. SOFTWARE COMMAND DEFINITIONS
Note:
1. ADI = Address of Device identifier; A1=0, A0 = 0 for manufacture code,A1=0, A0 = 1 for device code.
(Refer to table 3)
DDI = Data of Device identifier : C2H for manufacture code, D9H/DFH(x8) and 22D9H/22DFH(x16) for device
code.
X = X can be VIL or VIH
RA=Address of memory location to be read.
RD=Data to be read at location RA.
2. PA = Address of memory location to be programmed.
PD = Data to be programmed at location PA.
SA = Address to the sector to be erased.
3. The system should generate the following address patterns: 555H or 2AAH to Address A10~A0 in word mode/
AAAH or 555H to Address A10~A-1 in byte mode.
Address bit A11~A15=X=Don't care for all address commands except for Program Address (PA) and Sector
Address (SA). Write Sequence may be initiated with A11~A15 in either state.
4. For Sector Protect Verify Operation : If read out data is 01H, it means the sector has been protected. If read out
data is 00H, it means the sector is still not being protected.


Similar Part No. - MX29F100TTA-90

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F1610 MCNIX-MX29F1610 Datasheet
669Kb / 39P
   16M-BIT [2M x8/1M x16] CMOS SINGLE VOLTAGE FLASH EEPROM
MX29F1610A MCNIX-MX29F1610A Datasheet
669Kb / 39P
   16M-BIT [2M x8/1M x16] CMOS SINGLE VOLTAGE FLASH EEPROM
MX29F1610A-10 MCNIX-MX29F1610A-10 Datasheet
669Kb / 39P
   16M-BIT [2M x8/1M x16] CMOS SINGLE VOLTAGE FLASH EEPROM
MX29F1610A-12 MCNIX-MX29F1610A-12 Datasheet
669Kb / 39P
   16M-BIT [2M x8/1M x16] CMOS SINGLE VOLTAGE FLASH EEPROM
MX29F1610A-90 MCNIX-MX29F1610A-90 Datasheet
669Kb / 39P
   16M-BIT [2M x8/1M x16] CMOS SINGLE VOLTAGE FLASH EEPROM
More results

Similar Description - MX29F100TTA-90

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM39LV010 EMC-EM39LV010 Datasheet
282Kb / 23P
   1M Bits (128Kx8) Flash Memory
logo
SPANSION
MBM29F080A SPANSION-MBM29F080A Datasheet
597Kb / 44P
   FLASH MEMORY CMOS 8M (1M x 8) BIT
logo
Sanyo Semicon Device
LE25FU106B SANYO-LE25FU106B Datasheet
143Kb / 21P
   CMOS IC 1M-bit (128K횞8) Serial Flash Memory
logo
SPANSION
MBM29LV008TA SPANSION-MBM29LV008TA Datasheet
449Kb / 51P
   FLASH MEMORY CMOS 8M (1M X 8) BIT
logo
List of Unclassifed Man...
MX28F1000P ETC-MX28F1000P Datasheet
213Kb / 33P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
logo
Macronix International
MX29F001T MCNIX-MX29F001T Datasheet
587Kb / 42P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
MX28F1000P MCNIX-MX28F1000P Datasheet
127Kb / 33P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
MX27L1000 MCNIX-MX27L1000 Datasheet
958Kb / 15P
   1M-BIT [128Kx8] LOW VOLTAGE OPERATION CMOS EPROM
logo
Sanyo Semicon Device
LE25FU106B SANYO-LE25FU106B_11 Datasheet
167Kb / 21P
   1M-bit (128K횞8) Serial Flash Memory
logo
SPANSION
MBM29DL800TA SPANSION-MBM29DL800TA Datasheet
601Kb / 57P
   FLASH MEMORY CMOS 8M (1M x 8 / 512K x 16) BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com