Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX29F022BPC-55 Datasheet(PDF) 9 Page - Macronix International

Part # MX29F022BPC-55
Description  2M-BIT[256K x 8]CMOS FLASH MEMORY
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29F022BPC-55 Datasheet(HTML) 9 Page - Macronix International

Back Button MX29F022BPC-55 Datasheet HTML 5Page - Macronix International MX29F022BPC-55 Datasheet HTML 6Page - Macronix International MX29F022BPC-55 Datasheet HTML 7Page - Macronix International MX29F022BPC-55 Datasheet HTML 8Page - Macronix International MX29F022BPC-55 Datasheet HTML 9Page - Macronix International MX29F022BPC-55 Datasheet HTML 10Page - Macronix International MX29F022BPC-55 Datasheet HTML 11Page - Macronix International MX29F022BPC-55 Datasheet HTML 12Page - Macronix International MX29F022BPC-55 Datasheet HTML 13Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
9
P/N:PM0556
REV. 1.3, NOV. 11, 2002
MX29F022/022NT/B
Note:
1. Q7 and Q2 require a valid address when reading status information. Refer to the appropriate subsection for further
details.
2. Q5 switches to '1' when an Auto Program or Auto Erase operation has exceeded the maximum timing limits.
See "Q5 : Exceeded Timing Limits" for more information.
Status
Q7
Q6
Q5
Q3
Q2
Note1
Note2
Byte Program in Auto Program Algorithm
Q7
Toggle
0
N/A
No Toggle
Auto Erase Algorithm
0
Toggle
0
1
Toggle
Erase Suspend Read
1
No
0
N/A
Toggle
In Progress
(Erase Suspended Sector)
Toggle
Erase Suspended Mode
Erase Suspend Read
Data
Data
Data
Data
Data
(Non-Erase Suspended Sector)
Erase Suspend Program
Q7
Toggle
0
N/A
N/A
Byte Program in Auto Program Algorithm
Q7
Toggle
1
N/A
No Toggle
Exceeded
Auto Erase Algorithm
0
Toggle
1
1
Toggle
Time Limits Erase Suspend Program
Q7
Toggle
1
N/A
N/A
TABLE 4. WRITE OPERATION STATUS


Similar Part No. - MX29F022BPC-55

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F022BPC-12 MCNIX-MX29F022BPC-12 Datasheet
231Kb / 38P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
MX29F022BPC-70 MCNIX-MX29F022BPC-70 Datasheet
231Kb / 38P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
MX29F022BPC-90 MCNIX-MX29F022BPC-90 Datasheet
231Kb / 38P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
More results

Similar Description - MX29F022BPC-55

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX28F2000T MCNIX-MX28F2000T Datasheet
115Kb / 31P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F002 MCNIX-MX29F002 Datasheet
608Kb / 51P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX28F2000P MCNIX-MX28F2000P Datasheet
191Kb / 33P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F022T MCNIX-MX29F022T_98 Datasheet
231Kb / 38P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
MX28F2100B MCNIX-MX28F2100B Datasheet
283Kb / 45P
   2M-BIT [256K x 8/128K x 16] CMOS FLASH MEMORY
MX29LV002CT MCNIX-MX29LV002CT Datasheet
512Kb / 58P
   2M-BIT [256K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
logo
SPANSION
MBM29F017A SPANSION-MBM29F017A Datasheet
493Kb / 49P
   FLASH MEMORY CMOS 16M (2M x 8) BIT
MBM29F016A SPANSION-MBM29F016A Datasheet
467Kb / 43P
   FLASH MEMORY CMOS 16M (2M x 8) BIT
logo
Winbond
W49F020 WINBOND-W49F020 Datasheet
190Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W49F002U WINBOND-W49F002U Datasheet
303Kb / 23P
   256K X 8 CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com