Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX29F100TTA-12 Datasheet(PDF) 2 Page - Macronix International

Part # MX29F100TTA-12
Description  1M-BIT [128Kx8/64Kx16] CMOS FLASH MEMORY
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29F100TTA-12 Datasheet(HTML) 2 Page - Macronix International

  MX29F100TTA-12 Datasheet HTML 1Page - Macronix International MX29F100TTA-12 Datasheet HTML 2Page - Macronix International MX29F100TTA-12 Datasheet HTML 3Page - Macronix International MX29F100TTA-12 Datasheet HTML 4Page - Macronix International MX29F100TTA-12 Datasheet HTML 5Page - Macronix International MX29F100TTA-12 Datasheet HTML 6Page - Macronix International MX29F100TTA-12 Datasheet HTML 7Page - Macronix International MX29F100TTA-12 Datasheet HTML 8Page - Macronix International MX29F100TTA-12 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 47 page
background image
2
P/N:PM0548
MX29F100T/B
REV. 1.2, NOV. 12, 2001
PIN CONFIGURATIONS
44SOP(500mil)
(NORMAL TYPE)
48 TSOP(TYPE I) (12mm x 20mm)
PIN DESCRIPTION:
SYMBOL
PIN NAME
A0-A15
Address Input
Q0-Q14
Data Input/Output
Q15/A-1
Q15(Word mode)/LSB addr.(Byte mode)
CE
Chip Enable Input
OE
Output Enable Input
RESET
Hardware Reset Pin, Active low
WE
Write Enable Input
RY/BY
Ready/Busy Output
BYTE
Word/Byte Selection Input
VCC
Power Supply Pin (+5V)
GND
Ground Pin
NC
Pin Not Connected Internally
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
NC
RY/BY
NC
A7
A6
A5
A4
A3
A2
A1
A0
CE
GND
OE
Q0
Q8
Q1
Q9
Q2
Q10
Q3
Q11
RESET
WE
A8
A9
A10
A11
A12
A13
A14
A15
NC
BYTE
GND
Q15/A-1
Q7
Q14
Q6
Q13
Q5
Q12
Q4
VCC
A15
A14
A13
A12
A11
A10
A9
A8
NC
NC
WE
RESET
NC
NC
RY/BY
NC
NC
A7
A6
A5
A4
A3
A2
A1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
NC
BYTE
GND
Q15/A-1
Q7
Q14
Q6
Q13
Q5
Q12
Q4
VCC
Q11
Q3
Q10
Q2
Q9
Q1
Q8
Q0
OE
GND
CE
A0
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
MX29F100T/B


Similar Part No. - MX29F100TTA-12

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F1610 MCNIX-MX29F1610 Datasheet
669Kb / 39P
   16M-BIT [2M x8/1M x16] CMOS SINGLE VOLTAGE FLASH EEPROM
MX29F1610A MCNIX-MX29F1610A Datasheet
669Kb / 39P
   16M-BIT [2M x8/1M x16] CMOS SINGLE VOLTAGE FLASH EEPROM
MX29F1610A-10 MCNIX-MX29F1610A-10 Datasheet
669Kb / 39P
   16M-BIT [2M x8/1M x16] CMOS SINGLE VOLTAGE FLASH EEPROM
MX29F1610A-12 MCNIX-MX29F1610A-12 Datasheet
669Kb / 39P
   16M-BIT [2M x8/1M x16] CMOS SINGLE VOLTAGE FLASH EEPROM
MX29F1610A-90 MCNIX-MX29F1610A-90 Datasheet
669Kb / 39P
   16M-BIT [2M x8/1M x16] CMOS SINGLE VOLTAGE FLASH EEPROM
More results

Similar Description - MX29F100TTA-12

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM39LV010 EMC-EM39LV010 Datasheet
282Kb / 23P
   1M Bits (128Kx8) Flash Memory
logo
SPANSION
MBM29F080A SPANSION-MBM29F080A Datasheet
597Kb / 44P
   FLASH MEMORY CMOS 8M (1M x 8) BIT
logo
Sanyo Semicon Device
LE25FU106B SANYO-LE25FU106B Datasheet
143Kb / 21P
   CMOS IC 1M-bit (128K횞8) Serial Flash Memory
logo
SPANSION
MBM29LV008TA SPANSION-MBM29LV008TA Datasheet
449Kb / 51P
   FLASH MEMORY CMOS 8M (1M X 8) BIT
logo
List of Unclassifed Man...
MX28F1000P ETC-MX28F1000P Datasheet
213Kb / 33P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
logo
Macronix International
MX29F001T MCNIX-MX29F001T Datasheet
587Kb / 42P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
MX28F1000P MCNIX-MX28F1000P Datasheet
127Kb / 33P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
MX27L1000 MCNIX-MX27L1000 Datasheet
958Kb / 15P
   1M-BIT [128Kx8] LOW VOLTAGE OPERATION CMOS EPROM
logo
Sanyo Semicon Device
LE25FU106B SANYO-LE25FU106B_11 Datasheet
167Kb / 21P
   1M-bit (128K횞8) Serial Flash Memory
logo
SPANSION
MBM29DL800TA SPANSION-MBM29DL800TA Datasheet
601Kb / 57P
   FLASH MEMORY CMOS 8M (1M x 8 / 512K x 16) BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com