Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL55110EVAL1Z Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL55110EVAL1Z
Description  Dual, High Speed MOSFET Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55110EVAL1Z Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL55110EVAL1Z Datasheet HTML 4Page - Intersil Corporation ISL55110EVAL1Z Datasheet HTML 5Page - Intersil Corporation ISL55110EVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL55110EVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL55110EVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL55110EVAL1Z Datasheet HTML 9Page - Intersil Corporation ISL55110EVAL1Z Datasheet HTML 10Page - Intersil Corporation ISL55110EVAL1Z Datasheet HTML 11Page - Intersil Corporation ISL55110EVAL1Z Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
ISL55110, ISL55111
8
FN6228.8
January 29, 2015
Submit Document Feedback
FIGURE 12. IDD vs FREQUENCY (DUAL CHANNEL, NO LOAD)
FIGURE 13. IH vs FREQUENCY (DUAL CHANNEL, NO LOAD)
FIGURE 14. VIH LOGIC THRESHOLDS vs VDD
FIGURE 15. VIL LOGIC THRESHOLDS vs VDD
FIGURE 16. tR vs TEMPERATURE
FIGURE 17. tF vs TEMPERATURE
Typical Performance Curves (See “Typical Performance Curves Discussion” on page 11) (Continued)
15.0
13.5
12.0
10.5
9.0
7.5
6.0
4.5
3.0
1.5
0
50
66
100
124
128
TOGGLE FREQUENCY (MHz)
VH = 5.0V
VDD = 3.6V
200
180
160
140
120
100
80
60
40
20
0
50
100
128
TOGGLE FREQUENCY (MHz)
66
124
VH = 5.0V
VDD = 3.6V
1.5
1.4
1.3
1.2
1.1
1.0
2.5
3.5
4.5
5.5
VDD (V)
-40°C
+85°C
1.5
1.4
1.3
1.2
1.1
1.0
2.5
3.5
4.5
5.5
VDD (V)
-40°C
+85°C
10
9
8
7
6
5
4
3
2
1
0
-40
-10
+20
+50
+85
PACKAGE TEMPERATURE (°C)
330pF
680pF
VDD = 3.6V
VH = 12.0V
10
9
8
7
6
5
4
3
2
1
0
-40
-10
+20
+50
+85
PACKAGE TEMPERATURE (°C)
VDD = 3.6V
VH = 12.0V
680pF
330pF


Similar Part No. - ISL55110EVAL1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL55110EVAL1Z RENESAS-ISL55110EVAL1Z Datasheet
815Kb / 18P
   Dual, High Speed MOSFET Driver
More results

Similar Description - ISL55110EVAL1Z

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
MD1213 SUTEX-MD1213 Datasheet
708Kb / 7P
   High Speed Dual MOSFET Driver
logo
Intersil Corporation
ISL55110IVZ-T INTERSIL-ISL55110IVZ-T Datasheet
434Kb / 18P
   Dual, High Speed MOSFET Driver
ISL55110 INTERSIL-ISL55110 Datasheet
311Kb / 15P
   Dual, High Speed MOSFET Driver
logo
Supertex, Inc
MD1210 SUTEX-MD1210_07 Datasheet
532Kb / 7P
   High Speed Dual MOSFET Driver
logo
Intersil Corporation
ISL55110 INTERSIL-ISL55110_11 Datasheet
413Kb / 15P
   Dual, High Speed MOSFET Driver
ISL55110_0712 INTERSIL-ISL55110_0712 Datasheet
305Kb / 15P
   Dual, High Speed MOSFET Driver
logo
Supertex, Inc
MD1210 SUTEX-MD1210 Datasheet
178Kb / 5P
   HIGH SPEED DUAL MOSFET DRIVER
logo
Renesas Technology Corp
ISL55110 RENESAS-ISL55110 Datasheet
815Kb / 18P
   Dual, High Speed MOSFET Driver
logo
Texas Instruments
TPS2811-Q1 TI1-TPS2811-Q1 Datasheet
998Kb / 30P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVER
logo
Supertex, Inc
MD1211 SUTEX-MD1211 Datasheet
377Kb / 4P
   High Speed, Dual MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com